Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB39SC256800FE-6 Datasheet(PDF) 4 Page - Qimonda AG

Part # HYB39SC256800FE-6
Description  256-MBit Synchronous DRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYB39SC256800FE-6 Datasheet(HTML) 4 Page - Qimonda AG

  HYB39SC256800FE-6 Datasheet HTML 1Page - Qimonda AG HYB39SC256800FE-6 Datasheet HTML 2Page - Qimonda AG HYB39SC256800FE-6 Datasheet HTML 3Page - Qimonda AG HYB39SC256800FE-6 Datasheet HTML 4Page - Qimonda AG HYB39SC256800FE-6 Datasheet HTML 5Page - Qimonda AG HYB39SC256800FE-6 Datasheet HTML 6Page - Qimonda AG HYB39SC256800FE-6 Datasheet HTML 7Page - Qimonda AG HYB39SC256800FE-6 Datasheet HTML 8Page - Qimonda AG HYB39SC256800FE-6 Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Internet Data Sheet
Rev. 1.25, 2007-06
4
03062006-NMGU-CQ9D
HY[B/I]39SC256[80/16]0F[E/F]
256-MBit Synchronous DRAM
1.2
Description
The
HY[B/I]39SC256[80/16]0F[E/F]
are
four
bank
Synchronous
DRAM’s
organized
as 16 MBit
×8
and 8 Mbit x16 respectively. These synchronous devices
achieve high speed data transfer rates for CAS latencies by
employing a chip architecture that prefetches multiple bits
and then synchronizes the output data to a system clock. The
chip is fabricated with Qimonda advanced 0.11
µm 256-MBit
DRAM process technology.
The device is designed to comply with all industry standards
set for synchronous DRAM products, both electrically and
mechanically. All of the control, address, data input and
output circuits are synchronized with the positive edge of an
externally supplied clock.
Operating the four memory banks in an interleave fashion
allows random access operation to occur at a higher rate than
is possible with standard DRAMs. A sequential and gapless
data rate is possible depending on burst length, CAS latency
and speed grade of the device.
Auto Refresh (CBR) and Self Refresh operation are
supported. These devices operate with a single 3.3 V ± 0.3 V
power supply. All 256-Mbit components are available in PG–
TSOPII–54 and PG-TFBGA-54 packages.
TABLE 2
Ordering Information for RoHS Compliant Products
Note: For product nomenclature see Chapter 6 of this data sheet
Product Type1)
1) Please check with your Qimonda representative that leadtime and availability of your preferred device and version meet your project
requirements.
Speed Grade
Description
Package
Note
Standard Operating Temperature (0 to 70
°C)
HYB39SC256800FE-6
PC166–333
166MHz 16M
×8 SDRAM
PG-TSOPII-54
2)
2) RoHS Compliant Product: Restriction of the use of certain hazardous substances (RoHS) in electrical and electronic equipment as defined
in the directive 2002/95/EC issued by the European Parliament and of the Council of 27 January 2003. These substances include mercury,
lead, cadmium, hexavalent chromium, polybrominated biphenyls and polybrominated biphenyl ethers.
HYB39SC256160FE-6
166MHz 8M
×16 SDRAM
HYB39SC256800FE-7
PC133–222
143MHz 16M
×8 SDRAM
HYB39SC256800FEH-7
HYB39SC256160FE-7
143MHz 8M
×16 SDRAM
HYB39SC256160FEH-7
HYB39SC256160FF-6
PC166–333
166MHz 8M
×16 SDRAM
PG-TFBGA-54
2)
HYB39SC256160FF-7
PC133–222
143MHz 8M
×16 SDRAM
HYB39SC256800FF-7
143MHz 8M
×8SDRAM
Industrial Operating Temperature (-40 to 85
°C)
HYI39SC256800FE-6
PC166–333
166MHz 16M
×8 SDRAM
PG-TSOPII-54
2)
HYI39SC256160FE-6
166MHz 8M
×16 SDRAM
HYI39SC256800FE-7
PC133–222
143MHz 16M
×8 SDRAM
HYI39SC256160FE-7
143MHz 8M
×16 SDRAM


Similar Part No. - HYB39SC256800FE-6

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB39SC128160FE QIMONDA-HYB39SC128160FE Datasheet
1Mb / 20P
   128-MBit Synchronous DRAM
HYB39SC128160FE-6 QIMONDA-HYB39SC128160FE-6 Datasheet
1Mb / 20P
   128-MBit Synchronous DRAM
HYB39SC128160FE-7 QIMONDA-HYB39SC128160FE-7 Datasheet
1Mb / 20P
   128-MBit Synchronous DRAM
HYB39SC128800FE QIMONDA-HYB39SC128800FE Datasheet
1Mb / 20P
   128-MBit Synchronous DRAM
HYB39SC128800FE-6 QIMONDA-HYB39SC128800FE-6 Datasheet
1Mb / 20P
   128-MBit Synchronous DRAM
More results

Similar Description - HYB39SC256800FE-6

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16160B-6BL ISSI-IS42S16160B-6BL Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
IS42R83200D ISSI-IS42R83200D Datasheet
1Mb / 62P
   256-MBIT SYNCHRONOUS DRAM
logo
Siemens Semiconductor G...
HYB39S256400 SIEMENS-HYB39S256400 Datasheet
425Kb / 56P
   256 MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S256400D INFINEON-HYB39S256400D Datasheet
630Kb / 28P
   256-MBit Synchronous DRAM
Rev. 1.02, Feb. 2004
HYB39S256400DT INFINEON-HYB39S256400DT Datasheet
564Kb / 22P
   256 MBit Synchronous DRAM
2002-04-23
logo
Qimonda AG
HYB39S256407FE QIMONDA-HYB39S256407FE Datasheet
1Mb / 27P
   256-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16160 ISSI-IS42S16160 Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
logo
Infineon Technologies A...
HYB39L256160AC INFINEON-HYB39L256160AC Datasheet
632Kb / 48P
   256 MBit Synchronous Low-Power DRAM
2002-12-20
logo
Integrated Silicon Solu...
IS42S83200B ISSI-IS42S83200B Datasheet
630Kb / 62P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
IS42S83200D ISSI-IS42S83200D Datasheet
1Mb / 63P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com