Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5C4-Q40P Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E5C4-Q40P
Description  DIN-sized (48 x 48 mm) Temperature Controller With Digital Setting
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5C4-Q40P Datasheet(HTML) 3 Page - Omron Electronics LLC

  E5C4-Q40P Datasheet HTML 1Page - Omron Electronics LLC E5C4-Q40P Datasheet HTML 2Page - Omron Electronics LLC E5C4-Q40P Datasheet HTML 3Page - Omron Electronics LLC E5C4-Q40P Datasheet HTML 4Page - Omron Electronics LLC E5C4-Q40P Datasheet HTML 5Page - Omron Electronics LLC E5C4-Q40P Datasheet HTML 6Page - Omron Electronics LLC E5C4-Q40P Datasheet HTML 7Page - Omron Electronics LLC E5C4-Q40P Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
E5C4
E5C4
3
Nomenclature
Temperature indicator
Digital switch for
temperature setting
Operation indicator
RESET shaft
Negative Value Display (Example: –18
°C)
Indicates that the temperature
is below 0
°C.
Note:
The E5C4 does not have a parameter display any tempera-
ture below 0
°C. Therefore, the accuracy of any tempera-
ture below 0
° displayed by the E5C4 cannot be guaranteed.
Overflow Display
The following will be displayed if the sensor burnout detection circuit
operates or the process value exceeds the temperature range that
has been preset.
(Except models with a set temperature range from 0
°C to 399°C,
32
°F to 799°F and 32°F to 199°F.)
0
°C to 999°C or 0°C to 99.9°C
or 32
°F to 999°F
0
°C to 399°C
32
°F to 799°F
32
°F to 199°F
Operation Indicator
Indicator
Output
Red
Lit
ON
Not lit
OFF


Similar Part No. - E5C4-Q40P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5C2 OMRON-E5C2 Datasheet
277Kb / 6P
   DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
E5C2-Q20G OMRON-E5C2-Q20G Datasheet
277Kb / 6P
   DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
E5C2-Q20GD OMRON-E5C2-Q20GD Datasheet
277Kb / 6P
   DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
E5C2-Q20J OMRON-E5C2-Q20J Datasheet
277Kb / 6P
   DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
E5C2-Q20JD OMRON-E5C2-Q20JD Datasheet
277Kb / 6P
   DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
More results

Similar Description - E5C4-Q40P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5C2 OMRON-E5C2 Datasheet
277Kb / 6P
   DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
H3CA-A OMRON-H3CA-A Datasheet
2Mb / 16P
   DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
H3CA8DC24 OMRON-H3CA8DC24 Datasheet
1Mb / 16P
   DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
logo
Fuji Electric
EDS11-158C FUJI-EDS11-158C Datasheet
248Kb / 12P
   PX series digital temperature controller MICRO-CONTROLLER X (48 횞 48 mm)
logo
Omron Electronics LLC
E5CS-X OMRON-E5CS-X Datasheet
173Kb / 12P
   Temperature Controller DIN-sized (48��48 mm) Temperature Controller Features Automatic P (proportional action) Tuning Function
Y92S-27 OMRON-Y92S-27 Datasheet
6Mb / 61P
   DIN 48 x 48-mm Multifunctional Timer Series
logo
Schneider Electric
RE48ASETCOV SCHNEIDER-RE48ASETCOV Datasheet
104Kb / 3P
   Harmony, Setting protective cover for timing relay 48 x 48 mm
logo
Fuji Electric
EDS11-159C FUJI-EDS11-159C Datasheet
297Kb / 16P
   PX series digital temperature controller MICRO-CONTROLLER X (48 횞 96 mm)
EDS11-87A FUJI-EDS11-87A Datasheet
333Kb / 5P
   48mm TEMPERATURE CONTROLLER(Z-48)
EDS11-44A FUJI-EDS11-44A Datasheet
271Kb / 5P
   DIGITAL SETTING TEMPERATURE CONTROLLER DIGIZET MINI
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com