Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7220ADRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7220ADRG4
Description  DUAL DIGITAL ISOLATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7220ADRG4 Datasheet(HTML) 2 Page - Texas Instruments

  ISO7220ADRG4 Datasheet HTML 1Page - Texas Instruments ISO7220ADRG4 Datasheet HTML 2Page - Texas Instruments ISO7220ADRG4 Datasheet HTML 3Page - Texas Instruments ISO7220ADRG4 Datasheet HTML 4Page - Texas Instruments ISO7220ADRG4 Datasheet HTML 5Page - Texas Instruments ISO7220ADRG4 Datasheet HTML 6Page - Texas Instruments ISO7220ADRG4 Datasheet HTML 7Page - Texas Instruments ISO7220ADRG4 Datasheet HTML 8Page - Texas Instruments ISO7220ADRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
SINGLE-CHANNEL FUNCTION DIAGRAM
Input
+
Filter
GalvanicIsolation
Barrier
Vref
Vref
DataMUX
OUT
IN
OSC
+
PWM
ACDetect
OutputBuffer
DCChannel
ACChannel
Filter
PulseWidth
Demodulation
CarrierDetect
ISO7220A, ISO7220C, ISO7220M
ISO7221A, ISO7221C, ISO7221M
SLLS755F – JULY 2006 – REVISED AUGUST 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
PRODUCT
SIGNALING
PACKAGE
INPUT
CHANNEL
MARKED
ORDERING
RATE
THRESHOLD
DIRECTION
AS
NUMBER
ISO7220AD (rail)
≈ 1.5 V (TTL)
ISO7220A
1 Mbps
SOIC-8
I7220A
(CMOS compatible)
ISO7220ADR (reel)
ISO7220CD (rail)
≈ 1.5 V (TTL)
ISO7220C
25 Mbps
SOIC-8
Same direction
I7220C
(CMOS compatible)
ISO7220CDR (reel)
ISO7220MD (rail)
ISO7220M
150 Mbps
SOIC-8
VCC/2 (CMOS)
I7220M
ISO7220MDR (reel)
ISO7221AD (rail)
≈ 1.5 V (TTL)
ISO7221A
1 Mbps
SOIC-8
I7221A
(CMOS compatible)
ISO7221ADR (reel)
ISO7221CD (rail)
≈ 1.5 V (TTL)
ISO7221C
25 Mbps
SOIC-8
Opposite directions
TI7221C
(CMOS compatible)
ISO7221CDR (reel)
ISO7221MD (rail)
ISO7221M
150 Mbps
SOIC-8
VCC/2 (CMOS)
I7221M
ISO7221MDR (reel)
REGULATORY INFORMATION
VDE
CSA
UL
Approved under CSA Component
Recognized under 1577 Component
Certified according to IEC 60747-5-2
Acceptance Notice
Recognition Program(1)
File Number: 40014131
File Number: 1698195
File Number: E181974
(1)
Production tested
≥3000 VRMS for 1 second in accordance with UL 1577.
2
Submit Documentation Feedback


Similar Part No. - ISO7220ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7220ADRG4 TI-ISO7220ADRG4 Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220ADRG4 TI1-ISO7220ADRG4 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Channel Digital Isolators
More results

Similar Description - ISO7220ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A-Q1 TI1-ISO7220A-Q1 Datasheet
751Kb / 24P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
704Kb / 20P
   Dual-Channel Digital Isolators
REV. B
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7220A TI1-ISO7220A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Channel Digital Isolators
logo
Analog Devices
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7421A-Q1 TI1-ISO7421A-Q1 Datasheet
752Kb / 20P
[Old version datasheet]   LOW-POWER DUAL DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com