Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB18TC256800BF-3.7 Datasheet(PDF) 3 Page - Qimonda AG

Part # HYB18TC256800BF-3.7
Description  256-Mbit Double-Data-Rate-Two SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYB18TC256800BF-3.7 Datasheet(HTML) 3 Page - Qimonda AG

  HYB18TC256800BF-3.7 Datasheet HTML 1Page - Qimonda AG HYB18TC256800BF-3.7 Datasheet HTML 2Page - Qimonda AG HYB18TC256800BF-3.7 Datasheet HTML 3Page - Qimonda AG HYB18TC256800BF-3.7 Datasheet HTML 4Page - Qimonda AG HYB18TC256800BF-3.7 Datasheet HTML 5Page - Qimonda AG HYB18TC256800BF-3.7 Datasheet HTML 6Page - Qimonda AG HYB18TC256800BF-3.7 Datasheet HTML 7Page - Qimonda AG HYB18TC256800BF-3.7 Datasheet HTML 8Page - Qimonda AG HYB18TC256800BF-3.7 Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
Internet Data Sheet
Rev. 1.3, 2007-05
3
07182006-DD60-22E6
HYB18TC256[80/16]0BF
256-Mbit Double-Data-Rate-Two SDRAM
1Overview
This chapter gives an overview of the 256-Mbit Double-Data-Rate-Two SDRAM product family and describes its main
characteristics.
1.1
Features
The 256-Mbit Double-Data-Rate-Two SDRAM offers the following key features:
• 1.8 V
± 0.1 V Power Supply
• 1.8 V
± 0.1 V (SSTL_18) compatible I/O
• DRAM organizations with 8 and 16 data in/outputs
• Double Data Rate architecture: two data transfers per
clock cycle four internal banks for concurrent operation
• Programmable CAS Latency: 3, 4, 5 and 6
• Programmable Burst Length: 4 and 8
• Differential clock inputs (CK and CK)
• Bi-directional, differential data strobes (DQS and DQS) are
transmitted / received with data. Edge aligned with read
data and center-aligned with write data.
• DLL aligns DQ and DQS transitions with clock
•DQS can be disabled for single-ended data strobe
operation
• Commands entered on each positive clock edge, data and
data mask are referenced to both edges of DQS
• Data masks (DM) for write data
• Posted CAS by programmable additive latency for better
command and data bus efficiency
• Off-Chip-Driver impedance adjustment (OCD) and On-
Die-Termination (ODT) for better signal quality
• Auto-Precharge operation for read and write bursts
• Auto-Refresh, Self-Refresh and power saving Power-
Down modes
• Average Refresh Period 7.8
µs at a T
CASE lower than
85 °C, 3.9
µs between 85 °C and 95 °C
• Programmable self refresh rate via EMRS2 setting
• Programmable partial array refresh via EMRS2 settings
• DCC enabling via EMRS2 setting
• Full and reduced Strength Data-Output Drivers
• 1K page size
• Packages: PG-TFBGA-84, PG-TFBGA-60
• RoHS Compliant Products1)
• All Speed grades faster than DDR400 comply with
DDR400 timing specifications when run at a clock rate of
200 MHz
TABLE 1
Performance tables for –2.5
1) RoHS Compliant Product: Restriction of the use of certain hazardous substances (RoHS) in electrical and electronic equipment as defined
in the directive 2002/95/EC issued by the European Parliament and of the Council of 27 January 2003. These substances include mercury,
lead, cadmium, hexavalent chromium, polybrominated biphenyls and polybrominated biphenyl ethers.
Product Type Speed Code
–2.5
Unit
Speed Grade
DDR2–800E 6–6–6
Max. Clock Frequency
@CL6
f
CK6
400
MHz
@CL5
f
CK5
333
MHz
@CL4
f
CK4
266
MHz
@CL3
f
CK3
200
MHz
Min. RAS-CAS-Delay
t
RCD
15
ns
Min. Row Precharge Time
t
RP
15
ns
Min. Row Active Time
t
RAS
45
ns
Min. Row Cycle Time
t
RC
60
ns


Similar Part No. - HYB18TC256800BF-3.7

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18TC256160AF QIMONDA-HYB18TC256160AF Datasheet
2Mb / 54P
   256-Mbit Double-Data-Rate-Two SDRAM DDR2 SDRAM
HYB18TC256160AF-3.7 QIMONDA-HYB18TC256160AF-3.7 Datasheet
2Mb / 54P
   256-Mbit Double-Data-Rate-Two SDRAM DDR2 SDRAM
HYB18TC256160AF-3.7 QIMONDA-HYB18TC256160AF-3.7 Datasheet
1Mb / 55P
   256-Mbit Double-Data-Rate-Two SDRAM DDR2 SDRAM
HYB18TC256160AF-3S QIMONDA-HYB18TC256160AF-3S Datasheet
2Mb / 54P
   256-Mbit Double-Data-Rate-Two SDRAM DDR2 SDRAM
HYB18TC256160AF-3S QIMONDA-HYB18TC256160AF-3S Datasheet
1Mb / 55P
   256-Mbit Double-Data-Rate-Two SDRAM DDR2 SDRAM
More results

Similar Description - HYB18TC256800BF-3.7

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18T256400BF QIMONDA-HYB18T256400BF Datasheet
4Mb / 71P
   256-Mbit Double-Data-Rate-Two SDRAM
HYB18TC256160AF QIMONDA-HYB18TC256160AF Datasheet
2Mb / 54P
   256-Mbit Double-Data-Rate-Two SDRAM DDR2 SDRAM
HYB18TC256160AF QIMONDA-HYB18TC256160AF_1 Datasheet
1Mb / 55P
   256-Mbit Double-Data-Rate-Two SDRAM DDR2 SDRAM
logo
Infineon Technologies A...
HYB25D256400B INFINEON-HYB25D256400B Datasheet
2Mb / 83P
   256 Mbit Double Data Rate SDRAM
Rev. 1.2, Feb. 2004
HYB25D256800CT INFINEON-HYB25D256800CT Datasheet
3Mb / 94P
   256 Mbit Double Data Rate SDRAM
Rev. 1.6, Dec. 2004
logo
Qimonda AG
HYB25D256800CE QIMONDA-HYB25D256800CE Datasheet
2Mb / 39P
   256-Mbit Double-Data-Rate SDRAM
logo
Infineon Technologies A...
HYB18T512400AC5 INFINEON-HYB18T512400AC5 Datasheet
2Mb / 96P
   512-Mbit Double-Data-Rate-Two SDRAM
Rev. 1.13, Mai 2004
logo
Qimonda AG
HYB18T512400AF QIMONDA-HYB18T512400AF Datasheet
2Mb / 58P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18T512400BF QIMONDA-HYB18T512400BF Datasheet
2Mb / 57P
   512-Mbit Double-Data-Rate-Two SDRAM
HYB18TC512160BF QIMONDA-HYB18TC512160BF Datasheet
3Mb / 61P
   512-Mbit Double-Data-Rate-Two SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com