Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB18M1G320BF-7.5 Datasheet(PDF) 3 Page - Qimonda AG

Part # HYB18M1G320BF-7.5
Description  DRAMs for Mobile Applications 1-Gbit x32 DDR Mobile-RAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYB18M1G320BF-7.5 Datasheet(HTML) 3 Page - Qimonda AG

  HYB18M1G320BF-7.5 Datasheet HTML 1Page - Qimonda AG HYB18M1G320BF-7.5 Datasheet HTML 2Page - Qimonda AG HYB18M1G320BF-7.5 Datasheet HTML 3Page - Qimonda AG HYB18M1G320BF-7.5 Datasheet HTML 4Page - Qimonda AG HYB18M1G320BF-7.5 Datasheet HTML 5Page - Qimonda AG HYB18M1G320BF-7.5 Datasheet HTML 6Page - Qimonda AG HYB18M1G320BF-7.5 Datasheet HTML 7Page - Qimonda AG HYB18M1G320BF-7.5 Datasheet HTML 8Page - Qimonda AG HYB18M1G320BF-7.5 Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
Data Sheet
Rev.1.00, 2007-03
3
02022006-J7N7-GYFP
HY[B/E]18M1G320BF
1-Gbit DDR Mobile-RAM
1Overview
1.1
Features
• Low power DDR 1Gbit x32 dual die implementation
• Each die is organized as 4 banks x 8 Mbit x16
• Double-data-rate architecture: two data transfers per clock cycle
• Bidirectional data strobe (DQS) is transmitted / received with data; to be used in capturing data at the receiver
• DQS is edge-aligned with data for READs and center-aligned with data for WRITEs
• Differential clock input (CK / CK)
• Commands entered on positive CK edge; data and mask data are referenced to both edges of DQS
• Four internal banks for concurrent operation
• Programmable CAS latency: 2 and 3
• Programmable burst length: 2, 4, 8 and 16
• Programmable drive strength (full, half, quarter)
• Auto refresh and self refresh modes
• 8192 refresh cycles / 64ms
• Auto precharge
• Commercial (-0
°C to +70°C) and Extended (-25°C to +85°C) operating temperature ranges
• 90-ball PG-VFBGA-90-5 package (11
× 12.5 × 1.0 mm)
• RoHS Compliant Product1)
Power Saving Features
• Low supply voltages:
V
DD and VDDQ = 1.80 V nominal
• Optimized operating (
I
DD0, IDD4), self refresh (IDD6) and standby currents (IDD2, IDD3)
• DDR I/O scheme with no DLL
• Programmable Partial Array Self Refresh (PASR)
• Temperature Compensated Self-Refresh (TCSR), controlled by on-chip temperature sensor
• Clock Stop, Power-Down and Deep Power-Down modes
TABLE 1
Performance
1) RoHS Compliant Product: Restriction of the use of certain hazardous substances (RoHS) in electrical and electronic equipment as defined
in the directive 2002/95/EC issued by the European Parliament and of the Council of 27 January 2003. These substances include mercury,
lead, cadmium, hexavalent chromium, polybrominated biphenyls and polybrominated biphenyl ethers.
Part Number Speed Code
- 7.5
Unit
Clock Frequency (
f
CKmax)
CL = 3
133
MHz
CL = 2
66
MHz
Access Time (
t
ACmax)
6.5
ns


Similar Part No. - HYB18M1G320BF-7.5

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18M1G16 QIMONDA-HYB18M1G16 Datasheet
3Mb / 65P
   1-Gbit x16 DDR Mobile-RAM
HYB18M1G160BF-6 QIMONDA-HYB18M1G160BF-6 Datasheet
3Mb / 65P
   1-Gbit x16 DDR Mobile-RAM
HYB18M1G160BF-7.5 QIMONDA-HYB18M1G160BF-7.5 Datasheet
3Mb / 65P
   1-Gbit x16 DDR Mobile-RAM
HYB18M1G161BF-6 QIMONDA-HYB18M1G161BF-6 Datasheet
3Mb / 65P
   1-Gbit x16 DDR Mobile-RAM
HYB18M1G161BF-7.5 QIMONDA-HYB18M1G161BF-7.5 Datasheet
3Mb / 65P
   1-Gbit x16 DDR Mobile-RAM
More results

Similar Description - HYB18M1G320BF-7.5

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18M512160BFX QIMONDA-HYB18M512160BFX Datasheet
1Mb / 52P
   DRAMs for Mobile Applications 512-Mbit DDR Mobile-RAM
HYB18M1G16 QIMONDA-HYB18M1G16 Datasheet
3Mb / 65P
   1-Gbit x16 DDR Mobile-RAM
HYB18M512160BF-6 QIMONDA-HYB18M512160BF-6 Datasheet
793Kb / 24P
   DRAMs for Mobile Applications 512-Mbit DDR Mobile-RAM RoHS compliant
HYB18L256160BCX-7.5 QIMONDA-HYB18L256160BCX-7.5 Datasheet
1Mb / 48P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18L256169BFX QIMONDA-HYB18L256169BFX Datasheet
1Mb / 47P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18L128160BF QIMONDA-HYB18L128160BF Datasheet
1Mb / 55P
   DRAMs for Mobile Applications 128-Mbit Mobile-RAM
HYB18L512160BF-7.5 QIMONDA-HYB18L512160BF-7.5 Datasheet
1Mb / 57P
   DRAMs for Mobile Applications 512-Mbit Mobile-RAM
HYB18L256160B QIMONDA-HYB18L256160B Datasheet
2Mb / 58P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18L512320BF-7.5 QIMONDA-HYB18L512320BF-7.5 Datasheet
991Kb / 23P
   DRAMs for Mobile Applications 512-Mbit SDR Mobile-RAM
HYB18M256320CF QIMONDA-HYB18M256320CF Datasheet
1Mb / 26P
   DRAMs for Mobile Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com