Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB25D256800CC-5 Datasheet(PDF) 10 Page - Qimonda AG

Part # HYB25D256800CC-5
Description  256-Mbit Double-Data-Rate SDRAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYB25D256800CC-5 Datasheet(HTML) 10 Page - Qimonda AG

Back Button HYB25D256800CC-5 Datasheet HTML 6Page - Qimonda AG HYB25D256800CC-5 Datasheet HTML 7Page - Qimonda AG HYB25D256800CC-5 Datasheet HTML 8Page - Qimonda AG HYB25D256800CC-5 Datasheet HTML 9Page - Qimonda AG HYB25D256800CC-5 Datasheet HTML 10Page - Qimonda AG HYB25D256800CC-5 Datasheet HTML 11Page - Qimonda AG HYB25D256800CC-5 Datasheet HTML 12Page - Qimonda AG HYB25D256800CC-5 Datasheet HTML 13Page - Qimonda AG HYB25D256800CC-5 Datasheet HTML 14Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Internet Data Sheet
Rev. 2.3, 2007-03
10
03062006-8CCM-VPUW
HY[B/I]25D256[16/40/80]0C[E/C/F/T](L)
256 Mbit Double-Data-Rate SDRAM
TABLE 5
Abbreviations for Pin Type
TABLE 6
Abbreviations for Buffer Type
E7, 16
NC
NC
Not Connected
Note:
×8 and ×4 organization
E9, 13
NC
NC
Not Connected
Note:
×8 and ×4 organization
F7, 20
NC
NC
Not Connected
Note:
×8 and ×4 organization
F9, 14, 17, 19,
25,43, 50, 53
NC
NC
Not Connected
Note:
×16,×8 and ×4 organization
Abbreviation
Description
I
Standard input-only pin. Digital levels.
O
Output. Digital levels.
I/O
I/O is a bidirectional input/output signal.
AI
Input. Analog levels.
PWR
Power
GND
Ground
NC
Not Connected
Abbreviation
Description
SSTL
Serial Stub Terminated Logic (SSTL2)
LV-CMOS
Low Voltage CMOS
CMOS
CMOS Levels
OD
Open Drain. The corresponding pin has 2 operational states, active low and tristate, and
allows multiple devices to share as a wire-OR.
Ball#/Pin#
Name
Pin
Type
Buffer
Type
Function


Similar Part No. - HYB25D256800CC-5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB25D256800CC-5 INFINEON-HYB25D256800CC-5 Datasheet
3Mb / 94P
   256 Mbit Double Data Rate SDRAM
Rev. 1.6, Dec. 2004
More results

Similar Description - HYB25D256800CC-5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB25D256400B INFINEON-HYB25D256400B Datasheet
2Mb / 83P
   256 Mbit Double Data Rate SDRAM
Rev. 1.2, Feb. 2004
HYB25D256800CT INFINEON-HYB25D256800CT Datasheet
3Mb / 94P
   256 Mbit Double Data Rate SDRAM
Rev. 1.6, Dec. 2004
logo
Qimonda AG
HYB18T256400BF QIMONDA-HYB18T256400BF Datasheet
4Mb / 71P
   256-Mbit Double-Data-Rate-Two SDRAM
HYB18TC256800BF QIMONDA-HYB18TC256800BF Datasheet
3Mb / 62P
   256-Mbit Double-Data-Rate-Two SDRAM
HYB18TC256160AF QIMONDA-HYB18TC256160AF Datasheet
2Mb / 54P
   256-Mbit Double-Data-Rate-Two SDRAM DDR2 SDRAM
HYB18TC256160AF QIMONDA-HYB18TC256160AF_1 Datasheet
1Mb / 55P
   256-Mbit Double-Data-Rate-Two SDRAM DDR2 SDRAM
logo
Infineon Technologies A...
HYB25D256400BT INFINEON-HYB25D256400BT Datasheet
2Mb / 77P
   256-Mbit Double Data Rate SDRAM, Die Rev. B
2003-01-09, V1.1
logo
Qimonda AG
HYB25DC256163CE-4 QIMONDA-HYB25DC256163CE-4 Datasheet
1Mb / 29P
   256-Mbit Double-Data-Rate SGRAM
HYB25D128160C QIMONDA-HYB25D128160C Datasheet
1Mb / 35P
   128-Mbit Double-Data-Rate SDRAM
HYB25D512800BT QIMONDA-HYB25D512800BT Datasheet
2Mb / 38P
   512-Mbit Double-Data-Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com