Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD5216EYI Datasheet(PDF) 2 Page - Winbond

Part # ISD5216EYI
Description  8 to 16 minutes voice record/playback device with integrated codec
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216EYI Datasheet(HTML) 2 Page - Winbond

  ISD5216EYI Datasheet HTML 1Page - Winbond ISD5216EYI Datasheet HTML 2Page - Winbond ISD5216EYI Datasheet HTML 3Page - Winbond ISD5216EYI Datasheet HTML 4Page - Winbond ISD5216EYI Datasheet HTML 5Page - Winbond ISD5216EYI Datasheet HTML 6Page - Winbond ISD5216EYI Datasheet HTML 7Page - Winbond ISD5216EYI Datasheet HTML 8Page - Winbond ISD5216EYI Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
ISD5216
- 2 -
1. GENERAL DESCRIPTION
The ChipCorder ISD5216 is an 8 to 16 minute Voice and Data Record and Playback system with
integrated Voice band CODEC. The device works on a single 2.7V to 3.3V supply, and has fully
integrated system functions, including: AGC, microphone preamplifier, speaker driver, memory and
CODEC. The CODEC meets the PCM conformance specification of the G.714 recommendation. Its μ-
Law and A-Law compander meets the specification of the ITU-T G.711 recommendation.
2. FEATURES
Single Supply 2.7 to 3.3 Volt operation
Voice and digital data record and playback system on a single chip
Industry-leading sound quality
Low voltage operation
Message management
Fully integrated system functions
Flexible architecture
Nonvolatile message storage
Configurable ChipCorder sampling rates of 4 kHz, 5.3kHz, 6.4 kHz and 8kHz
8, 10, 12 and 16 minutes duration
External or internal Voice recorder clock
I2C serial interface (400kHz)
Configurable analog paths
2.2V Microphone Bias Pin
100 year message retention (typical)
100K analog record cycles (typical)
10K digital record cycles (typical)
Full-duplex (not in I2S mode) single channel speech CODEC with:
o
External 13.824 MHz, 27.648 MHz, 20.48 MHz or 40.96 MHz master clock
o
I2S and PCM digital audio interface ports
o
Serial transfer data rate from 64 to 3072 Kbps
o
Short and Long frame sync formats
o
2s complement and signed magnitude data format
o
Complete μ-Law and A-Law companding
o
Linear 14 bit
ΔΣ PCM CODEC-filter for A/D and D/A converter
o
8 kHz or 44.1 kHz – 48 kHz digital audio sampling rate options
o
Analog receive and transmit gain adjust
o
Configurable setup through the I2C interface


Similar Part No. - ISD5216EYI

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD5216 NUVOTON-ISD5216 Datasheet
2Mb / 76P
   8 to 16 minutes voice record/playback device with integrated codec
More results

Similar Description - ISD5216EYI

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD5216 NUVOTON-ISD5216 Datasheet
2Mb / 76P
   8 to 16 minutes voice record/playback device with integrated codec
logo
Winbond
I5216 WINBOND-I5216 Datasheet
758Kb / 83P
   8 TO 16 MINUTE VOICE RECORD/PLAYBACK SYSTEM WITH INTEGRATED CODEC
logo
Nuvoton Technology Corp...
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
logo
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
ISD5100 WINBOND-ISD5100 Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
logo
List of Unclassifed Man...
UT53108 ETC-UT53108 Datasheet
123Kb / 9P
   VOICE RECORD PLAYBACK IC
logo
Nuvoton Technology Corp...
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD1900 NUVOTON-ISD1900 Datasheet
954Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com