Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2348AIDCNT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2348AIDCNT
Description  1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2348AIDCNT Datasheet(HTML) 4 Page - Texas Instruments

  OPA2348AIDCNT Datasheet HTML 1Page - Texas Instruments OPA2348AIDCNT Datasheet HTML 2Page - Texas Instruments OPA2348AIDCNT Datasheet HTML 3Page - Texas Instruments OPA2348AIDCNT Datasheet HTML 4Page - Texas Instruments OPA2348AIDCNT Datasheet HTML 5Page - Texas Instruments OPA2348AIDCNT Datasheet HTML 6Page - Texas Instruments OPA2348AIDCNT Datasheet HTML 7Page - Texas Instruments OPA2348AIDCNT Datasheet HTML 8Page - Texas Instruments OPA2348AIDCNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
OPA348, 2348, 4348
4
SBOS213C
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, RL = 100kΩ connected to VS / 2 and VOUT = VS / 2, unless otherwise noted.
PSRR AND CMRR vs FREQUENCY
10
Frequency (Hz)
100
1k
10k
100k
1M
10M
100
80
60
40
20
0
PSRR
CMRR
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Frequency (Hz)
1k
10k
1M
100k
10M
6
5
4
3
2
1
0
V
S = 5.5V
V
S = 5V
V
S = 2.5V
CHANNEL SEPARATION vs FREQUENCY
10
Frequency (Hz)
100
1k
10k
100k
1M
10M
140
120
100
80
60
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
0
Output Current (mA)
510
–40
°C
–40
°C
+125
°C
+125
°C
+25
°C
V
S = ±2.5V
+25
°C
15
20
2.5
2
1.5
1
0.5
0
–0.5
–1
–1.5
–2
–2.5
Sourcing Current
Sinking Current
OPEN-LOOP GAIN AND PHASE vs FREQUENCY
0.1
0
–45
–90
–135
–180
Frequency (Hz)
1
100
10
10k
1k
100k
1M
10M
140
120
100
80
60
40
20
0
–20
Gain
Phase
QUIESCENT AND SHORT-CIRCUIT CURRENT
vs SUPPLY VOLTAGE
2
13
10
7
4
1
Supply Voltage (V)
2.5
3
3.5
4
4.5
55.5
65
55
45
35
25
I
Q
I
SC


Similar Part No. - OPA2348AIDCNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2348AIDCNT TI-OPA2348AIDCNT Datasheet
318Kb / 14P
[Old version datasheet]   1MHz, 45UA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA2348AIDCNT TI-OPA2348AIDCNT Datasheet
472Kb / 19P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2348AIDCNT BURR-BROWN-OPA2348AIDCNT Datasheet
501Kb / 19P
   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2348AIDCNT TI1-OPA2348AIDCNT Datasheet
1Mb / 32P
[Old version datasheet]   1MHz, 45uA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS Value Line
OPA2348AIDCNTG4 TI-OPA2348AIDCNTG4 Datasheet
472Kb / 19P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2348AIDCNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA348 TI-OPA348_07 Datasheet
472Kb / 19P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA348 BURR-BROWN-OPA348 Datasheet
501Kb / 19P
   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA348 TI-OPA348 Datasheet
318Kb / 14P
[Old version datasheet]   1MHz, 45UA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
First Silicon Co., Ltd
FC358F FS-FC358F Datasheet
599Kb / 9P
   1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
logo
STMicroelectronics
TSX631 STMICROELECTRONICS-TSX631 Datasheet
1Mb / 31P
   Micropower (45 關A, 200 kHz) rail-to-rail 16 V CMOS operational amplifiers
logo
Texas Instruments
OPA348 TI1-OPA348_15 Datasheet
1Mb / 32P
[Old version datasheet]   1MHz, 45uA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS Value Line
logo
First Silicon Co., Ltd
FC321SOT FS-FC321SOT Datasheet
587Kb / 8P
   1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA2348-Q1 TI1-OPA2348-Q1 Datasheet
685Kb / 18P
[Old version datasheet]   1-MHz 45-關A CMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIER
OPA2348-HIREL TI1-OPA2348-HIREL Datasheet
219Kb / 14P
[Old version datasheet]   1-MHz, 45-關A CMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIER
OPA2348-HIREL TI-OPA2348-HIREL_15 Datasheet
183Kb / 15P
[Old version datasheet]   1-MHz, 45-關A CMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com