Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV322A Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT49BV322A
Description  32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV322A Datasheet(HTML) 2 Page - ATMEL Corporation

  AT49BV322A Datasheet HTML 1Page - ATMEL Corporation AT49BV322A Datasheet HTML 2Page - ATMEL Corporation AT49BV322A Datasheet HTML 3Page - ATMEL Corporation AT49BV322A Datasheet HTML 4Page - ATMEL Corporation AT49BV322A Datasheet HTML 5Page - ATMEL Corporation AT49BV322A Datasheet HTML 6Page - ATMEL Corporation AT49BV322A Datasheet HTML 7Page - ATMEL Corporation AT49BV322A Datasheet HTML 8Page - ATMEL Corporation AT49BV322A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
AT49BV32XA(T)
3308A–FLASH–12/02
TSOP Top View
Type 1
TSOP Top View
Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A15
A14
A13
A12
A11
A10
A9
A8
NC
A20
WE
RESET
VPP
NC
A19
A18
A17
A7
A6
A5
A4
A3
A2
A1
A16
VCCQ
GND
I/O15
I/O7
I/O14
I/O6
I/O13
I/O5
I/O12
I/O4
VCC
I/O11
I/O3
I/O10
I/O2
I/O9
I/O1
I/O8
I/O0
OE
GND
CE
A0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A15
A14
A13
A12
A11
A10
A9
A8
A19
A20
WE
RESET
NC
VPP
RDY/BUSY
A18
A17
A7
A6
A5
A4
A3
A2
A1
A16
BYTE
GND
I/O15/A-1
I/O7
I/O14
I/O6
I/O13
I/O5
I/O12
I/O4
VCC
I/O11
I/O3
I/O10
I/O2
I/O9
I/O1
I/O8
I/O0
OE
GND
CE
A0
CBGA Top View
(Ball Down)
CBGA Top View
(Ball Down)
A
B
C
D
E
F
1
234567
A13
A14
A15
A16
VCCQ
GND
A11
A10
A12
I/O14
I/O15
I/O7
A8
WE
A9
I/O5
I/O6
I/O13
VPP
RST
I/O11
I/O12
I/O4
A18
A20
I/O2
I/O3
VCC
A19
A17
A6
I/O8
I/O9
I/O10
A7
A5
A3
CE
I/O0
I/O1
A4
A2
A1
A0
GND
OE
8
A
B
C
D
E
F
G
H
1
23456
RDY/BUSY
VPP
A18
A20
I/O2
I/O10
I/O11
I/O3
A3
A4
A2
A1
A0
CE
OE
VSS
A7
A17
A6
A5
I/O0
I/O8
I/O9
I/O1
WE
RST
NC
A19
I/O5
I/O12
VCC
I/O4
A9
A8
A10
A11
I/O7
I/O14
I/O13
I/O6
A13
A12
A14
A15
A16
BTYE
I/015/A-1
VSS
AT49BV320(T)
AT49BV320A(T)
AT49BV322A(T)


Similar Part No. - AT49BV322A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV322A ATMEL-AT49BV322A Datasheet
217Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A-70CI ATMEL-AT49BV322A-70CI Datasheet
217Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A-70TI ATMEL-AT49BV322A-70TI Datasheet
217Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A-70TU ATMEL-AT49BV322A-70TU Datasheet
518Kb / 32P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322AT ATMEL-AT49BV322AT Datasheet
217Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
More results

Similar Description - AT49BV322A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV3218 ATMEL-AT49BV3218 Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320 ATMEL-AT49BV320 Datasheet
822Kb / 30P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A ATMEL-AT49BV322A Datasheet
217Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322D ATMEL-AT49BV322D Datasheet
492Kb / 33P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A-70TU ATMEL-AT49BV322A-70TU Datasheet
518Kb / 32P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49SV322A ATMEL-AT49SV322A Datasheet
224Kb / 31P
   32-megabit (2M x 16/4M x 8) 1.8-volt Only Flash Memory
AT49BV320C ATMEL-AT49BV320C Datasheet
241Kb / 32P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com