Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS64T32900EDL-2.5-B2 Datasheet(PDF) 3 Page - Qimonda AG

Part # HYS64T32900EDL-2.5-B2
Description  200-Pin SO-DIMM DDR2 SDRAM Modules
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS64T32900EDL-2.5-B2 Datasheet(HTML) 3 Page - Qimonda AG

  HYS64T32900EDL-2.5-B2 Datasheet HTML 1Page - Qimonda AG HYS64T32900EDL-2.5-B2 Datasheet HTML 2Page - Qimonda AG HYS64T32900EDL-2.5-B2 Datasheet HTML 3Page - Qimonda AG HYS64T32900EDL-2.5-B2 Datasheet HTML 4Page - Qimonda AG HYS64T32900EDL-2.5-B2 Datasheet HTML 5Page - Qimonda AG HYS64T32900EDL-2.5-B2 Datasheet HTML 6Page - Qimonda AG HYS64T32900EDL-2.5-B2 Datasheet HTML 7Page - Qimonda AG HYS64T32900EDL-2.5-B2 Datasheet HTML 8Page - Qimonda AG HYS64T32900EDL-2.5-B2 Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 79 page
background image
HYS64T[32/64/128]xxxEDL–[25F/…/3.7](–)B2
Small Outlined DDR2 SDRAM Modules
Internet Data Sheet
Rev. 1.13, 2007-10
3
08212006-PKYN-2H1B
1
Overview
This chapter gives an overview of the 200-pin small-outline DDR2 SDRAM modules product family and describes its main
characteristics.
1.1
Features
• 200-Pin PC2-6400, PC2-5300 and PC2-4200 DDR2
SDRAM memory modules.
• 128M
× 64, 32M × 64, 64M × 64 module organization, and
32M
× 16, 64M × 8 chip organization
• 1GB, 512MB, 256MB Modules built with 512MBit DDR2
SDRAMs in PG-TFBGA-60 and PG-TFBGA-84 chipsize
packages .
• Standard Double-Data-Rate-Two Synchronous DRAMs
(DDR2 SDRAM) with a single + 1.8 V (± 0.1 V) power
supply
• All speed grades faster than DDR2-400 comply with
DDR2-400 timing specifications.
• Programmable CAS Latencies (3, 4, 5 and 6 ), Burst
Length (8 & 4).
• Auto Refresh (CBR) and Self Refresh
• Auto Refresh for temperatures above 85 °C
t
REFI = 3.9 µs.
• Programmable self refresh rate via EMRS2 setting.
• Programmable partial array refresh via EMRS2 settings.
• DCC enabling via EMRS2 setting.
• All inputs and outputs SSTL_1.8 compatible
• Off-Chip Driver Impedance Adjustment (OCD) and On-Die
Termination (ODT)
• Serial Presence Detect with E2PROM
• SO-DIMM Dimensions (nominal): 30 mm high, 67.6 mm
wide
• Based on standard reference layouts Raw Cards 'A', 'C'
and 'E'
• RoHS compliant products1)
TABLE 1
Performance Table
1) RoHS Compliant Product: Restriction of the use of certain hazardous substances (RoHS) in electrical and electronic equipment as defined
in the directive 2002/95/EC issued by the European Parliament and of the Council of 27 January 2003. These substances include mercury,
lead, cadmium, hexavalent chromium, polybrominated biphenyls and polybrominated biphenyl ethers.
QAG Speed Code
–25F
–2.5
–3
–3S
–3.7
Unit
DRAM Speed Grade
DDR2
–800D
–800E
–667C
–667D
–533C
Module Speed Grade
PC2
–6400D
–6400E
–5300C
–5300D
–4200C
CAS-RCD-RP latencies
5–5–5
6–6–6
4–4–4
5–5–5
4–4–4
t
CK
Max.
Clock Frequency
CL3
f
CK3
200
200
200
200
200
MHz
CL4
f
CK4
266
266
333
266
266
MHz
CL5
f
CK5
400
333
333
333
266
MHz
CL6
f
CK6
–400
––MHz
Min. RAS-CAS-Delay
t
RCD
12.5
15121515ns
Min. Row Precharge Time
t
RP
12.5
15121515ns
Min. Row Active Time1)
1) Product released after 01-08-2007 will support
t
RAS = 40 ns for all DDR2 speed sort.
t
RAS
45
45
45
45
45
ns
Min. Row Cycle Time
t
RC
57.5
60576060ns


Similar Part No. - HYS64T32900EDL-2.5-B2

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T32900EDL-2.5-B2 QIMONDA-HYS64T32900EDL-2.5-B2 Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
More results

Similar Description - HYS64T32900EDL-2.5-B2

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T32X00EDL QIMONDA-HYS64T32X00EDL Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T256020EDL QIMONDA-HYS64T256020EDL Datasheet
3Mb / 51P
   200-Pin SO-DIMM DDR2 SDRAM Modules
logo
Adam Technologies, Inc.
SOD-200-S-6-921 ADAM-TECH-SOD-200-S-6-921 Datasheet
142Kb / 1P
   SO DIMM 200 PIN DDR2 SOCKET
SOD-200-S-6-92-2 ADAM-TECH-SOD-200-S-6-92-2 Datasheet
100Kb / 1P
   SO DIMM 200 PIN DDR2 SOCKET
SOD-204-S-4-40-1 ADAM-TECH-SOD-204-S-4-40-1 Datasheet
106Kb / 1P
   SO DIMM 200 PIN DDR2 SOCKET
logo
Hynix Semiconductor
HYMP112S64MP8 HYNIX-HYMP112S64MP8 Datasheet
405Kb / 17P
   DDR2 SDRAM SO-DIMM
logo
Infineon Technologies A...
HYS64V16200GDL INFINEON-HYS64V16200GDL Datasheet
263Kb / 16P
   144 pin SO-DIMM SDRAM Modules
2001.09
HYS64V8200GDL INFINEON-HYS64V8200GDL Datasheet
248Kb / 15P
   144 pin SO-DIMM SDRAM Modules
2001.09
HYS64V64220GBDL INFINEON-HYS64V64220GBDL Datasheet
456Kb / 13P
   144 pin SO-DIMM SDRAM Modules
2002-08-06
logo
Elpida Memory
EBE10UE8AFSA ELPIDA-EBE10UE8AFSA Datasheet
264Kb / 29P
   1GB DDR2 SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com