Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS64T128021EDL-2.5B2 Datasheet(PDF) 4 Page - Qimonda AG

Part # HYS64T128021EDL-2.5B2
Description  200-Pin SO-DIMM DDR2 SDRAM Modules
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS64T128021EDL-2.5B2 Datasheet(HTML) 4 Page - Qimonda AG

  HYS64T128021EDL-2.5B2 Datasheet HTML 1Page - Qimonda AG HYS64T128021EDL-2.5B2 Datasheet HTML 2Page - Qimonda AG HYS64T128021EDL-2.5B2 Datasheet HTML 3Page - Qimonda AG HYS64T128021EDL-2.5B2 Datasheet HTML 4Page - Qimonda AG HYS64T128021EDL-2.5B2 Datasheet HTML 5Page - Qimonda AG HYS64T128021EDL-2.5B2 Datasheet HTML 6Page - Qimonda AG HYS64T128021EDL-2.5B2 Datasheet HTML 7Page - Qimonda AG HYS64T128021EDL-2.5B2 Datasheet HTML 8Page - Qimonda AG HYS64T128021EDL-2.5B2 Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 79 page
background image
HYS64T[32/64/128]xxxEDL–[25F/…/3.7](–)B2
Small Outlined DDR2 SDRAM Modules
Internet Data Sheet
Rev. 1.13, 2007-10
4
08212006-PKYN-2H1B
1.2
Description
The Qimonda HYS64T[32/64/128]xxxEDL–[25F/…/3.7](–)B2
module family are small-outline DIMM modules “SO-DIMMs”
with 30 mm height based on DDR2 technology. DIMMs are
available as non-ECC modules
in128M
× 64 (1GB),
32M
× 64 (256MB), 64M × 64 (512MB) in organization and
density, intended for mounting into 200-pin connector
sockets.
The memory array is designed with 512MBit Double-Data-
Rate-Two (DDR2) Synchronous DRAMs.
Decoupling
capacitors are mounted on the PCB board. The DIMMs
feature serial presence detect based on a serial E2PROM
device using the 2-pin I2C protocol. The first 128 bytes are
programmed with configuration data and are write protected;
the second 128 bytes are available to the customer.
TABLE 2
Ordering Information for RoHS Compliant Products
Product Type1)
Compliance Code2)
Description
SDRAM Technology
PC2-6400-555
HYS64T128921EDL–25FB2
1GB 2R
×8 PC2–6400S–555–12–E0
2 Ranks, Non-ECC
512Mbit (
×8)
HYS64T64920EDL–25F–B2
512MB 2R
×16 PC2–6400S–555–12–A0
2 Ranks, Non-ECC
512Mbit (
×16)
HYS64T32900EDL–25F–B2
256MB 1R
×16 PC2–6400S–555–12–C0
1 Rank, Non-ECC
512Mbit (
×16)
HYS64T128021EDL–25FB2
1GB 2R
×8 PC2–6400S–555–12–E0
2 Ranks, Non-ECC
512Mbit (
×8)
HYS64T64020EDL–25F–B2
512MB 2R
×16 PC2–6400S–555–12–A0
2 Ranks, Non-ECC
512Mbit (
×16)
HYS64T32000EDL–25F–B2
256MB 1R
×16 PC2–6400S–555–12–C0
1 Rank, Non-ECC
512Mbit (
×16)
PC2-6400-666
HYS64T128921EDL–2.5B2
1GB 2R
×8 PC2–6400S–666–12–E0
2 Ranks, Non-ECC
512Mbit (
×8)
HYS64T64920EDL–2.5–B2
512MB 2R
×16 PC2–6400S–666–12–A0
2 Ranks, Non-ECC
512Mbit (
×16)
HYS64T32900EDL–2.5–B2
256MB 1R
×16 PC2–6400S–666–12–C0
1 Rank, Non-ECC
512Mbit (
×16)
HYS64T128021EDL–2.5B2
1GB 2R
×8 PC2–6400S–666–12–E0
2 Ranks, Non-ECC
512Mbit (
×8)
HYS64T64020EDL–2.5–B2
512MB 2R
×16 PC2–6400S–666–12–A0
2 Ranks, Non-ECC
512Mbit (
×16)
HYS64T32000EDL–2.5–B2
256MB 1R
×16 PC2–6400S–666–12–C0
1 Rank, Non-ECC
512Mbit (
×16)
PC2-5300-444
HYS64T128921EDL–3–B2
1GB 2R
×8 PC2–5300S–444–12–E0
2 Ranks, Non-ECC
512Mbit (
×8)
HYS64T64920EDL–3–B2
512MB 2R
×16 PC2–5300S–444–12–A0
2 Ranks, Non-ECC
512Mbit (
×16)
HYS64T32900EDL–3–B2
256MB 1R
×16 PC2–5300S–444–12–C0
1 Rank, Non-ECC
512Mbit (
×16)
HYS64T128021EDL–3–B2
1GB 2R
×8 PC2–5300S–444–12–E0
2 Ranks, Non-ECC
512Mbit (
×8)
HYS64T64020EDL–3–B2
512MB 2R
×16 PC2–5300S–444–12–A0
2 Ranks, Non-ECC
512Mbit (
×16)
HYS64T32000EDL–3–B2
256MB 1R
×16 PC2–5300S–444–12–C0
1 Rank, Non-ECC
512Mbit (
×16)
PC2-5300-555
HYS64T128921EDL–3S–B2
1GB 2R
×8 PC2–5300S–555–12–E0
2 Ranks, Non-ECC
512Mbit (
×8)
HYS64T64920EDL–3S–B2
512MB 2R
×16 PC2–5300S–555–12–A0
2 Ranks, Non-ECC
512Mbit (
×16)
HYS64T32900EDL–3S–B2
256MB 1R
×16 PC2–5300S–555–12–C0
1 Rank, Non-ECC
512Mbit (
×16)
HYS64T128021EDL–3S–B2
1GB 2R
×8 PC2–5300S–555–12–E0
2 Ranks, Non-ECC
512Mbit (
×8)
HYS64T64020EDL–3S–B2
512MB 2R
×16 PC2–5300S–555–12–A0
2 Ranks, Non-ECC
512Mbit (
×16)
HYS64T32000EDL–3S–B2
256MB 1R
×16 PC2–5300S–555–12–C0
1 Rank, Non-ECC
512Mbit (
×16)


Similar Part No. - HYS64T128021EDL-2.5B2

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T128021EDL-2.5B2 QIMONDA-HYS64T128021EDL-2.5B2 Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
More results

Similar Description - HYS64T128021EDL-2.5B2

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T32X00EDL QIMONDA-HYS64T32X00EDL Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T256020EDL QIMONDA-HYS64T256020EDL Datasheet
3Mb / 51P
   200-Pin SO-DIMM DDR2 SDRAM Modules
logo
Adam Technologies, Inc.
SOD-200-S-6-921 ADAM-TECH-SOD-200-S-6-921 Datasheet
142Kb / 1P
   SO DIMM 200 PIN DDR2 SOCKET
SOD-200-S-6-92-2 ADAM-TECH-SOD-200-S-6-92-2 Datasheet
100Kb / 1P
   SO DIMM 200 PIN DDR2 SOCKET
SOD-204-S-4-40-1 ADAM-TECH-SOD-204-S-4-40-1 Datasheet
106Kb / 1P
   SO DIMM 200 PIN DDR2 SOCKET
logo
Hynix Semiconductor
HYMP112S64MP8 HYNIX-HYMP112S64MP8 Datasheet
405Kb / 17P
   DDR2 SDRAM SO-DIMM
logo
Infineon Technologies A...
HYS64V16200GDL INFINEON-HYS64V16200GDL Datasheet
263Kb / 16P
   144 pin SO-DIMM SDRAM Modules
2001.09
HYS64V8200GDL INFINEON-HYS64V8200GDL Datasheet
248Kb / 15P
   144 pin SO-DIMM SDRAM Modules
2001.09
HYS64V64220GBDL INFINEON-HYS64V64220GBDL Datasheet
456Kb / 13P
   144 pin SO-DIMM SDRAM Modules
2002-08-06
logo
Elpida Memory
EBE10UE8AFSA ELPIDA-EBE10UE8AFSA Datasheet
264Kb / 29P
   1GB DDR2 SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com