Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS64T64020HDL-3-B Datasheet(PDF) 10 Page - Qimonda AG

Part # HYS64T64020HDL-3-B
Description  200 Pin Small-Outlined DDR2 SDRAMs Modules
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS64T64020HDL-3-B Datasheet(HTML) 10 Page - Qimonda AG

Back Button HYS64T64020HDL-3-B Datasheet HTML 6Page - Qimonda AG HYS64T64020HDL-3-B Datasheet HTML 7Page - Qimonda AG HYS64T64020HDL-3-B Datasheet HTML 8Page - Qimonda AG HYS64T64020HDL-3-B Datasheet HTML 9Page - Qimonda AG HYS64T64020HDL-3-B Datasheet HTML 10Page - Qimonda AG HYS64T64020HDL-3-B Datasheet HTML 11Page - Qimonda AG HYS64T64020HDL-3-B Datasheet HTML 12Page - Qimonda AG HYS64T64020HDL-3-B Datasheet HTML 13Page - Qimonda AG HYS64T64020HDL-3-B Datasheet HTML 14Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
Internet Data Sheet
Rev. 1.1, 2006-10
10
03292006-5LTN-QML0
HYS64T[32/64/128]xxxHDL-[25F/2.5/3/3S/3.7/5]-B
SO-DIMM DDR2 SDRAM Module
EEPROM
197
SCL
I
CMOS
Serial Bus Clock
195
SDA
I/O
OD
Serial Bus Data
198
SA0
I
CMOS
Serial Address Select Bus 2:0
200
SA1
I
CMOS
Power Supplies
1
V
REF
AI
I/O Reference Voltage
199
V
DDSPD
PWR
EEPROM Power Supply
81,82,87,88,95,96,103,104,
111,112,117,118
V
DD
PWR
Power Supply
2,3,8,9,12,15,18,21,24,27,28,
33,34,39,40,41,42,47,48,53,
54,59,60,65,66,71,72,77,78,
121,122,127,128,132,133,138,13
9,144,145,149,150,155,156,,
161,162,165,171,172,177,
178,183,184,187,190,193,196
V
SS
GND
Ground Plane
Other Balls
114
ODT0
I
SSTL
On-Die Termination Control 1:0
119
ODT1
I
SSTL
On-Die Termination Control 1
Note: 2 Rank modules
NC
NC
Not Connected
Note: 1 Rank modules
50,69,83,84,120,163,168
NC
NC
Not connected
Ball No.
Name
Pin
Type
Buffer
Type
Function


Similar Part No. - HYS64T64020HDL-3-B

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T64020HDL-3-B QIMONDA-HYS64T64020HDL-3-B Datasheet
4Mb / 69P
   200 Pin Small-Outlined DDR2 SDRAMs Modules
More results

Similar Description - HYS64T64020HDL-3-B

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T32X00HDL QIMONDA-HYS64T32X00HDL_07 Datasheet
4Mb / 69P
   200 Pin Small-Outlined DDR2 SDRAMs Modules
HYS64T128020EDL QIMONDA-HYS64T128020EDL Datasheet
2Mb / 43P
   200-Pin Small-Outlined DDR2 SDRAM Modules
HYS64T256022EDL QIMONDA-HYS64T256022EDL Datasheet
2Mb / 40P
   200-Pin Dual Die Small-Outline-DDR2-SDRAM Modules
HYS64T32X00EDL QIMONDA-HYS64T32X00EDL_1 Datasheet
4Mb / 79P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T32X00EDL QIMONDA-HYS64T32X00EDL Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T256020EDL QIMONDA-HYS64T256020EDL Datasheet
3Mb / 51P
   200-Pin SO-DIMM DDR2 SDRAM Modules
logo
Infineon Technologies A...
HYS64D32020GDL INFINEON-HYS64D32020GDL Datasheet
777Kb / 31P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.2, Aug. 2003
HYS64D128021 INFINEON-HYS64D128021 Datasheet
587Kb / 23P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Dez. 2003
HYS64D32020GDL5C INFINEON-HYS64D32020GDL5C Datasheet
874Kb / 30P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.0, Mar. 2004
logo
Qimonda AG
HYS64D32000HDL QIMONDA-HYS64D32000HDL Datasheet
902Kb / 32P
   200-Pin Small-Outline Dual-In-Line Memory Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com