Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYE18M512160BF-6 Datasheet(PDF) 10 Page - Qimonda AG

Part # HYE18M512160BF-6
Description  DRAMs for Mobile Applications 512-Mbit DDR Mobile-RAM RoHS compliant
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYE18M512160BF-6 Datasheet(HTML) 10 Page - Qimonda AG

Back Button HYE18M512160BF-6 Datasheet HTML 6Page - Qimonda AG HYE18M512160BF-6 Datasheet HTML 7Page - Qimonda AG HYE18M512160BF-6 Datasheet HTML 8Page - Qimonda AG HYE18M512160BF-6 Datasheet HTML 9Page - Qimonda AG HYE18M512160BF-6 Datasheet HTML 10Page - Qimonda AG HYE18M512160BF-6 Datasheet HTML 11Page - Qimonda AG HYE18M512160BF-6 Datasheet HTML 12Page - Qimonda AG HYE18M512160BF-6 Datasheet HTML 13Page - Qimonda AG HYE18M512160BF-6 Datasheet HTML 14Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Internet Data Sheet
10
Rev.1.80, 2006-11
07092007-3E44-UTNM
HY[B/E]18M512160BF
512-Mbit DDR Mobile-RAM
Functional Description
6) All states and sequences not shown are illegal or reserved.
7) Not bank-specific; requires that all banks are idle and no bursts are in progress.
8) Reads or Writes listed in the Command/Action column include Reads or Writes with Auto Precharge enabled and Reads
or Writes with Auto Precharge disabled.
9) May or may not be bank-specific; if multiple banks are to be precharged, each must be in a valid state for precharging.
10) A WRITE command may be applied after the completion of the Read burst; otherwise, a BURST TERMINATE command
must be used to end the Read burst prior to issuing a WRITE command.
11) Not bank-specific; BURST TERMINATE affects the most recent Read burst, regardless of bank.
12) Requires appropriate DM masking.
Table 7
Current State Bank n - Command to Bank m (different bank)
Current State
CS RAS CAS WE Command / Action
Notes
Any
H
X
X
X
DESELECT (NOP / continue previous operation)
1)2)3)4)5)6)
1) This table applies when CKEn-1 was HIGH and CKEn is HIGH (see Table 5) and after
t
XP or tXSR has been met (if the
previous state was power-down or self refresh).
2) This table describes alternate bank operation, except where noted, i.e., the current state is for bank n and the commands
shown are those allowed to be issued to bank m (assuming that bank m is in such a state that the given command is
allowable). Exceptions are covered in the notes below.
L
H
H
H
NO OPERATION (NOP / continue previous operation)
1) to 6)
Idle
XXXX
Any command otherwise allowed to bank m
1) to 6)
Row Activating,
Active, or
Precharging
L
L
H
H
ACTIVE (select and activate row)
1) to 6)
L
H
L
H
READ (select column and start Read burst)
1) to 7)
L
H
L
L
WRITE (select column and start Write burst)
1) to 7)
L
L
H
L
PRECHARGE (Deactivate row in bank or banks)
1) to 6)
Read (Auto-
Precharge
Disabled)
L
L
H
H
ACTIVE (select and activate row)
1) to 6)
L
H
L
H
READ (truncate Read and start new Read burst)
1) to 7)
L
H
L
L
WRITE (truncate Read and start Write burst)
1) to 8)
L
L
H
L
PRECHARGE (Deactivate row in bank or banks)
1) to 6)
Write (Auto-
Precharge
Disabled)
L
L
H
H
ACTIVE (select and activate row)
1) to 6)
L
H
L
H
READ (truncate Write and start Read burst)
1) to 7), 9)
L
H
L
L
WRITE (truncate Write and start new Write burst)
1) to 7)
L
L
H
L
PRECHARGE (Deactivate row in bank or banks)
1) to 6)
Read
(with Auto-
Precharge)
L
L
H
H
ACTIVE (select and activate row)
1) to 6)
L
H
L
H
READ (truncate Read and start new Read burst)
1) to 7)
L
H
L
L
WRITE (truncate Read and start Write burst)
1) to 8)
L
L
H
L
PRECHARGE (deactivate row in bank or banks)
1) to 6)
Write
(with Auto-
Precharge)
L
L
H
H
ACTIVE (select and activate row)
1) to 6)
L
H
L
H
READ (truncate Write and start Read burst)
1) to 7)
L
H
L
L
WRITE (truncate Write and start new Write burst)
1) to 7)
L
L
H
L
PRECHARGE (Deactivate row in bank or banks)
1) to 6)


Similar Part No. - HYE18M512160BF-6

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYE18M1G16 QIMONDA-HYE18M1G16 Datasheet
3Mb / 65P
   1-Gbit x16 DDR Mobile-RAM
HYE18M1G160BF-6 QIMONDA-HYE18M1G160BF-6 Datasheet
3Mb / 65P
   1-Gbit x16 DDR Mobile-RAM
HYE18M1G160BF-7.5 QIMONDA-HYE18M1G160BF-7.5 Datasheet
3Mb / 65P
   1-Gbit x16 DDR Mobile-RAM
HYE18M1G161BF-6 QIMONDA-HYE18M1G161BF-6 Datasheet
3Mb / 65P
   1-Gbit x16 DDR Mobile-RAM
HYE18M1G161BF-7.5 QIMONDA-HYE18M1G161BF-7.5 Datasheet
3Mb / 65P
   1-Gbit x16 DDR Mobile-RAM
More results

Similar Description - HYE18M512160BF-6

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18M512160BFX QIMONDA-HYB18M512160BFX Datasheet
1Mb / 52P
   DRAMs for Mobile Applications 512-Mbit DDR Mobile-RAM
HYB18L512160BF-7.5 QIMONDA-HYB18L512160BF-7.5 Datasheet
1Mb / 57P
   DRAMs for Mobile Applications 512-Mbit Mobile-RAM
HYB18L512320BF-7.5 QIMONDA-HYB18L512320BF-7.5 Datasheet
991Kb / 23P
   DRAMs for Mobile Applications 512-Mbit SDR Mobile-RAM
HYB18L256160BCX-7.5 QIMONDA-HYB18L256160BCX-7.5 Datasheet
1Mb / 48P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18L256169BFX QIMONDA-HYB18L256169BFX Datasheet
1Mb / 47P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18L128160BF QIMONDA-HYB18L128160BF Datasheet
1Mb / 55P
   DRAMs for Mobile Applications 128-Mbit Mobile-RAM
HYB18L256160B QIMONDA-HYB18L256160B Datasheet
2Mb / 58P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18M1G320BF QIMONDA-HYB18M1G320BF Datasheet
3Mb / 62P
   DRAMs for Mobile Applications 1-Gbit x32 DDR Mobile-RAM
HYB18M256320CF QIMONDA-HYB18M256320CF Datasheet
1Mb / 26P
   DRAMs for Mobile Applications
logo
Infineon Technologies A...
HYB18L128160BF INFINEON-HYB18L128160BF Datasheet
1Mb / 53P
   DRAMs for Mobile Applications
V1.4, April 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com