Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS64T128921EDL-3S-B2 Datasheet(PDF) 10 Page - Qimonda AG

Part # HYS64T128921EDL-3S-B2
Description  200-Pin SO-DIMM DDR2 SDRAM Modules
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS64T128921EDL-3S-B2 Datasheet(HTML) 10 Page - Qimonda AG

Back Button HYS64T128921EDL-3S-B2 Datasheet HTML 6Page - Qimonda AG HYS64T128921EDL-3S-B2 Datasheet HTML 7Page - Qimonda AG HYS64T128921EDL-3S-B2 Datasheet HTML 8Page - Qimonda AG HYS64T128921EDL-3S-B2 Datasheet HTML 9Page - Qimonda AG HYS64T128921EDL-3S-B2 Datasheet HTML 10Page - Qimonda AG HYS64T128921EDL-3S-B2 Datasheet HTML 11Page - Qimonda AG HYS64T128921EDL-3S-B2 Datasheet HTML 12Page - Qimonda AG HYS64T128921EDL-3S-B2 Datasheet HTML 13Page - Qimonda AG HYS64T128921EDL-3S-B2 Datasheet HTML 14Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
HYS64T[32/64/128]xxxEDL–[25F/…/3.7](–)B2
Small Outlined DDR2 SDRAM Modules
Internet Data Sheet
Rev. 1.13, 2007-10
10
08212006-PKYN-2H1B
10
DM0
I
SSTL
Data Mask Bus 7:0
The data write masks, associated with one data byte. In
Write mode, DM operates as a byte mask by allowing input
data to be written if it is LOW but blocks the write operation
if it is HIGH. In Read mode, DM lines have no effect.
26
DM1
I
SSTL
52
DM2
I
SSTL
67
DM3
I
SSTL
130
DM4
I
SSTL
147
DM5
I
SSTL
170
DM6
I
SSTL
185
DM7
I
SSTL
EEPROM
197
SCL
I
CMOS
Serial Bus Clock
This signal is used to clock data into and out of the SPD
EEPROM and Thermal sensor.
195
SDA
I/O
OD
Serial Bus Data
This is a bidirectional pin use to transfer data into and out of
the SPD EEPROM and Thermal sensor. A resistor must be
connected from SDA to
V
DDSPD on the motherboard to act as
a pull-up.
198
SA0
I
CMOS
Serial Address Select Bus 2:0
Address pins used to select the SPD and Thermal sensor
base address.
200
SA1
I
CMOS
50
EVENT
OOD
EVENT
The optional EVENT pin is reserved for use to flag critical
module temperature and is used in conjunction with
Thermal Sensor.
NC
-
-
Not Connected
Not connected on modules without temperature sensors.
Power Supplies
1
V
REF
AI
I/O Reference Voltage
Reference voltage for the SSTL-18 inputs.
199
V
DDSPD
PWR
EEPROM Power Supply
Power supplies for Serial Presence Detect, Thermal Sensor
and ground for the module.
81,82,87,88,95,96,103,104,
111,112,117,118
V
DD
PWR
Power Supply
Power supplies for core, I/O and ground for the module.
2,3,8,9,12,15,18,21,24,27,28,
33,34,39,40,41,42,47,48,53,
54,59,60,65,66,71,72,77,78,
121,122,127,128,132,133,138,13
9,144,145,149,150,155,156,
161,162,165,168,171,172,177,
178,183,184,187,190,193,196
V
SS
GND
Ground Plane
Power supplies for core, I/O, Serial Presence Detect,
Thermal Sensor and ground for the module.
Other pins
114
ODT0
I
SSTL
On-Die Termination Control 1:0
Pin No.
Name
Pin
Type
Buffer
Type
Function


Similar Part No. - HYS64T128921EDL-3S-B2

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T128921EDL-3S-B2 QIMONDA-HYS64T128921EDL-3S-B2 Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
More results

Similar Description - HYS64T128921EDL-3S-B2

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T32X00EDL QIMONDA-HYS64T32X00EDL Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T256020EDL QIMONDA-HYS64T256020EDL Datasheet
3Mb / 51P
   200-Pin SO-DIMM DDR2 SDRAM Modules
logo
Adam Technologies, Inc.
SOD-200-S-6-921 ADAM-TECH-SOD-200-S-6-921 Datasheet
142Kb / 1P
   SO DIMM 200 PIN DDR2 SOCKET
SOD-200-S-6-92-2 ADAM-TECH-SOD-200-S-6-92-2 Datasheet
100Kb / 1P
   SO DIMM 200 PIN DDR2 SOCKET
SOD-204-S-4-40-1 ADAM-TECH-SOD-204-S-4-40-1 Datasheet
106Kb / 1P
   SO DIMM 200 PIN DDR2 SOCKET
logo
Hynix Semiconductor
HYMP112S64MP8 HYNIX-HYMP112S64MP8 Datasheet
405Kb / 17P
   DDR2 SDRAM SO-DIMM
logo
Infineon Technologies A...
HYS64V16200GDL INFINEON-HYS64V16200GDL Datasheet
263Kb / 16P
   144 pin SO-DIMM SDRAM Modules
2001.09
HYS64V8200GDL INFINEON-HYS64V8200GDL Datasheet
248Kb / 15P
   144 pin SO-DIMM SDRAM Modules
2001.09
HYS64V64220GBDL INFINEON-HYS64V64220GBDL Datasheet
456Kb / 13P
   144 pin SO-DIMM SDRAM Modules
2002-08-06
logo
Elpida Memory
EBE10UE8AFSA ELPIDA-EBE10UE8AFSA Datasheet
264Kb / 29P
   1GB DDR2 SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com