Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3813J25 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS3813J25
Description  PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3813J25 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS3813J25 Datasheet HTML 5Page - Texas Instruments TPS3813J25 Datasheet HTML 6Page - Texas Instruments TPS3813J25 Datasheet HTML 7Page - Texas Instruments TPS3813J25 Datasheet HTML 8Page - Texas Instruments TPS3813J25 Datasheet HTML 9Page - Texas Instruments TPS3813J25 Datasheet HTML 10Page - Texas Instruments TPS3813J25 Datasheet HTML 11Page - Texas Instruments TPS3813J25 Datasheet HTML 12Page - Texas Instruments TPS3813J25 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
VDD − Supply Voltage − V
14
12
10
8
0
1
2
3
16
18
20
4
6
6
4
2
0
5
0
°C
85
°C
−40
°C
25
°C
WDI = GND,
WDT = GND,
WDR = GND
IOL − Low-Level Output Current − mA
1.25
1
0.75
0.50
0
1
2
3
1.50
1.75
2
4
5
7
0
°C
85
°C
−40
°C
25
°C
0.25
0
6
VDD = 2 V,
WDI = GND,
WDT = GND,
WDR = GND
VI − Input Voltage at WDT − V
400
200
0
−200
0
1
2
3
600
800
1000
4
5
6
0
°C
85
°C
−40
°C
25
°C
−400
−600
−800
−1000
VDD = 6 V,
WDI = GND,
WDR = GND
TA − Free-Air Temperature At VDD − °C
0.998
0.997
0.996
0.995
−40
−20
0
20
0.999
1.000
1.001
40
60
80
WDI = Triggered,
WDR = GND,
WDT = GND
TPS3813J25, TPS3813L30
TPS3813K33, TPS3813I50
SLVS331B – DECEMBER 2000 – REVISED JUNE 2005
SUPPLY CURRENT
LOW-LEVEL OUTPUT VOLTAGE
vs
vs
SUPPLY VOLTAGE
LOW-LEVEL OUTPUT CURRENT
Figure 3.
Figure 4.
INPUT CURRENT
NORMALIZED INPUT THRESHOLD VOLTAGE
vs
vs
INPUT VOLTAGE AT WDT
FREE-AIR TEMPERATURE AT VDD
Figure 5.
Figure 6.
9


Similar Part No. - TPS3813J25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25 TI1-TPS3813J25 Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
TPS3813J25DBV TI-TPS3813J25DBV Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25DBVR TI1-TPS3813J25DBVR Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
TPS3813J25DBVRG4 TI1-TPS3813J25DBVRG4 Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
More results

Similar Description - TPS3813J25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-Q1 TI1-TPS3813K33-Q1 Datasheet
879Kb / 21P
[Old version datasheet]   Processor Supervisory Circuits With Window-Watchdog
TPS3813I50-Q1 TI1-TPS3813I50-Q1 Datasheet
301Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25 TI1-TPS3813J25_16 Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
logo
Analog Devices
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
ADM6316CY29ARJZ-R7 AD-ADM6316CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Maxim Integrated Produc...
MAX16136 MAXIM-MAX16136 Datasheet
363Kb / 15P
   High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com