Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3813K33 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS3813K33
Description  PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3813K33 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3813K33 Datasheet HTML 4Page - Texas Instruments TPS3813K33 Datasheet HTML 5Page - Texas Instruments TPS3813K33 Datasheet HTML 6Page - Texas Instruments TPS3813K33 Datasheet HTML 7Page - Texas Instruments TPS3813K33 Datasheet HTML 8Page - Texas Instruments TPS3813K33 Datasheet HTML 9Page - Texas Instruments TPS3813K33 Datasheet HTML 10Page - Texas Instruments TPS3813K33 Datasheet HTML 11Page - Texas Instruments TPS3813K33 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TIMING REQUIREMENTS
SWITCHING CHARACTERISTICS
TPS3813J25, TPS3813L30
TPS3813K33, TPS3813I50
SLVS331B – DECEMBER 2000 – REVISED JUNE 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 2 V to 6 V, IOL = 500 µA
0.2
VOL
Low-level output voltage
VDD = 3.3 V IOL = 2 mA
0.4
V
VDD = 6 V, IOL = 4 mA
0.4
Power up reset voltage (1)
VDD ≥ 1.1 V, IOL= 50 µA
0.2
V
TPS3813J25
2.2
2.25
2.3
TPS3813L30
2.58
2.64
2.7
Negative-going input threshold
VIT
TA = –40°C–85°C
V
voltage (2)
TPS3813K33
2.87
2.93
3
TPS3813I50
4.45
4.55
4.65
TPS3813J25
30
TPS3813L30
35
Vhys
Hysteresis
mV
TPS3813K33
40
TPS3813I50
60
WDI, WDR
WDI = VDD = 6 V, WDR = VDD = 6 V
–25
25
IIH
High-level input current
WDT
WDT = VDD = 6 V, VDD > VIT, RESET = High
–100
100
nA
WDI, WDR
WDI = 0 V, WDR = 0 V, VDD = 6 V
–25
25
IIL
Low-level input current
WDT
WDT = 0 V, VDD > VIT, RESET = High
–100
100
IOH
High-level output current
VDD = VIT + 0.2 V, VOH = VDD
25
nA
VDD = 2 V output unconnected
9
13
IDD
Supply current
µA
VDD = 5 V output unconnected
20
25
Ci
Input capacitance
VI = 0 V to VDD
5
pF
(1)
The lowest supply voltage at which RESET becomes active. tr, VDD ≥ 15 µs/V.
(2)
To ensure best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1 µF) should be placed near to the supply terminals.
at R
L = 1 MΩ, CL = 50 pF, TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
tw
Pulse width at VDD
VDD = VIT–+ 0.2 V, VDD = VIT–– 0.2 V
3
µs
at R
L = 1 MΩ, CL = 50 pF, TA = -40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td
Delay time
VDD ≥ VIT + 0.2 V, See timing diagram
20
25
30
ms
WDT = 0 V
0.2
0.25
0.3
s
tt(out)
Watchdog time-out
Upper limit
WDT = VDD
2
2.5
3
WDT = programmable (1)
See (2)
ms
WDR = 0 V, WDT = 0 V
1:31.8
WDR = 0 V, WDT = VDD
1:32
WDR = 0 V, WDT = programmable
1:25.8
Watchdog window ratio
WDR = VDD, WDT = 0 V
1:124.9
WDR = VDD, WDT = VDD
1:127.7
WDR = VDD, WDT = programmable
1:64.5
Propagation (delay) time,
tPHL
VDD to RESET delay
VIL = VIT - 0.2 V, VIH = VIT + 0.2 V
30
50
µs
high-to-low-level output
(1)
155 pF < C(ext) < 63 nF
(2)
(C(ext) ÷ 15.55 pF + 1) x 6.25 ms
8


Similar Part No. - TPS3813K33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3813K33 TI1-TPS3813K33 Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
TPS3813K33-Q1 TI1-TPS3813K33-Q1 Datasheet
879Kb / 21P
[Old version datasheet]   Processor Supervisory Circuits With Window-Watchdog
TPS3813K33-Q1 TI1-TPS3813K33-Q1 Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
More results

Similar Description - TPS3813K33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-Q1 TI1-TPS3813K33-Q1 Datasheet
879Kb / 21P
[Old version datasheet]   Processor Supervisory Circuits With Window-Watchdog
TPS3813I50-Q1 TI1-TPS3813I50-Q1 Datasheet
301Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25 TI1-TPS3813J25_16 Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
logo
Analog Devices
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
ADM6316CY29ARJZ-R7 AD-ADM6316CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Maxim Integrated Produc...
MAX16136 MAXIM-MAX16136 Datasheet
363Kb / 15P
   High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com