Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS64T128021HDL Datasheet(PDF) 8 Page - Qimonda AG

Part # HYS64T128021HDL
Description  200 Pin Small-Outlined DDR2 SDRAMs Modules
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS64T128021HDL Datasheet(HTML) 8 Page - Qimonda AG

Back Button HYS64T128021HDL Datasheet HTML 4Page - Qimonda AG HYS64T128021HDL Datasheet HTML 5Page - Qimonda AG HYS64T128021HDL Datasheet HTML 6Page - Qimonda AG HYS64T128021HDL Datasheet HTML 7Page - Qimonda AG HYS64T128021HDL Datasheet HTML 8Page - Qimonda AG HYS64T128021HDL Datasheet HTML 9Page - Qimonda AG HYS64T128021HDL Datasheet HTML 10Page - Qimonda AG HYS64T128021HDL Datasheet HTML 11Page - Qimonda AG HYS64T128021HDL Datasheet HTML 12Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
Internet Data Sheet
Rev. 1.1, 2006-10
8
03292006-5LTN-QML0
HYS64T[32/64/128]xxxHDL-[25F/2.5/3/3S/3.7/5]-B
SO-DIMM DDR2 SDRAM Module
20
DQ12
I/O
SSTL
Data Bus 63:0
Data Input/Output Balls
22
DQ13
I/O
SSTL
36
DQ14
I/O
SSTL
38
DQ15
I/O
SSTL
43
DQ16
I/O
SSTL
45
DQ17
I/O
SSTL
55
DQ18
I/O
SSTL
57
DQ19
I/O
SSTL
44
DQ20
I/O
SSTL
46
DQ21
I/O
SSTL
56
DQ22
I/O
SSTL
58
DQ23
I/O
SSTL
61
DQ24
I/O
SSTL
63
DQ25
I/O
SSTL
73
DQ26
I/O
SSTL
75
DQ27
I/O
SSTL
62
DQ28
I/O
SSTL
64
DQ29
I/O
SSTL
74
DQ30
I/O
SSTL
76
DQ31
I/O
SSTL
123
DQ32
I/O
SSTL
125
DQ33
I/O
SSTL
135
DQ34
I/O
SSTL
137
DQ35
I/O
SSTL
124
DQ36
I/O
SSTL
126
DQ37
I/O
SSTL
134
DQ38
I/O
SSTL
136
DQ39
I/O
SSTL
141
DQ40
I/O
SSTL
143
DQ41
I/O
SSTL
151
DQ42
I/O
SSTL
153
DQ43
I/O
SSTL
140
DQ44
I/O
SSTL
142
DQ45
I/O
SSTL
152
DQ46
I/O
SSTL
154
DQ47
I/O
SSTL
157
DQ48
I/O
SSTL
159
DQ49
I/O
SSTL
173
DQ50
I/O
SSTL
175
DQ51
I/O
SSTL
Ball No.
Name
Pin
Type
Buffer
Type
Function


Similar Part No. - HYS64T128021HDL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64T128021HDL INFINEON-HYS64T128021HDL Datasheet
1Mb / 48P
   200-Pin Small Outline Dual-In-Line Memory Module
Rev. 0.91, June 2004
logo
Qimonda AG
HYS64T128021HDL QIMONDA-HYS64T128021HDL Datasheet
4Mb / 69P
   200 Pin Small-Outlined DDR2 SDRAMs Modules
HYS64T128021HDL-2.5-B QIMONDA-HYS64T128021HDL-2.5-B Datasheet
4Mb / 69P
   200 Pin Small-Outlined DDR2 SDRAMs Modules
HYS64T128021HDL-25F-B QIMONDA-HYS64T128021HDL-25F-B Datasheet
4Mb / 69P
   200 Pin Small-Outlined DDR2 SDRAMs Modules
HYS64T128021HDL-3-B QIMONDA-HYS64T128021HDL-3-B Datasheet
4Mb / 69P
   200 Pin Small-Outlined DDR2 SDRAMs Modules
More results

Similar Description - HYS64T128021HDL

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T32X00HDL QIMONDA-HYS64T32X00HDL_07 Datasheet
4Mb / 69P
   200 Pin Small-Outlined DDR2 SDRAMs Modules
HYS64T128020EDL QIMONDA-HYS64T128020EDL Datasheet
2Mb / 43P
   200-Pin Small-Outlined DDR2 SDRAM Modules
HYS64T256022EDL QIMONDA-HYS64T256022EDL Datasheet
2Mb / 40P
   200-Pin Dual Die Small-Outline-DDR2-SDRAM Modules
HYS64T32X00EDL QIMONDA-HYS64T32X00EDL_1 Datasheet
4Mb / 79P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T32X00EDL QIMONDA-HYS64T32X00EDL Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T256020EDL QIMONDA-HYS64T256020EDL Datasheet
3Mb / 51P
   200-Pin SO-DIMM DDR2 SDRAM Modules
logo
Infineon Technologies A...
HYS64D32020GDL INFINEON-HYS64D32020GDL Datasheet
777Kb / 31P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.2, Aug. 2003
HYS64D128021 INFINEON-HYS64D128021 Datasheet
587Kb / 23P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Dez. 2003
HYS64D32020GDL5C INFINEON-HYS64D32020GDL5C Datasheet
874Kb / 30P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.0, Mar. 2004
logo
Qimonda AG
HYS64D32000HDL QIMONDA-HYS64D32000HDL Datasheet
902Kb / 32P
   200-Pin Small-Outline Dual-In-Line Memory Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com