Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3813L30DBVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3813L30DBVR
Description  PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3813L30DBVR Datasheet(HTML) 5 Page - Texas Instruments

  TPS3813L30DBVR Datasheet HTML 1Page - Texas Instruments TPS3813L30DBVR Datasheet HTML 2Page - Texas Instruments TPS3813L30DBVR Datasheet HTML 3Page - Texas Instruments TPS3813L30DBVR Datasheet HTML 4Page - Texas Instruments TPS3813L30DBVR Datasheet HTML 5Page - Texas Instruments TPS3813L30DBVR Datasheet HTML 6Page - Texas Instruments TPS3813L30DBVR Datasheet HTML 7Page - Texas Instruments TPS3813L30DBVR Datasheet HTML 8Page - Texas Instruments TPS3813L30DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.ti.com
TIMING RULES OF WINDOW-WATCHDOG
PROGRAMMABLE WINDOW-WATCHDOG BY USING AN EXTERNAL CAPACITOR
t
window,typ +
C
(ext)
15.55 pF )
1
6.25 ms
(1)
LOWER BOUNDARY CALCULATION
WATCHDOG SOFTWARE CONSIDERATIONS
APPLICATION EXAMPLE
TPS3813J25, TPS3813L30
TPS3813K33, TPS3813I50
SLVS331B – DECEMBER 2000 – REVISED JUNE 2005
After the reset of the supervisor is released, the lower boundary of the first WDI window is disabled. However,
after the first WDI pulse low-to-high transition is detected, the lower boundary function of the window is enabled.
All further WDI pulses will need to fit into the configured window frame.
The upper boundary of the watchdog timer can be set by an external capacitor connected between the WDT pin
and GND. Common consumer electronic capacitors can be used to implement this feature. They should have low
ESR and low tolerances since the tolerances have to be considered if the calculations are performed. The first
formula is used to calculate the upper window frame. After calculating the upper window frame, the lower
boundary can be calculated. As in the last example, the most important values are the tboundary,max and twindow,min.
The trigger pulse has to fit into this window frame.
The external capacitor should have a value between a minimum of 47 pF and a maximum of 63 nF.
SELECTED OPERATION MODE
WINDOW FRAME
twindow,max = 1.25 × twindow,typ
WDT = external capacitor C(ext)
WDR = 0 V and WDR = VDD
twindow,min = 0.75 × twindow,typ
The lower boundary can be calculated based on the values given in the switching characteristics. Additionally,
facts have to be taken into account to verify that the lower boundary is where it is expected. Since the internal
oscillator of the window watchdog is running free, any rising edge at the WDI pin will be taken into account at the
next internal clock cycle. This happens regardless of the external source. Since the shift between internal and
external clock is not known, it is best to consider the worst case condition for calculating this value.
SELECTED OPERATION MODE
LOWER BOUNDRY OF FRAME
tboundary,max = twindow,max / 23.5
WDR = 0 V
tboundary,typ = twindow,typ / 25.8
tboundary,min = twindow,min / 28.7
WDT = external capacitor C(ext)
tboundary,max = twindow,max / 51.6
WDR = VDD
tboundary,typ = twindow,typ / 64.5
tboundary,min = twindow,min / 92.7
To benefit from the window watchdog feature and help the watchdog timer monitor the software execution more
closely, it is recommended that the watchdog be set and reset at different points in the program rather than
pulsing the watchdog input periodically by using the prescaler of a microcontroller or DSP. Furthermore, the
watchdog trigger pulses should be set to different timings inside the window frame to release a defined reset, if
the program should hang in any subroutine. This allows the window watchdog to detect timeouts of the trigger
pulse as well as pulses that distort the lower boundary.
A typical application example (see Figure 2) is used to describe the function of the watchdog in more detail.
To configure the window watchdog function, two pins are provided by the TPS3813. These pins set the window
timeout and ratio.
The window watchdog ratio is a fixed ratio, which determines the lower boundary of the window frame. It can be
configured in two different frame sizes.
5


Similar Part No. - TPS3813L30DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3813L30DBVR TI1-TPS3813L30DBVR Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
TPS3813L30DBVRG4 TI1-TPS3813L30DBVRG4 Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
More results

Similar Description - TPS3813L30DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-Q1 TI1-TPS3813K33-Q1 Datasheet
879Kb / 21P
[Old version datasheet]   Processor Supervisory Circuits With Window-Watchdog
TPS3813I50-Q1 TI1-TPS3813I50-Q1 Datasheet
301Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25 TI1-TPS3813J25_16 Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
logo
Analog Devices
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
ADM6316CY29ARJZ-R7 AD-ADM6316CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Maxim Integrated Produc...
MAX16136 MAXIM-MAX16136 Datasheet
363Kb / 15P
   High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com