Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYB18L128160BC-7.5 Datasheet(PDF) 10 Page - Qimonda AG

Part # HYB18L128160BC-7.5
Description  DRAMs for Mobile Applications 128-Mbit Mobile-RAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYB18L128160BC-7.5 Datasheet(HTML) 10 Page - Qimonda AG

Back Button HYB18L128160BC-7.5 Datasheet HTML 6Page - Qimonda AG HYB18L128160BC-7.5 Datasheet HTML 7Page - Qimonda AG HYB18L128160BC-7.5 Datasheet HTML 8Page - Qimonda AG HYB18L128160BC-7.5 Datasheet HTML 9Page - Qimonda AG HYB18L128160BC-7.5 Datasheet HTML 10Page - Qimonda AG HYB18L128160BC-7.5 Datasheet HTML 11Page - Qimonda AG HYB18L128160BC-7.5 Datasheet HTML 12Page - Qimonda AG HYB18L128160BC-7.5 Datasheet HTML 13Page - Qimonda AG HYB18L128160BC-7.5 Datasheet HTML 14Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
Data Sheet
10
Rev. 1.71, 2007-01
05282004-NZNK-8T0D
HY[B/E]18L128160B[C/F]-7.5
128-Mbit Mobile-RAM
Functional DescriptionRegister Definition
2.2.1.1
Burst Length
READ and WRITE accesses to the Mobile-RAM are burst oriented, with the burst length being programmable. The
burst length determines the maximum number of column locations that can be accessed for a given READ or
WRITE command. Burst lengths of 1, 2, 4, 8 locations are available for both the sequential and interleaved burst
types, and a full-page burst mode is available for the sequential burst type.
When a READ or WRITE command is issued, a block of columns equal to the burst length is effectively selected.
All accesses for that burst take place within this block, meaning that the burst wraps within the block if a boundary
is reached. The block is uniquely selected by A1-A8 when the burst length is set to two, by A2-A8 when the burst
length is set to four and by A3-A8 when the burst length is set to eight. The remaining (least significant) address
bit(s) is (are) used to select the starting location within the block.
Full page bursts wrap within the page if the boundary is reached. Please note that full page bursts do not self-
terminate; this implies that full-page read or write bursts with Auto Precharge are not legal commands.
NotesNotes
1. For a burst length of 2, A1-Ai select the two-data-element block; A0 selects the first access within the block.
2. For a burst length of 4, A2-Ai select the four-data-element block; A0-A1 select the first access within the block.
3. For a burst length of 8, A3-Ai select the eight-data-element block; A0-A2 select the first access within the block.
4. For a full page burst, A0-Ai select the starting data element.
BL
[2:0]
w
Burst Length
000B 1
001B 2
010B 4
011B 8
111B full page (Sequential burst type only)
Note: All other bit combinations are RESERVED.
Table 6
Burst Definition
Burst Length
Starting Column Address
Order of Accesses Within a Burst
A2
A1
A0
Sequential
Interleaved
2
0
0 - 1
0 - 1
1
1 - 0
1 - 0
4
0
0
0 - 1 - 2 - 3
0 - 1 - 2 - 3
0
1
1 - 2 - 3 - 0
1 - 0 - 3 - 2
1
0
2 - 3 - 0 - 1
2 - 3 - 0 - 1
1
1
3 - 0 - 1 - 2
3 - 2 - 1 - 0
8
0
0
0
0 - 1 - 2 - 3 - 4 - 5 - 6 - 7
0 - 1 - 2 - 3 - 4 - 5 - 6 - 7
0
0
1
1 - 2 - 3 - 4 - 5 - 6 - 7 - 0
1 - 0 - 3 - 2 - 5 - 4 - 7 - 6
0
1
0
2 - 3 - 4 - 5 - 6 - 7 - 0 - 1
2 - 3 - 0 - 1 - 6 - 7 - 4 - 5
0
1
1
3 - 4 - 5 - 6 - 7 - 0 - 1 - 2
3 - 2 - 1 - 0 - 7 - 6 - 5 - 4
1
0
0
4 - 5 - 6 - 7 - 0 - 1 - 2 - 3
4 - 5 - 6 - 7 - 0 - 1 - 2 - 3
1
0
1
5 - 6 - 7 - 0 - 1 - 2 - 3 - 4
5 - 4 - 7 - 6 - 1 - 0 - 3 - 2
1
1
0
6 - 7 - 0 - 1 - 2 - 3 - 4 - 5
6 - 7 - 4 - 5 - 2 - 3 - 0 - 1
1
1
1
7 - 0 - 1 - 2 - 3 - 4 - 5 - 6
7 - 6 - 5 - 4 - 3 - 2 - 1 - 0
Full Page
n
n
n
Cn, Cn+1, Cn+2, …
not supported
Field Bits
Type Description


Similar Part No. - HYB18L128160BC-7.5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB18L128160BC-7.5 INFINEON-HYB18L128160BC-7.5 Datasheet
569Kb / 6P
   BJAWBMSpecialty DRAMs Mobile-RAM
More results

Similar Description - HYB18L128160BC-7.5

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18L256160BCX-7.5 QIMONDA-HYB18L256160BCX-7.5 Datasheet
1Mb / 48P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18L256169BFX QIMONDA-HYB18L256169BFX Datasheet
1Mb / 47P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18L512160BF-7.5 QIMONDA-HYB18L512160BF-7.5 Datasheet
1Mb / 57P
   DRAMs for Mobile Applications 512-Mbit Mobile-RAM
HYB18L256160B QIMONDA-HYB18L256160B Datasheet
2Mb / 58P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18L512320BF-7.5 QIMONDA-HYB18L512320BF-7.5 Datasheet
991Kb / 23P
   DRAMs for Mobile Applications 512-Mbit SDR Mobile-RAM
HYB18M512160BFX QIMONDA-HYB18M512160BFX Datasheet
1Mb / 52P
   DRAMs for Mobile Applications 512-Mbit DDR Mobile-RAM
HYB18M512160BF-6 QIMONDA-HYB18M512160BF-6 Datasheet
793Kb / 24P
   DRAMs for Mobile Applications 512-Mbit DDR Mobile-RAM RoHS compliant
HYB18M256320CF QIMONDA-HYB18M256320CF Datasheet
1Mb / 26P
   DRAMs for Mobile Applications
HYB18M1G320BF QIMONDA-HYB18M1G320BF Datasheet
3Mb / 62P
   DRAMs for Mobile Applications 1-Gbit x32 DDR Mobile-RAM
logo
Infineon Technologies A...
HYB18L128160BF INFINEON-HYB18L128160BF Datasheet
1Mb / 53P
   DRAMs for Mobile Applications
V1.4, April 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com