Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3813L30DBVRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3813L30DBVRG4
Description  PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3813L30DBVRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS3813L30DBVRG4 Datasheet HTML 1Page - Texas Instruments TPS3813L30DBVRG4 Datasheet HTML 2Page - Texas Instruments TPS3813L30DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS3813L30DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS3813L30DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS3813L30DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS3813L30DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS3813L30DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS3813L30DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
TPS381
3
J
DBV
R
Reel
Package
25
Nominal Supply Voltage
Nominal Threshold Voltage
Functionality
Family
TPS3813J25, TPS3813L30
TPS3813K33, TPS3813I50
SLVS331B – DECEMBER 2000 – REVISED JUNE 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
For safety critical applications the TPS3813 family incorporates a so-called window-watchdog with programmable
delay and window ratio. The upper limit of the watchdog time-out can be set by either connecting WDT to GND,
VDD, or using an external capacitor. The lower limit and thus the window ratio is set by connecting WDR to GND
or VDD. The supervised processor now needs to trigger the TPS3813 within this window not to assert a RESET.
The product spectrum is designed for supply voltages of 2.5 V, 3 V, 3.3 V, and 5 V. The circuits are available in a
6-pin SOT-23 package.
The TPS3813 devices are characterized for operation over a temperature range of –40
°C to 85°C.
PACKAGE INFORMATION
TA
DEVICE NAME
THRESHOLD VOLTAGE
MARKING
TPS3813J25DBV
2.25 V
PCDI
TPS3813L30DBV
2.64 V
PEZI
–40
°C to 85°C
TPS3813K33DBV
2.93 V
PFAI
TPS3813I50DBV
4.55 V
PFBI
ORDERING INFORMATION
TPS3813 FUNCTION/TRUTH
TABLE
VDD > VIT
RESET
0
L
1
H
2


Similar Part No. - TPS3813L30DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3813L30DBVRG4 TI1-TPS3813L30DBVRG4 Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
More results

Similar Description - TPS3813L30DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-Q1 TI1-TPS3813K33-Q1 Datasheet
879Kb / 21P
[Old version datasheet]   Processor Supervisory Circuits With Window-Watchdog
TPS3813I50-Q1 TI1-TPS3813I50-Q1 Datasheet
301Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25 TI1-TPS3813J25_16 Datasheet
917Kb / 24P
[Old version datasheet]   Family Processor Supervisory Circuits With Window-Watchdog
logo
Analog Devices
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
ADM6316CY29ARJZ-R7 AD-ADM6316CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Maxim Integrated Produc...
MAX16136 MAXIM-MAX16136 Datasheet
363Kb / 15P
   High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com