Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYE18L512160BF-7.5 Datasheet(PDF) 9 Page - Qimonda AG

Part # HYE18L512160BF-7.5
Description  DRAMs for Mobile Applications 512-Mbit Mobile-RAM
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYE18L512160BF-7.5 Datasheet(HTML) 9 Page - Qimonda AG

Back Button HYE18L512160BF-7.5 Datasheet HTML 5Page - Qimonda AG HYE18L512160BF-7.5 Datasheet HTML 6Page - Qimonda AG HYE18L512160BF-7.5 Datasheet HTML 7Page - Qimonda AG HYE18L512160BF-7.5 Datasheet HTML 8Page - Qimonda AG HYE18L512160BF-7.5 Datasheet HTML 9Page - Qimonda AG HYE18L512160BF-7.5 Datasheet HTML 10Page - Qimonda AG HYE18L512160BF-7.5 Datasheet HTML 11Page - Qimonda AG HYE18L512160BF-7.5 Datasheet HTML 12Page - Qimonda AG HYE18L512160BF-7.5 Datasheet HTML 13Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
Data Sheet.
Rev. 1.22, 2006-12
9
01132005-06IU-IGVM
HY[B/E]18L512160BF-7.5
512-Mbit Mobile-RAM
1. First, device core power (
V
DD) and device IO power (VDDQ) must be brought up simultaneously. Typically VDD and VDDQ are
driven from a single power converter output. Assert and hold CKE and DQM to a HIGH level.
2. After
V
DD and VDDQ are stable and CKE is HIGH, apply stable clocks.
3. Wait for 200
µs while issuing NOP or DESELECT commands.
4. Issue a PRECHARGE ALL command, followed by NOP or DESELECT commands for at least
t
RP period.
5. Issue two AUTO REFRESH commands, each followed by NOP or DESELECT commands for at least
t
RFC period.
6. Issue two MODE REGISTER SET commands for programming the Mode Register and Extended Mode Register, each
followed by NOP or DESELECT commands for at least
t
MRD period (the order in which both registers are programmed is
not important).
Following these steps, the Mobile-RAM is ready for normal operation.
2.2
Register Definition
2.2.1
Mode Register
The Mode Register is used to define the specific mode of operation of the Mobile-RAM. This definition includes:
• the selection of a burst length (bits A0-A2)
• a burst type (bit A3)
• a CAS latency (bits A4-A6)
• a write burst mode (bit A9)
The Mode Register is programmed via the MODE REGISTER SET command (with BA0 = 0 and BA1 = 0) and will retain the
stored information until it is programmed again or the device loses power.
The Mode Register must be loaded when all banks are idle. Also, the controller must wait the specified time before initiating
any subsequent operation. Violating either of these requirements results in unspecified operation.
Reserved states should not be used, as unknown operation or incompatibility with future versions may result.
TABLE 5
MR Mode Register Definition (BA[1:0] = 00B)
Field
Bits
Type
Description
WB
9w
Write Burst Mode
0 Burst Write
1 Single Write
CL
[6:4]
w
CAS Latency
010 2
011 3
Note: All other bit combinations are RESERVED.


Similar Part No. - HYE18L512160BF-7.5

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYE18L512320BF-7.5 QIMONDA-HYE18L512320BF-7.5 Datasheet
991Kb / 23P
   DRAMs for Mobile Applications 512-Mbit SDR Mobile-RAM
More results

Similar Description - HYE18L512160BF-7.5

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18L512320BF-7.5 QIMONDA-HYB18L512320BF-7.5 Datasheet
991Kb / 23P
   DRAMs for Mobile Applications 512-Mbit SDR Mobile-RAM
HYB18M512160BFX QIMONDA-HYB18M512160BFX Datasheet
1Mb / 52P
   DRAMs for Mobile Applications 512-Mbit DDR Mobile-RAM
HYB18M512160BF-6 QIMONDA-HYB18M512160BF-6 Datasheet
793Kb / 24P
   DRAMs for Mobile Applications 512-Mbit DDR Mobile-RAM RoHS compliant
HYB18L256160BCX-7.5 QIMONDA-HYB18L256160BCX-7.5 Datasheet
1Mb / 48P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18L256169BFX QIMONDA-HYB18L256169BFX Datasheet
1Mb / 47P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18L128160BF QIMONDA-HYB18L128160BF Datasheet
1Mb / 55P
   DRAMs for Mobile Applications 128-Mbit Mobile-RAM
HYB18L256160B QIMONDA-HYB18L256160B Datasheet
2Mb / 58P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18M256320CF QIMONDA-HYB18M256320CF Datasheet
1Mb / 26P
   DRAMs for Mobile Applications
HYB18M1G320BF QIMONDA-HYB18M1G320BF Datasheet
3Mb / 62P
   DRAMs for Mobile Applications 1-Gbit x32 DDR Mobile-RAM
logo
Infineon Technologies A...
HYB18L128160BF INFINEON-HYB18L128160BF Datasheet
1Mb / 53P
   DRAMs for Mobile Applications
V1.4, April 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com