Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2021MJG Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2021MJG
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2021MJG Datasheet(HTML) 4 Page - Texas Instruments

  TLE2021MJG Datasheet HTML 1Page - Texas Instruments TLE2021MJG Datasheet HTML 2Page - Texas Instruments TLE2021MJG Datasheet HTML 3Page - Texas Instruments TLE2021MJG Datasheet HTML 4Page - Texas Instruments TLE2021MJG Datasheet HTML 5Page - Texas Instruments TLE2021MJG Datasheet HTML 6Page - Texas Instruments TLE2021MJG Datasheet HTML 7Page - Texas Instruments TLE2021MJG Datasheet HTML 8Page - Texas Instruments TLE2021MJG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
TLE202x, TLE202xA, TLE202xB, TLE202xY
EXCALIBUR HIGHSPEED LOW POWER PRECISION
OPERATIONAL AMPLIFIERS
SLOS191C − FEBRUARY 1997 − REVISED APRIL 2007
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLE2021Y chip information
This chip, when properly assembled, display characteristics similar to the TLE2021. Thermal compression or
ultrasonic bonding may be used on the doped-aluminum bonding pads. This chip may be mounted with
conductive epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 MILS TYPICAL
BONDING PADS: 4
× 4 MILS MINIMUM
TJmax= 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
PIN (4) IS INTERNALLY CONNECTED
TO BACKSIDE OF CHIP.
+
OUT
IN +
IN −
VCC+
(7)
(3)
(2)
(6)
(4)
VCC −/GND
(1)
(5)
OFFSET N1
OFFSET N2
78
54
(1)
(2)
(3)
(4)
(5)
(6)
(7)


Similar Part No. - TLE2021MJG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2021MJG TI-TLE2021MJG Datasheet
1Mb / 66P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2021MJG TI-TLE2021MJG Datasheet
1Mb / 79P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2021MJG TI1-TLE2021MJG Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2021MJG TI1-TLE2021MJG Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2021MJG TI1-TLE2021MJG Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - TLE2021MJG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE202X-Q1 TI-TLE202X-Q1 Datasheet
714Kb / 39P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2024BM TI1-TLE2024BM Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202XA TI-TLE202XA Datasheet
1Mb / 79P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X TI-TLE202X Datasheet
1Mb / 66P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2024-EP TI-TLE2024-EP Datasheet
898Kb / 42P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X TI1-TLE202X_16 Datasheet
2Mb / 80P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X TI1-TLE202X_17 Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X-Q1 TI1-TLE202X-Q1_15 Datasheet
728Kb / 41P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X-EP TI1-TLE202X-EP Datasheet
1Mb / 46P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2021-EP TI1-TLE2021-EP Datasheet
1Mb / 45P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com