Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2021MJG Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2021MJG
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2021MJG Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLE2021MJG Datasheet HTML 4Page - Texas Instruments TLE2021MJG Datasheet HTML 5Page - Texas Instruments TLE2021MJG Datasheet HTML 6Page - Texas Instruments TLE2021MJG Datasheet HTML 7Page - Texas Instruments TLE2021MJG Datasheet HTML 8Page - Texas Instruments TLE2021MJG Datasheet HTML 9Page - Texas Instruments TLE2021MJG Datasheet HTML 10Page - Texas Instruments TLE2021MJG Datasheet HTML 11Page - Texas Instruments TLE2021MJG Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
TLE202x, TLE202xA, TLE202xB, TLE202xY
EXCALIBUR HIGHSPEED LOW POWER PRECISION
OPERATIONAL AMPLIFIERS
SLOS191C − FEBRUARY 1997 − REVISED APRIL 2007
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC+ (see Note 1)
20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VCC− (see Note 1)
−20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID (see Note 2)
±0.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (any input, see Note 1)
±VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current, II (each input)
±1 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO (each output): TLE2021
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLE2022
±30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLE2024
±40 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total current into VCC+
80 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total current out of VCC−
80 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of short-circuit current at (or below) 25
°C (see Note 3)
unlimited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: C suffix
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I suffix
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
M suffix
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 60 seconds, TC: FK package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D, DP, P, or PW package
260
°C
. . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds: JG package
300
°C
. . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential voltages, are with respect to the midpoint between VCC +, and VCC −.
2. Differential voltages are at IN+ with respect to IN −. Excessive current flows if a differential input voltage in excess of approximately
±600 mV is applied between the inputs unless some limiting resistance is used.
3. The output may be shorted to either supply. Temperature and/or supply voltages must be limited to ensure that the maximum
dissipation rating is not exceeded.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
D−8
725 mW
5.8 mW/
°C
464 mW
377 mW
145 mW
DB−8
525 mW
4.2 mW/
°C
336 mW
DW−16
1025 mW
8.2 mW/
°C
656 mW
533 mW
205 mW
FK
1375 mW
11.0 mW/
°C
880 mW
715 mW
275 mW
J−14
1375 mW
11.0 mW/
°C
880 mW
715 mW
275 mW
JG−8
1050 mW
8.4 mW/
°C
672 mW
546 mW
210 mW
N−14
1150 mW
9.2 mW/
°C
736 mW
598 mW
230 mW
P−8
1000 mW
8.0 mW/
°C
640 mW
520 mW
200 mW
PW−8
525 mW
4.2 mW/
°C
336 mW
recommended operating conditions
C SUFFIX
I SUFFIX
M SUFFIX
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Supply voltage, VCC
±2
±20
±2
±20
±2
±20
V
Common-mode input voltage, VIC
VCC = ± 5 V
0
3.5
0
3.2
0
3.2
V
Common-mode input voltage, VIC
VCC ± = ±15 V
−15
13.5
−15
13.2
−15
13.2
V
Operating free-air temperature, TA
0
70
−40
85
−55
125
°C


Similar Part No. - TLE2021MJG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2021MJG TI-TLE2021MJG Datasheet
1Mb / 66P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2021MJG TI-TLE2021MJG Datasheet
1Mb / 79P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2021MJG TI1-TLE2021MJG Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2021MJG TI1-TLE2021MJG Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2021MJG TI1-TLE2021MJG Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - TLE2021MJG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE202X-Q1 TI-TLE202X-Q1 Datasheet
714Kb / 39P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2024BM TI1-TLE2024BM Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202XA TI-TLE202XA Datasheet
1Mb / 79P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X TI-TLE202X Datasheet
1Mb / 66P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2024-EP TI-TLE2024-EP Datasheet
898Kb / 42P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X TI1-TLE202X_16 Datasheet
2Mb / 80P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X TI1-TLE202X_17 Datasheet
1Mb / 77P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X-Q1 TI1-TLE202X-Q1_15 Datasheet
728Kb / 41P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE202X-EP TI1-TLE202X-EP Datasheet
1Mb / 46P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
TLE2021-EP TI1-TLE2021-EP Datasheet
1Mb / 45P
[Old version datasheet]   EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com