Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS76825QPWP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76825QPWP
Description  FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76825QPWP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS76825QPWP Datasheet HTML 5Page - Texas Instruments TPS76825QPWP Datasheet HTML 6Page - Texas Instruments TPS76825QPWP Datasheet HTML 7Page - Texas Instruments TPS76825QPWP Datasheet HTML 8Page - Texas Instruments TPS76825QPWP Datasheet HTML 9Page - Texas Instruments TPS76825QPWP Datasheet HTML 10Page - Texas Instruments TPS76825QPWP Datasheet HTML 11Page - Texas Instruments TPS76825QPWP Datasheet HTML 12Page - Texas Instruments TPS76825QPWP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
www.ti.com
t − Time − ms
3
2
0.3
0.2
0.1
0.4 0.5
0.7
0.6
0.8
0.9
1
0
0
1
4
Co = 10 µF
IO = 1 A
TA = 25°C
t − Time −
µs
1
0.5
300
200
100
400 500
700
600
800 900 1000
0
Co = 10 µF
TA = 25°C
0
0
50
100
−50
−100
IN
EN
OUT
+
GND
Co
ESR
RL
VI
To Load
VI − Input Voltage − V
600
300
0
3
4
500
400
200
3.5
2.5
100
4.5
5
900
800
700
TA = 125°C
TA = −40°C
TA = 25°C
IO = 1 A
TPS768xxQ
SLVS211L – JUNE 1999 – REVISED JANUARY 2006
TYPICAL CHARACTERISTICS (continued)
TPS76833
TPS76833
OUTPUT VOLTAGE
LOAD TRANSIENT RESPONSE
vs
TIME (AT START-UP)
Figure 18.
Figure 19.
TPS76801
TEST CIRCUIT FOR TYPICAL REGIONS OF STABILITY
DROPOUT VOLTAGE
(Figure 22 through Figure 25)
vs
(Fixed Output Options)
INPUT VOLTAGE
Figure 20.
Figure 21.
9
Submit Documentation Feedback


Similar Part No. - TPS76825QPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76825QPWP TI-TPS76825QPWP Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825QPWP TI-TPS76825QPWP Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825QPWP TI-TPS76825QPWP Datasheet
879Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825QPWP TI1-TPS76825QPWP Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825QPWPG4 TI-TPS76825QPWPG4 Datasheet
879Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76825QPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-Q1 TI1-TPS76815-Q1_16 Datasheet
577Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825Q TI-TPS76825Q Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815 TI-TPS76815_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com