Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72T256020HFA-3.7-B Datasheet(PDF) 3 Page - Qimonda AG

Part # HYS72T256020HFA-3.7-B
Description  240-Pin Fully-Buffered DDR2 SDRAM Modules
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T256020HFA-3.7-B Datasheet(HTML) 3 Page - Qimonda AG

  HYS72T256020HFA-3.7-B Datasheet HTML 1Page - Qimonda AG HYS72T256020HFA-3.7-B Datasheet HTML 2Page - Qimonda AG HYS72T256020HFA-3.7-B Datasheet HTML 3Page - Qimonda AG HYS72T256020HFA-3.7-B Datasheet HTML 4Page - Qimonda AG HYS72T256020HFA-3.7-B Datasheet HTML 5Page - Qimonda AG HYS72T256020HFA-3.7-B Datasheet HTML 6Page - Qimonda AG HYS72T256020HFA-3.7-B Datasheet HTML 7Page - Qimonda AG HYS72T256020HFA-3.7-B Datasheet HTML 8Page - Qimonda AG HYS72T256020HFA-3.7-B Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
HYS72T[64/128/256]4[00/20]HFA–[2.5/3S/3.7]–B
Fully-Buffered DDR2 SDRAM Modules
Internet Data Sheet
Rev.1.01, 2007-06-20
3
10062006-RQWY-GI6S
1Overview
This chapter describes the main characteristics of the 240-Pin Fully-Buffered DDR2 SDRAM Modules product family.
1.1
Features
• 240-pin Fully-Buffered ECC Dual-In-Line DDR2 SDRAM
Module for PC, Workstation and Server main memory
applications.
• One rank 64M
× 72 and , two rank 128M × 72, 256M × 72
module organization, and 64M
× 8, 128M × 4 chip
organization
• Standard Double-Data-Rate-Two Synchronous DRAMs
(DDR2 SDRAM) with a single + 1.8 V (± 0.1 V) power
supply
• 2GB, 1GB, 512MB Modules built with chipsize packages
PG-TFBGA-60
• Re-drive and re-sync of all address, command, clock and
data signals using AMB (Advanced Memory Buffer).
• High-Speed Differential Point-to-Point Link Interface at 1.5
V (Jedec standard pending).
• Host Interface and AMB component industry standard
compliant.
• Supports SMBus protocol interface for access to the AMB
configuration registers.
• Detects errors on the channel and reports them to the host
memory controller.
• Automatic DDR2 DRAM Bus Calibration.
• Automatic Channel Calibration.
• Full Host Control of the DDR2 DRAMs.
• Over-Temperature Detection and Alert.
• Hot Add-on and Hot Remove Capability.
• MBIST and IBIST Test Functions.
• Transparent Mode for DRAM Test Support.
• Low profile: 133.35mm x 30.35 mm
• 240 Pin gold plated card connector with 1.00mm contact
centers (JEDEC standard pending).
• Based on JEDEC standard reference card designs (Jedec
standard pending).
• SPD (Serial Presence Detect) with 256 Byte serial
E2PROM.Performance:
• RoHS Compliant Products1)
TABLE 1
Performance Table
1) RoHS Compliant Product: Restriction of the use of certain hazardous substances (RoHS) in electrical and electronic equipment as defined
in the directive 2002/95/EC issued by the European Parliament and of the Council of 27 January 2003. These substances include mercury,
lead, cadmium, hexavalent chromium, polybrominated biphenyls and polybrominated biphenyl ethers.
QAG Speed Code
–2.5
–3S
–3.7
Unit
DRAM Speed Grade
DDR2–800E
DDR2–667D
DDR2–533C
Module Speed Grade
PC2–6400E
PC2–5300D
PC2–4200C
CAS-RCD-RP latencies
6–6–6
5–5–5
4–4–4
Max. Clock Frequency
CL3
f
CK3
200
200
200
MHz
CL5
f
CK5
333
333
266
MHz
CL4
f
CK4
266
266
266
MHz
CL6
f
CK6
400
MHz
Min. RAS-CAS-Delay
t
RCD
15
15
15
ns
Min. Row Precharge Time
t
RP
15
15
15
ns


Similar Part No. - HYS72T256020HFA-3.7-B

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T256020HF QIMONDA-HYS72T256020HF Datasheet
2Mb / 42P
   240-Pin Fully-Buffered DDR2 SDRAM Modules
HYS72T256020HF QIMONDA-HYS72T256020HF Datasheet
2Mb / 43P
   240-Pin Fully-Buffered DDR2 SDRAM Modules
HYS72T256020HF QIMONDA-HYS72T256020HF Datasheet
2Mb / 42P
   240-Pin Fully-Buffered DDR2 SDRAM Modules
More results

Similar Description - HYS72T256020HFA-3.7-B

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T512022HFN-3.7-A QIMONDA-HYS72T512022HFN-3.7-A Datasheet
1Mb / 32P
   240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM
HYS72T512422HFN QIMONDA-HYS72T512422HFN Datasheet
2Mb / 41P
   240-Pin Fully-Buffered DDR2 SDRAM Modules
HYS72T64400HFD QIMONDA-HYS72T64400HFD Datasheet
2Mb / 42P
   240-Pin Fully-Buffered DDR2 SDRAM Modules
HYS72T64400HFN QIMONDA-HYS72T64400HFN Datasheet
2Mb / 42P
   240-Pin Fully-Buffered DDR2 SDRAM Modules
HYS72T64400HFD-3S-B QIMONDA-HYS72T64400HFD-3S-B Datasheet
2Mb / 43P
   240-Pin Fully-Buffered DDR2 SDRAM Modules
HYS72T512420EFA QIMONDA-HYS72T512420EFA Datasheet
2Mb / 37P
   240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM RoHS Compliant Products
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
HYS64T256020HU QIMONDA-HYS64T256020HU Datasheet
3Mb / 61P
   240-Pin Unbuffered DDR2 SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com