Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72T256020HF Datasheet(PDF) 4 Page - Qimonda AG

Part # HYS72T256020HF
Description  240-Pin Fully-Buffered DDR2 SDRAM Modules
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T256020HF Datasheet(HTML) 4 Page - Qimonda AG

  HYS72T256020HF Datasheet HTML 1Page - Qimonda AG HYS72T256020HF Datasheet HTML 2Page - Qimonda AG HYS72T256020HF Datasheet HTML 3Page - Qimonda AG HYS72T256020HF Datasheet HTML 4Page - Qimonda AG HYS72T256020HF Datasheet HTML 5Page - Qimonda AG HYS72T256020HF Datasheet HTML 6Page - Qimonda AG HYS72T256020HF Datasheet HTML 7Page - Qimonda AG HYS72T256020HF Datasheet HTML 8Page - Qimonda AG HYS72T256020HF Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
Internet Data Sheet
Rev. 1.2, 2006-02
4
09142006-Q5TN-B9NE
HYS72T[64/128/256][4/5][00/20]HFD–3S–B
1.2
Description
This document describes the electrical and mechanical
features of a 240-pin, PC2-5300F ECC type, Fully Buffered
Double-Data-Rate Two Synchronous DRAM Dual In-Line
Memory Modules (DDR2 SDRAM FB-DIMMs). Fully Buffered
DIMMs use commodity DRAMs isolated from the memory
channel behind a buffer on the DIMM. They are intended for
use as main memory when installed in systems such as
servers and workstations. PC2-5300 refers to the DIMM
naming convention indicating the DDR2 SDRAMs running at
333 MHz clock speed and offering 5300 MB/s peak
bandwidth. FB-DIMM features a novel architecture including
the Advanced Memory Buffer. This single chip component,
located in the center of each DIMM, acts as a repeater and
buffer for all signals and commands which are exchanged
between the host controller and the DDR2 SDRAMs including
data in- and output. The AMB communicates with the host
controller and / or the adjacent DIMMs on a system board
using an Industry Standard High-Speed Differential Point-to-
Point Link Interface at 1.5 V.
The Advanced Memory Buffer also allows buffering of
memory traffic to support large memory capacities. All
memory control for the DRAM resides in the host, including
memory request initiation, timing, refresh, scrubbing, sparing,
configuration access, and power management. The
Advanced Memory Buffer interface is responsible for handling
channel and memory requests to and from the local DIMM
and for forwarding requests to other DIMMs on the memory
channel. Fully Buffered DIMM provides a high memory
bandwidth, large capacity channel solution that has a narrow
host interface. The maximum memory capacity is 288 DDR2
SDRAM devices per channel or 8 DIMMs.
TABLE 2
Ordering Information (Pb-free components and assembly)
TABLE 3
Address Format
Product Type1)
1) All product types end with a place code, designating the silicon die revision. Example: HYS 72T64000HFA-3.7-A, indicating Rev. A dice
are used for DDR2 SDRAM components. To learn more on QIMONDA DDR2 module and component nomenclature see Chapter 8 of this
datasheet.
Compliance Code2)
2) The Compliance Code is printed on the module label and describes the speed grade, e.g. “PC2-4200F-444-11-A”, where 4200F means
Fully Buffered DIMM with 4.26 GB/sec. Module Bandwidth and “444-11” means CAS latency = 4, trcd latency = 4 and trp latency = 4 using
JEDEC SPD Revision 1.1 and assembled on Raw Card “A”.
Description
SDRAM Technology
PC2-5300F (DDR2-667):
HYS72T64400HFD–3S–B
512MB 1Rx8 PC2–4200F–444–11–A
1 Rank, FB-DIMM
512 Mbit (
×8)
HYS72T64500HFD–3S–B
512MB 1Rx8 PC2–4200F–444–11–A
1 Rank, FB-DIMM
512 Mbit (
×8)
HYS72T128420HFD–3S–B
1GB 2Rx8 PC2–4200F–444–11–B
2 Ranks, FB-DIMM
512 Mbit (
×8)
HYS72T128520HFD–3S–B
1GB 2Rx8 PC2–4200F–444–11–B
2 Ranks, FB-DIMM
512 Mbit (
×8)
HYS72T256420HFD–3S–B
2GB 2Rx4 PC2–4200F–444–11–H
2 Ranks, FB-DIMM
512 Mbit (
×4)
HYS72T256520HFD–3S–B
2GB 2Rx4 PC2–4200F–444–11–H
2 Ranks, FB-DIMM
512 Mbit (
×4)
DIMM
Density
Module
Organization
Memory
Ranks
ECC/
Non-ECC
# of
SDRAMs
# of row/bank/columns bits
Raw
Card
512 MB
64M
×72
1
ECC
9
13/2/10
A
1GB
128M
×72
2
ECC
18
13/2/10
B
2GB
256M
×72
2
ECC
36
13/2/11
H


Similar Part No. - HYS72T256020HF

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T256020HF QIMONDA-HYS72T256020HF Datasheet
2Mb / 42P
   240-Pin Fully-Buffered DDR2 SDRAM Modules
HYS72T256020HF QIMONDA-HYS72T256020HF Datasheet
2Mb / 42P
   240-Pin Fully-Buffered DDR2 SDRAM Modules
HYS72T256020HFA QIMONDA-HYS72T256020HFA Datasheet
2Mb / 47P
   240-Pin Fully-Buffered DDR2 SDRAM Modules
HYS72T256020HFA-2.5-B QIMONDA-HYS72T256020HFA-2.5-B Datasheet
2Mb / 47P
   240-Pin Fully-Buffered DDR2 SDRAM Modules
HYS72T256020HFA-3.7-B QIMONDA-HYS72T256020HFA-3.7-B Datasheet
2Mb / 47P
   240-Pin Fully-Buffered DDR2 SDRAM Modules
More results

Similar Description - HYS72T256020HF

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T512022HFN-3.7-A QIMONDA-HYS72T512022HFN-3.7-A Datasheet
1Mb / 32P
   240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM
HYS72T512422HFN QIMONDA-HYS72T512422HFN Datasheet
2Mb / 41P
   240-Pin Fully-Buffered DDR2 SDRAM Modules
HYS72T64400HFD QIMONDA-HYS72T64400HFD Datasheet
2Mb / 42P
   240-Pin Fully-Buffered DDR2 SDRAM Modules
HYS72T64400HFN QIMONDA-HYS72T64400HFN Datasheet
2Mb / 42P
   240-Pin Fully-Buffered DDR2 SDRAM Modules
HYS72T64400HFA QIMONDA-HYS72T64400HFA Datasheet
2Mb / 47P
   240-Pin Fully-Buffered DDR2 SDRAM Modules
HYS72T512420EFA QIMONDA-HYS72T512420EFA Datasheet
2Mb / 37P
   240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM RoHS Compliant Products
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
HYS64T256020HU QIMONDA-HYS64T256020HU Datasheet
3Mb / 61P
   240-Pin Unbuffered DDR2 SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com