Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN217 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # AN217
Description  C8051F35X DELTA-SIGMA ADC USER?셎 GUIDE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN217 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button AN217 Datasheet HTML 7Page - Silicon Laboratories AN217 Datasheet HTML 8Page - Silicon Laboratories AN217 Datasheet HTML 9Page - Silicon Laboratories AN217 Datasheet HTML 10Page - Silicon Laboratories AN217 Datasheet HTML 11Page - Silicon Laboratories AN217 Datasheet HTML 12Page - Silicon Laboratories AN217 Datasheet HTML 13Page - Silicon Laboratories AN217 Datasheet HTML 14Page - Silicon Laboratories AN217 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AN217
Rev. 0.2
11
3. Hardware Design
Designing a low-noise, high-precision measurement system requires not only proper ADC configuration, but
careful circuit board design and interface considerations as well. For an in-depth discussion concerning proper
mixed-signal circuit board design, see application note, “AN203: Printed Circuit Design Notes.” AN203 covers
many topics concerning proper PCB design such as power supply, decoupling, ground circuit, component
placement, and routing of traces (layout guidelines). Also included is a checklist that can be used to ensure all
relevant items have been considered for the application.
Here is a list of notes concerning the use of the C8051F35x on a circuit board:
Use ground planes: Typically a minimum of 4-layers should be used. Connect components’ ground pins
directly to the plane. Use copper plane fill between traces on the signal layers, and connect the fill to ground
using vias (do not leave “floating” copper). Separate analog and digital ground planes can be used; connect
them in one place. Design a few locations for connection so that the best connection can be tested, usually near
the ADC or near the power supply to the board. See AN203 for details and recommended layer assignments for
ground, power, and signal planes.
Avoid ground loops: Unless careful isolation has been designed, all circuit boards and systems must share a
common, low-impedance ground connection so they have the same ground potential. This is especially true of
the sensor if not on the same board as the ADC. Do not connect a sensor’s ground or negative side wire to a
different ground plane than the C8051F35x’s. Connect both sensor wires to AIN+/AIN–, and make another
common ground connection between the boards (chassis ground) when applicable.
Place components carefully in order to control ground currents: All ground currents from each component
must return to the power supply. Place digital, noisy signals and their traces away from analog signals and the
analog input circuits connected to the ADC. Avoid ground current return flow in the area of the analog signal
path (e.g., digital components placed in such a way that return currents must flow by the anti-alias filters at AIN+
and AIN– pins will degrade performance). See AN203.
Keep analog traces away from digital traces: Component placement and orientation will help the designer
route digital traces away from the analog signals. Analog traces (including the voltage reference) must be kept
as short as possible.
Sensor input: The delta-sigma will reject noise (though not at the modulator sample frequency). However, care
should be taken to use a simple anti-alias filter and a high-quality amplifier (when applicable). Keep wires as
short as possible. Input impedance at AIN+ and AIN– should be matched to preserve common-mode rejection.
Reject common-mode and ground noise: Make differential measurements and use twisted wire pairs
(shielded if possible). EMI and ground noise that appears equally on both differential inputs to the ADC will not
appear in the measurment.


Similar Part No. - AN217

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN217 ETC2-AN217 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
STMicroelectronics
AN2173 STMICROELECTRONICS-AN2173 Datasheet
894Kb / 15P
   Using a VIPer12-based Power Supply to Replace a Wall Transformer
More results

Similar Description - AN217

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120 Datasheet
2Mb / 64P
   DEVELOPER?셎 KIT USER?셎 GUIDE
2001
PIC24E MICROCHIP-PIC24E Datasheet
2Mb / 30P
   STARTER KIT USER?셎 GUIDE
2010-2011
logo
Maxim Integrated Produc...
AN4811 MAXIM-AN4811 Datasheet
1Mb / 216P
   MAXQ FAMILY USER?셎 GUIDE
Rev: 6; 9/08
logo
Silicon Laboratories
SI4312-DB SILABS-SI4312-DB Datasheet
455Kb / 11P
   Si4312 DEMO BOARD USER?셎 GUIDE
MSC-F930-PDK SILABS-MSC-F930-PDK Datasheet
1Mb / 17P
   EZRADIOPRO짰 DEVELOPMENT KITS USER?셎 GUIDE
SI4311-DB SILABS-SI4311-DB Datasheet
445Kb / 11P
   Si4311 DEMO BOARD USER?셎 GUIDE
SI4010-DK SILABS-SI4010-DK Datasheet
212Kb / 20P
   Si4010 DEVELOPMENT KIT USER?셎 GUIDE
logo
New Japan Radio
NJU3610 NJRC-NJU3610 Datasheet
269Kb / 14P
   1bit Delta-Sigma Stereo ADC
logo
STMicroelectronics
AN1827 STMICROELECTRONICS-AN1827 Datasheet
91Kb / 11P
   IMPLEMENTATION OF SIGMA-DELTA ADC
logo
Analog Devices
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
   Sigma-Delta ADC with PGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com