Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1162 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AAT1162
Description  12V, 1.5A Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1162 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT1162 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1162 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1162 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1162 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1162 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1162 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1162 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1162 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1162 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings
1
Thermal Information
3
Symbol
Description
Value
Units
P
D
Maximum Power Dissipation
4
2.7
W
θ
JA
Thermal Resistance
37
°C/W
Symbol
Description
Value
Units
V
IN, VAIN
Input Voltage
-0.3 to 14
V
V
LX
LX to GND Voltage
-0.3 to V
IN + 0.3
V
V
FB
FB to GND Voltage
-0.3 to V
IN + 0.3
V
V
EN
EN to GND Voltage
-0.3 to V
IN + 0.3
V
T
J
Operating Junction Temperature Range
-40 to 150
°C
AAT1162
12V, 1.5A Step-Down DC/DC Converter
1162.2007.09.1.2
3
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions
other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Based on long-term current density limitation.
3. Mounted on an FR4 board.
4. Derate 2.7mW/°C above 25°C.


Similar Part No. - AAT1162

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1162 ANALOGICTECH-AAT1162 Datasheet
1Mb / 18P
   12V, 1.5A Step-Down DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1162 SKYWORKS-AAT1162 Datasheet
2Mb / 19P
   12V, 1.5A Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1162IRN-0.6-T1 ANALOGICTECH-AAT1162IRN-0.6-T1 Datasheet
1Mb / 18P
   12V, 1.5A Step-Down DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1162IRN-0.6-T1 SKYWORKS-AAT1162IRN-0.6-T1 Datasheet
2Mb / 19P
   12V, 1.5A Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1162 ANALOGICTECH-AAT1162_08 Datasheet
1Mb / 18P
   12V, 1.5A Step-Down DC/DC Converter
More results

Similar Description - AAT1162

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1162 SKYWORKS-AAT1162 Datasheet
2Mb / 19P
   12V, 1.5A Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1162 ANALOGICTECH-AAT1162_08 Datasheet
1Mb / 18P
   12V, 1.5A Step-Down DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN32 SIGE-AATIAN32 Datasheet
3Mb / 8P
   12V,1.5A Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
   1.5MHz, 1.5A, Step-down DC-DC Converter
AZ34063A BCDSEMI-AZ34063A Datasheet
215Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063U BCDSEMI-AZ34063U Datasheet
780Kb / 14P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
List of Unclassifed Man...
AZ34063A ETC1-AZ34063A Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Diodes Incorporated
AZ34063U DIODES-AZ34063U Datasheet
501Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Rev. 1 - 2 July 2021
logo
ams AG
AS1335 AMSCO-AS1335_05 Datasheet
2Mb / 19P
   1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com