Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1162 Datasheet(PDF) 7 Page - Advanced Analogic Technologies

Part # AAT1162
Description  12V, 1.5A Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1162 Datasheet(HTML) 7 Page - Advanced Analogic Technologies

Back Button AAT1162 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1162 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1162 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1162 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1162 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1162 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1162 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1162 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1162 Datasheet HTML 11Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Typical Characteristics
Test circuit of Figure 2, unless otherwise specified.
Line Regulation
(VOUT = 3.3V)
Input Voltage (V)
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
56
7
8
9
10
11
12
IOUT = 10mA
IOUT = 1A
IOUT = 1.5A
IOUT = 1mA
OUT
=100mA
I
Load Regulation
(VOUT = 5V)
Output Current (mA)
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.0001
0.001
0.01
0.1
1
10
VIN = 12V
VIN = 10V
VIN = 6V
VIN = 8.4V
Output Voltage Tolerance vs. Temperature
(VOUT = 3.3V; ILOAD = 1.5A)
Temperature (°C)
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
Line Regulation
(VOUT = 5V)
Input Voltage (V)
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
6
7
8
9
10
11
12
IOUT= 500mA
IOUT= 1mA
IOUT = 10mA
IOUT = 100mA
IOUT= 1.5A
Switching Quiescent Current vs. Input Voltage
(VOUT = 3.3V)
Input Voltage (V)
150
160
170
180
190
200
210
56
7
8
9
10
11
12
85°C
-40°C
25°C
On Time vs. Temperature
(VOUT = 3.3V)
Temperature (°C)
0
100
200
300
400
500
600
700
800
900
1000
-40 -30 -20 -10
0
10
20 30 40
50 60
70
80 90
VIN = 5V
VIN = 12V
AAT1162
12V, 1.5A Step-Down DC/DC Converter
1162.2007.09.1.2
7


Similar Part No. - AAT1162

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1162 ANALOGICTECH-AAT1162 Datasheet
1Mb / 18P
   12V, 1.5A Step-Down DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1162 SKYWORKS-AAT1162 Datasheet
2Mb / 19P
   12V, 1.5A Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1162IRN-0.6-T1 ANALOGICTECH-AAT1162IRN-0.6-T1 Datasheet
1Mb / 18P
   12V, 1.5A Step-Down DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1162IRN-0.6-T1 SKYWORKS-AAT1162IRN-0.6-T1 Datasheet
2Mb / 19P
   12V, 1.5A Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1162 ANALOGICTECH-AAT1162_08 Datasheet
1Mb / 18P
   12V, 1.5A Step-Down DC/DC Converter
More results

Similar Description - AAT1162

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1162 SKYWORKS-AAT1162 Datasheet
2Mb / 19P
   12V, 1.5A Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1162 ANALOGICTECH-AAT1162_08 Datasheet
1Mb / 18P
   12V, 1.5A Step-Down DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN32 SIGE-AATIAN32 Datasheet
3Mb / 8P
   12V,1.5A Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
   1.5MHz, 1.5A, Step-down DC-DC Converter
AZ34063A BCDSEMI-AZ34063A Datasheet
215Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063U BCDSEMI-AZ34063U Datasheet
780Kb / 14P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
List of Unclassifed Man...
AZ34063A ETC1-AZ34063A Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Diodes Incorporated
AZ34063U DIODES-AZ34063U Datasheet
501Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Rev. 1 - 2 July 2021
logo
ams AG
AS1335 AMSCO-AS1335_05 Datasheet
2Mb / 19P
   1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com