Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE913PWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE913PWR
Description  Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE913PWR Datasheet(HTML) 1 Page - Texas Instruments

  CDCE913PWR Datasheet HTML 1Page - Texas Instruments CDCE913PWR Datasheet HTML 2Page - Texas Instruments CDCE913PWR Datasheet HTML 3Page - Texas Instruments CDCE913PWR Datasheet HTML 4Page - Texas Instruments CDCE913PWR Datasheet HTML 5Page - Texas Instruments CDCE913PWR Datasheet HTML 6Page - Texas Instruments CDCE913PWR Datasheet HTML 7Page - Texas Instruments CDCE913PWR Datasheet HTML 8Page - Texas Instruments CDCE913PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
FEATURES
APPLICATIONS
Xin/CLK 1
14
Xout
S0 2
13
S1/SDA
VDD 3
12
S2/SCL
Vctr 4
11
Y1
GND 5
10
GND
VDDOUT 6
9
Y2
7
8
Y3
VCXO
XO
LVCMOS
LV
CMOS
LV
CMOS
PLL
withSSC
LV
CMOS
Divider
and
Output
Control
3
EEPROM
Programming
and
ControlRegister
Vctr
S2/S1/S0or
SDA/SCL
VDD
GND
VDDOUT
Y1
Y2
Y3
VDDOUT
CDCE913
CDCEL913
SCAS849A – JUNE 2007 – REVISED AUGUST 2007
www.ti.com
Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
• Flexible Clock Driver
2345
• Member of Programmable Clock Generator
Three User-Definable Control Inputs
Family
[S0/S1/S2] e.g., SSC Selection,
Frequency Switching, Output Enable or
CDCE913/CDCEL913: 1-PLL, 3 Outputs
Power Down
CDCE925/CDCEL925: 2-PLL, 5 Outputs
Programmable SSC Modulation
CDCE937/CDCEL937: 3-PLL, 7 Outputs
Enables 0-PPM Clock Generation
CDCE949/CDCEL949: 4-PLL, 9 Outputs
Generates Common Clock Frequencies
• In-System Programmability and EEPROM
Used With TI-DaVinci™, OMAP™, DSPs
Serial Programmable Volatile Register
Generates Highly Accurate Clocks for
Nonvolatile EEPROM to Store Customer
Video, Audio, USB, IEEE1394, RFID,
Setting
Bluetooth™, WLAN, Ethernet™, and
• Flexible Input Clocking Concept
GPS
External Crystal: 8 MHz to 32 MHz
• 1.8-V Device Power Supply
On-Chip VCXO: Pull Range ±150 ppm
• Separate Output Supply Pins
Single-Ended LVCMOS up to 160 MHz
CDCE913: 3.3 V and 2.5 V
• Free Selectable Output Frequency up to
CDCEL913: 1.8 V
230 MHz
• Wide Temperature Range –40°C to 85°C
• Low-Noise PLL Core
• Packaged in TSSOP
PLL Loop Filter Components Integrated
• Development and Programming Kit for Easy
Low Period Jitter (Typical 50 ps)
PLL Design and Programming (TI Pro-Clock™)
• D-TV, STB, IP-STB, DVD-Player, DVD-Recorder,
Printer
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DaVinci, OMAP, Pro-Clock are trademarks of Texas Instruments.
3
Bluetooth is a trademark of Bluetooth SIG.
4
I2C is a trademark of Philips Electronics.
5
Ethernet is a trademark of Xerox Corporattion.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCE913PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE913PWR TI-CDCE913PWR Datasheet
376Kb / 21P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913PWR TI-CDCE913PWR Datasheet
460Kb / 25P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913PWR TI1-CDCE913PWR Datasheet
681Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913PWR TI1-CDCE913PWR Datasheet
1Mb / 35P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
CDCE913PWRG4 TI-CDCE913PWRG4 Datasheet
460Kb / 25P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
More results

Similar Description - CDCE913PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCEL913-Q1 TI1-CDCEL913-Q1 Datasheet
662Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_10 Datasheet
460Kb / 25P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE937 TI-CDCE937_10 Datasheet
481Kb / 30P
[Old version datasheet]   Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
CDCE925 TI-CDCE925 Datasheet
485Kb / 27P
[Old version datasheet]   PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
CDCE949-Q1 TI1-CDCE949-Q1 Datasheet
717Kb / 32P
[Old version datasheet]   PROGRAMMABLE 4-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-,V and 3.3-V LVCMOS OUTPUTS
CDCE813-Q1 TI1-CDCE813-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cleaner With 2.5-V and 3.3-V Outputs
CDCE813-Q1_1904 TI1-CDCE813-Q1_1904 Datasheet
1Mb / 34P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cle With 2.5-V and 3.3-V Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com