Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7HP-AB Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # H7HP-AB
Description  Compact Total Counters and Time Counters with Easy-to-read Displays and IP66G/ NEMA4 Water and Oil Resistance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7HP-AB Datasheet(HTML) 3 Page - Omron Electronics LLC

  H7HP-AB Datasheet HTML 1Page - Omron Electronics LLC H7HP-AB Datasheet HTML 2Page - Omron Electronics LLC H7HP-AB Datasheet HTML 3Page - Omron Electronics LLC H7HP-AB Datasheet HTML 4Page - Omron Electronics LLC H7HP-AB Datasheet HTML 5Page - Omron Electronics LLC H7HP-AB Datasheet HTML 6Page - Omron Electronics LLC H7HP-AB Datasheet HTML 7Page - Omron Electronics LLC H7HP-AB Datasheet HTML 8Page - Omron Electronics LLC H7HP-AB Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Total Counter/Time Counter (DIN 72 x 36)
H7HP
C-53
I Characteristics
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min between current-carrying terminal and exposed non-current-carrying metal parts
(AC model)
1,000 VAC, 50/60 Hz for 1 min between current-carrying terminal and exposed non-current-carrying metal parts
(DC model)
2,000 VAC, 50/60 Hz for 1 min between power terminals and control input terminals (AC model)
1,000 VAC, 50/60 Hz for 1 min between power terminals and control input terminals (DC model)
Impulse withstand voltage 3 kV (between power terminals) (1 kV for 12-to-24-VDC models)
4.5 kV (between current-carrying terminal and exposed non-current-carrying metal parts) (1.5 kV for 12-to-24-VDC
models)
Noise immunity
±1.5 kV (between AC power terminals), ±480 V (between DC power terminals),
±480 V (between input terminals);
square-wave noise by noise simulator (pulse width: 100 ns/1
µs, 1-ns rise)
Static immunity
Display:
Malfunction: 8 kV
Destruction: 15 kV
DIP switch: Malfunction: 4 kV
Destruction: 8 kV
Vibration resistance
Destruction: 10 to 55 Hz with 0.75-mm single amplitude, four cycles each in three directions (8 minutes per cycle)
Malfunction: 10 to 55 Hz with 0.5-mm single amplitude, four cycles each in three directions (8 minutes per cycle)
Shock resistance
Destruction: 294 m/s2 each in three directions
Malfunction: 196 m/s2 each in three directions
Ambient temperature
Operating: -10
°C to 55°C (with no icing)
Storage:
-25
°C to 65°C (with no icing)
Ambient humidity
Operating: 35% to 85%
EMC
(EMI)
E61326
Emission Enclosure:
EN55011 Group 1 class A
Emission AC Mains:
EN55011 Group 1 class A
(EMS)
EN61326
Immunity ESD:
EN61000-4-2: 4 kV contact discharge (level 2)
8 kV air discharge (level 3)
Immunity RF-interference:
EN61000-4-3: 10 V/m (Amplitude-modulated, 80 MHz to 1 GHz) (level 3);
10 V/m (Pulse-modulated, 900 MHz
±5 MHz) (level 3)
Immunity Conducted Disturbance: EN61000-4-6: 10 V (0.15 to 80 MHz) (according to EN61000-6-2)
Immunity Burst:
EN61000-4-4: 2 kV power-line (level 3);
2 kV I/O signal-line (level 4)
Immunity Surge:
EN61000-4-5: 1 kV line to lines (power and output lines) (level 2);
2 kV line to ground (power and output lines) (level 3)
Immunity Voltage Dip/Interruption:
EN61000-4-11: 0.5 cycle, 100% (rated voltage)
Approved standards
UL508, CSA22.2 No.14, conforms to EN61010-1, VDE0106/P100
Case color
Rear section: Gray smoke; Front section: 5Y7/1 (light gray) or N1.5 (black)
Weight
Approx. 106 g


Similar Description - H7HP-AB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS90 NSC-DM74LS90 Datasheet
131Kb / 10P
   Decade and Binary Counters
DM5490 NSC-DM5490 Datasheet
133Kb / 10P
   Decade and Binary Counters
logo
Fairchild Semiconductor
DM7490A FAIRCHILD-DM7490A Datasheet
47Kb / 5P
   Decade and Binary Counters
logo
National Semiconductor ...
5490 NSC-5490 Datasheet
175Kb / 7P
   Decade, and Binary Counters
logo
Fairchild Semiconductor
DM74LS90 FAIRCHILD-DM74LS90 Datasheet
61Kb / 6P
   Decade and Binary Counters
logo
Intersil Corporation
ICM7207 INTERSIL-ICM7207_1 Datasheet
4Mb / 162P
   TIMERS COUNTERS AND DISPLAY DRIVERS
logo
Maxim Integrated Produc...
ICM7240 MAXIM-ICM7240 Datasheet
349Kb / 8P
   Fixed And Programmable Timer/Counters
logo
Motorola, Inc
MC14568B MOTOROLA-MC14568B Datasheet
326Kb / 12P
   Phase Comparator and Programmable Counters
logo
TT Electronics.
DS1226 TTELEC-DS1226 Datasheet
335Kb / 2P
   Oil and Water Flow Meter
logo
Texas Instruments
SN54290 TI1-SN54290_09 Datasheet
527Kb / 10P
[Old version datasheet]   DECADE AND 4-BIT BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com