Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML145505EP Datasheet(PDF) 5 Page - LANSDALE Semiconductor Inc.

Part # ML145505EP
Description  PCM Codec-Filter Mono-Circuit
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145505EP Datasheet(HTML) 5 Page - LANSDALE Semiconductor Inc.

  ML145505EP Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145505EP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145505EP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145505EP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145505EP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145505EP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145505EP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145505EP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145505EP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
ML145502, ML145503, ML145505
LANSDALE Semiconductor, Inc.
ANALOG TRANSMISSION PERFORMANCE
(VDD = + 5 V ± 5%, VSS = – 5 V ± 5%, VLS = VAG = 0 V, Vref = RSI = VSS (Internal 3.15 V Reference), 0 dBm0 = 1.546 Vrms = + 6 dBm @
600
Ω, TA = – 40 to + 85°C, TDC = RDC = CC = 2.048 MHz, TDE = RCE = MSI = 8 kHz, Unless Otherwise Noted)
End–to–End
A/D
D/A
Characteristic
Min
Max
Min
Max
Min
Max
Unit
Absolute Gain (0 dBm0 @ 1.02 kHz, TA = 25°C, VDD = 5 V, VSS = – 5 V)
– 0.30
+ 0.30
– 0.30
+ 0.30
dB
Absolute Gain Variation with Temperature 0 to + 70
°C
± 0.03
± 0.03
dB
Absolute Gain Variation with Temperature – 40 to +85
°C
± 0.1
± 0.1
dB
Absolute Gain Variation with Power Supply (VDD = 5 V, VSS = – 5 V, 5%)
± 0.02
± 0.02
dB
Gain vs Level Tone (Relative to – 10 dBm0, 1.02 kHz)
+ 3 to – 40 dBm0
– 40 to – 50 dBm0
– 50 to – 55 dBm0
– 0.4
– 0.8
– 1.6
+ 0.4
+ 0.8
+ 1.6
– 0.2
– 0.4
– 0.8
+ 0.2
+ 0.4
+ 0.8
– 0.2
– 0.4
– 0.8
+ 0.2
+ 0.4
+ 0.8
dB
Gain vs Level Pseudo Noise (A–Law Relative to – 10 dBm0)
CCITT G.714
– 10 to – 40 dBm0
– 40 to – 50 dBm0
– 50 to – 55 dBm0
– 0.25
– 0.30
– 0.45
+ 0.25
+ 0.30
+ 0.45
– 0.25
– 0.30
– 0.45
+ 0.25
+ 0.30
+ 0.45
dB
Total Distortion – 1.02 kHz Tone (C–Message)
0 to – 30 dBm0
– 40 dBm0
– 45 dBm0
35
29
24
36
29
24
36
30
25
dBC
Total Distortion With Pseudo Noise (A–Law)
– 3 dBm0
CCITT G.714
– 6 to – 27 dBm0
– 34 dBm0
– 40 dBm0
– 55 dBm0
27.5
35
33.1
28.2
13.2
28
35.5
33.5
28.5
13.5
28.5
36
34.2
30.0
15.0
dB
Idle Channel Noise (For End–End and A/D, See Note 1)
Mu–Law, C–Message Weighted
A–Law, Psophometric Weighted
15
– 69
15
– 69
9
– 78
dBrnC0
dBm0p
Frequency Response (Relative to 1.02 kHz @ 0 dBm0)
15 to 60 Hz
300 to 3000 Hz
3400 Hz
4000 Hz
4600 Hz
– 0.3
– 1.6
– 23
+ 0.3
0
– 28
– 60
– 0.15
– 0.8
– 23
+ 0.15
0
– 14
– 32
– 0.15
– 0.8
0.15
+ 0.15
0
– 14
– 30
dB
Inband Spurious (1.02 kHz @ 0 dBm0, Transmit and RxO)
300 to 3000 Hz
– 43
– 43
dBm0
Out–of–Band Spurious at RxO (300 – 3400 Hz @ 0 dBm0 In)
4600 to 7600 Hz
7600 to 8400 Hz
8400 to 100,000 Hz
– 30
– 40
– 30
– 30
– 40
– 30
dB
Idle Channel Noise Selective @ 8 kHz, Input = VAG, 30 Hz Bandwidth
– 70
– 70
dBm0
Absolute Delay @ 1600 Hz (TDC = 2.048 MHz, TDE = 8 kHz)
310
180
µs
Group Delay Referenced to 1600 Hz (TDC = 2048 kHz,
TDE = 8 kHz)
500 to 600 Hz
600 to 800 Hz
800 to 1000 Hz
1000 to 1600 Hz
1600 to 2600 Hz
2600 to 2800 Hz
2800 to 3000 Hz
200
140
70
40
75
110
170
– 40
– 40
– 30
– 20
90
120
160
µs
Crosstalk of 1020 Hz @ 0 dBm0 From A/D or D/A (Note 2)
– 75
– 80
dB
Intermodulation Distortion of Two Frequencies of Amplitudes – 4 to
– 21 dBm0 from the Range 300 to 3400 Hz
– 41
– 41
dB
NOTES:
1. Extrapolated from a 1020 Hz @ – 50 dBm0 distortion measurement to correct for encoder enhancement.
2. Selectively measured while the A/D is stimulated with 2667 Hz @ – 50 dBm0.
www.lansdale.com
Page 5 of 26
Issue A


Similar Part No. - ML145505EP

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145505EP LANSDALE-ML145505EP Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
More results

Similar Description - ML145505EP

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
logo
Motorola, Inc
MC145500 MOTOROLA-MC145500 Datasheet
541Kb / 28P
   PCM CODEC-FILTER MONO- CIRCUIT
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506 Datasheet
6Mb / 20P
   PCM Codec-Filter Mono-Circuit
ML145502 LANSDALE-ML145502_08 Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
logo
Motorola, Inc
MC145506 MOTOROLA-MC145506 Datasheet
405Kb / 24P
   PCM CODEC FILTER MONO CIRCUIT
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com