Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2084DBTR-V143G4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2084DBTR-V143G4
Description  SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2084DBTR-V143G4 Datasheet(HTML) 4 Page - Texas Instruments

  BQ2084DBTR-V143G4 Datasheet HTML 1Page - Texas Instruments BQ2084DBTR-V143G4 Datasheet HTML 2Page - Texas Instruments BQ2084DBTR-V143G4 Datasheet HTML 3Page - Texas Instruments BQ2084DBTR-V143G4 Datasheet HTML 4Page - Texas Instruments BQ2084DBTR-V143G4 Datasheet HTML 5Page - Texas Instruments BQ2084DBTR-V143G4 Datasheet HTML 6Page - Texas Instruments BQ2084DBTR-V143G4 Datasheet HTML 7Page - Texas Instruments BQ2084DBTR-V143G4 Datasheet HTML 8Page - Texas Instruments BQ2084DBTR-V143G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
www.ti.com
PLL SWITCHING CHARACTERISTICS
OSCILLATOR
DATA FLASH MEMORY CHARACTERISTICS
REGISTER BACKUP
SMBus TIMING SPECIFICATIONS
bq2084-V143
SLUS732 – SEPTEMBER 2006
V
DD = 3 V to 3.6 V, TA = –20°C to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
t(SP)
Start-up time (1)
±0.5% frequency error
2
5
ms
(1)
The frequency error is measured from the trimmed frequency of the internal system clock, which is 128 x oscillator frequency, nominally
4.194 MHz.
V
DD = 3 V to 3.6 V, TA = –20°C to 85°C (unless otherwise noted) (TYP: VDD = 3.3 V, TA = 25°C)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ROSC = 100k
–2%
0.5%
2%
f(eio)
Frequency error from 32.768 kHz
XCK1 = 12 pF XTAL
–0.25%
0.25%
f(dio)
Frequency drift(1)
ROSC = 100k, TA = 0°C to 50°C
–1%
1%
f(sio)
ROSC = 100k
200
µs
Start-up time(2)
f(sxo)
XCK1 = 12 pF XTAL
250
ms
(1)
The frequency drift is measured from the trimmed frequency at VDD = 3.3 V, TA = 25°C.
(2)
The start-up time is defined as the time it takes for the oscillator output frequency to be
±1%
V
DD = 3 V to 3.6 V, TA = –20°C to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tDR
Data retention
See (1)
10
Years
Flash programming write-cycles
See (1)
20k
Cycles
t(WORDPROG)
Word programming time
See (1)
2
ms
I(DDPROG)
Flash-write supply current
See (1)
8
12
mA
(1)
Specified by design. Not production tested.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(RBI)
RBI data-retention input current
VRBI > 2 V, VDD < VIT
10
100
nA
V(RBI)
RBI data-retention voltage (1)
1.3
V
(1)
Specified by design. Not production tested.
V
DD = 3 V to 3.6 V, TA = -20°C to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f(SMB)
SMBus operating frequency
Slave mode, SMBC 50% duty cycle
10
100
kHz
f(MAS)
SMBus master clock frequency
Master mode, no clock low slave extend
51.2
kHz
t(BUF)
Bus free time between start and stop
4.7
µs
T(HD:STA)
Hold time after (repeated) start
4
µs
t(SU:STA)
Repeated start setup time
4.7
µs
t(SU:STO)
Stop setup time
4
µs
Receive mode
0
t(HD:DAT)
Data hold time
ns
Transmit mode
300
tSU:DAT)
Data setup time
250
ns
t(TIMEOUT)
Error signal/detect
See (1)
25
35
ms
t(LOW)
Clock low period
4.7
µs
(1)
The bq2084-V143 times out when any clock low exceeds t(TIMEOUT).
4
Submit Documentation Feedback


Similar Part No. - BQ2084DBTR-V143G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2084DBTR-V143G4 TI-BQ2084DBTR-V143G4 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results

Similar Description - BQ2084DBTR-V143G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2084-V143 TI-BQ2084-V143 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V133 TI-BQ2084-V133 Datasheet
967Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V140 TI1-BQ2084-V140_14 Datasheet
822Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V140 TI-BQ2084-V140 Datasheet
1Mb / 68P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
[Old version datasheet]   SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2060A TI1-BQ2060A_15 Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2084-V150 TI1-BQ2084-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com