Part Name
         Description
HYS72T64301HP

 240-Pin Registered DDR2 SDRAM Modules ( 42 Page)


QIMONDA
100% 
Zoom Out Zoom In
 6 page
background image
Internet Data Sheet
Rev. 1.0, 2006-10
6
09152006-R5MQ-5KS2
HYS72T64301HP–[3S/3.7]–A
Registered DDR2 SDRAM Modules
2
Pin Configuration
This chapter contains the pin configuration.
2.1
Pin Configuration
The pin configuration of the Registered DDR2 SDRAM DIMM
is listed by function in Table 6 (240 pins). The abbreviations
used in columns Pin and Buffer Type are explained in Table 7
and Table 8 respectively. The pin numbering is depicted in
TABLE 6
Pin Configuration of RDIMM
Ball No.
Name
Pin
Type
Buffer
Type
Function
Clock Signals
185
CK0
I
SSTL
Clock Signal CK0, Complementary Clock Signal CK0
186
CK0
ISSTL
52
CKE0
I
SSTL
Clock Enables 1:0
Note: 2-Ranks module
171
CKE1
I
SSTL
NC
NC
Not Connected
Note: 1-Rank module
Control Signals
193
S0
ISSTL
Chip Select Rank 1:0
Note: 2-Ranks module
76
S1
ISSTL
NC
NC
Not Connected
Note: 1-Rank module
192
RAS
ISSTL
Row Address Strobe (RAS), Column Address Strobe (CAS), Write
Enable (WE)
74
CAS
ISSTL
73
WE
ISSTL
18
RESET
ICMOS
Register Reset
Address Signals
71
BA0
I
SSTL
Bank Address Bus 1:0
190
BA1
I
SSTL
54
BA2
I
SSTL
Bank Address Bus 2
Greater than 512Mb DDR2 SDRAMS
NC
I
SSTL
Not Connected
Less than 1Gb DDR2 SDRAMS
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HYS72T1G242EP240-Pin Dual Die Registered DDR2 SDRAM Modules 1 2 3 4 5 MoreQimonda AG
HYS72T32000HP240-Pin Registered DDR2 SDRAM Modules 1 2 3 4 5 MoreQimonda AG
HYS72T512420EFA240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM RoHS Compliant Products 1 2 3 4 5 MoreQimonda AG
HYS72T512022HFN-3.7-A240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM 1 2 3 4 5 MoreQimonda AG
HYS72T512422HFN240-Pin Fully-Buffered DDR2 SDRAM Modules 1 2 3 4 5 MoreQimonda AG
HYS72T64400HFA240-Pin Fully-Buffered DDR2 SDRAM Modules 1 2 3 4 5 MoreQimonda AG
HYS72T64400HFD240-Pin Fully-Buffered DDR2 SDRAM Modules 1 2 3 4 5 MoreQimonda AG
HYS72T64400HFD-3S-B240-Pin Fully-Buffered DDR2 SDRAM Modules 1 2 3 4 5 MoreQimonda AG
HYS72T64400HFN240-Pin Fully-Buffered DDR2 SDRAM Modules 1 2 3 4 5 MoreQimonda AG
HYS64T128020EML-3S-B214-Pin Unbuffered DDR2 SDRAM MicroDIMM Modules Low Power 1 2 3 4 5 MoreQimonda AG

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl