Part Name
         Description
HYS72T256023

 240-Pin Registered DDR2 SDRAM Modules ( 41 Page)


QIMONDA
100% 
Zoom Out Zoom In
 
 3 page
background image
Internet Data Sheet
Rev. 1.2, 2007-01
3
03292006-AYVF-ZIIJ
HYS72T[512/256]02xHR–[3S/3.7/5]–A
Registered DDR2 SDRAM Modules
1Overview
This chapter gives an overview of the 240-pin Registered DDR2 SDRAM Modules product family and describes its main
characteristics.
1.1
Features
• 240-pin PC2–5300, PC2-4200 and PC2-3200 DDR2
SDRAM memory modules Workstation and Server main
memory applications
• Two rank 256M
× 72, 512M × 72 module organization and
2
× 128M × 8, 2 × 256M × 4 chip organization
• 2GByte, 4 GByte module built with stacked 1-Gbit DDR2
SDRAMs in P-TFBGA-71 chipsize packages
• Standard DDR2 Synchronous DRAMs (DDR2 SDRAM)
with a single + 1.8 V (
± 0.1 V) power supply
• All Speed grades faster than DDR2-400 can operate with
DDR2-400 timing specifications aswell
• Programmable CAS Latencies (3, 4 & 5),
Burst Length (4 & 8) and Burst Type
• Auto Refresh (CBR) and Self Refresh
• Average Refresh Period 7.8
µs at a T
CASE lower than
85 °C, 3.9
µs between 85 °C and 95 °C.
• All inputs and outputs SSTL_1.8 compatible
• Off-Chip Driver Impedance Adjustment (OCD) and On-Die
Termination (ODT)
• Serial Presence Detect with E2PROM
• RDIMM Dimensions (nominal): 30 mm high, 133.35 mm
wide
• Based on standard reference layouts Raw Card “D” and
“Z“
• RoHS compliant products1)
TABLE 1
Performance Table
1) RoHS Compliant Product: Restriction of the use of certain hazardous substances (RoHS) in electrical and electronic equipment as defined
in the directive 2002/95/EC issued by the European Parliament and of the Council of 27 January 2003. These substances include mercury,
lead, cadmium, hexavalent chromium, polybrominated biphenyls and polybrominated biphenyl ethers.
Product Type Speed Code
–3S
–3.7
–5
Unit
Speed Grade
PC2–5300
5–5–5
PC2–4200
4–4–4
PC2–3200
4–4–4
Max. Clock Frequency
@CL5
f
CK5
333
266
200
MHz
@CL4
f
CK4
266
266
200
MHz
@CL3
f
CK3
200
200
200
MHz
Min. RAS-CAS-Delay
t
RCD
15
15
15
ns
Min. Row Precharge Time
t
RP
15
15
15
ns
Min. Row Active Time
t
RAS
45
45
40
ns
Min. Row Cycle Time
t
RC
60
60
55
ns
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HYS72T1G242EP240-Pin Dual Die Registered DDR2 SDRAM Modules 1 2 3 4 5 MoreQimonda AG
HYS72T32000HP240-Pin Registered DDR2 SDRAM Modules 1 2 3 4 5 MoreQimonda AG
HYS72T64301HP240-Pin Registered DDR2 SDRAM Modules 1 2 3 4 5 MoreQimonda AG
HYS72T64000HP240-Pin Registered DDR2 SDRAM Modules 1 2 3 4 5 MoreQimonda AG
HYS72T64000HP-25F240-Pin Registered DDR2 SDRAM Modules 1 2 3 4 5 MoreQimonda AG
HYS72T512341HHP240-Pin Registered DDR2 SDRAM Modules 1 2 3 4 5 MoreQimonda AG
HYS72T512420EFA240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM RoHS Compliant Products 1 2 3 4 5 MoreQimonda AG
HYS72T512022HFN-3.7-A240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM 1 2 3 4 5 MoreQimonda AG
HYS72T512422HFN240-Pin Fully-Buffered DDR2 SDRAM Modules 1 2 3 4 5 MoreQimonda AG
HYS72T64400HFA240-Pin Fully-Buffered DDR2 SDRAM Modules 1 2 3 4 5 MoreQimonda AG

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl