Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72T128020HP-3S-B Datasheet(PDF) 5 Page - Qimonda AG

Part # HYS72T128020HP-3S-B
Description  240-Pin Registered DDR2 SDRAM Modules
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T128020HP-3S-B Datasheet(HTML) 5 Page - Qimonda AG

  HYS72T128020HP-3S-B Datasheet HTML 1Page - Qimonda AG HYS72T128020HP-3S-B Datasheet HTML 2Page - Qimonda AG HYS72T128020HP-3S-B Datasheet HTML 3Page - Qimonda AG HYS72T128020HP-3S-B Datasheet HTML 4Page - Qimonda AG HYS72T128020HP-3S-B Datasheet HTML 5Page - Qimonda AG HYS72T128020HP-3S-B Datasheet HTML 6Page - Qimonda AG HYS72T128020HP-3S-B Datasheet HTML 7Page - Qimonda AG HYS72T128020HP-3S-B Datasheet HTML 8Page - Qimonda AG HYS72T128020HP-3S-B Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
Internet Data Sheet
Rev. 1.1, 2007-03
5
03292006-EO3M-LEK7
HYS72T[64/128/256]xxxHP–[25F/2.5/3/3S/3.7]–B
240-Pin Registered DDR2 SDRAM
TABLE 3
Address Format Table
TABLE 4
Components on Modules
2) The Compliance Code is printed on the module label and describes the speed grade, for example “PC2–4200R–444–12–F0”, where 4200P
means Registered DIMM modules (with Parity Bit) with 4.26 GB/sec Module Bandwidth and “444-12” means Column Address Strobe
(CAS) latency = 4, Row Column Delay (RCD) latency = 4 and Row Precharge (RP) latency = 4 using the latest JEDEC SPD Revision 1.2
and produced on the Raw Card “F”
DIMM
Density
Module
Organization
Memory
Ranks
ECC/
Non-ECC
# of SDRAMs # of row/bank/column
bits
Raw
Card
512 MB
64M
×72
1
ECC
9
14/2/10
F
1 GB
128M
×72
1
ECC
18
14/2/11
H
1 GB
128M
×72
2
ECC
18
14/2/10
G
2 GB
256M
×72
2
ECC
36
14/2/11
J
2 GB
256M
×72
2
ECC
36
14/2/11
L
Product Type1)
1) Green Product
DRAM Components1)2)
2) For a detailed description of all functionalities of the DRAM components on these modules see the component data sheet.
DRAM Density
DRAM Organisation
HYS72T64000HP
HYB18T512800BF
512 Mbit
512M × 8
HYS72T128000HP
HYB18T512400BF
512 Mbit
512M × 4
HYS72T128020HP
HYB18T512800BF
512 Mbit
512M × 8
HYS72T256220HP
HYB18T512400BF
512 Mbit
512M × 4


Similar Part No. - HYS72T128020HP-3S-B

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T128020HP-3S-A QIMONDA-HYS72T128020HP-3S-A Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
More results

Similar Description - HYS72T128020HP-3S-B

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T32000HP QIMONDA-HYS72T32000HP Datasheet
1Mb / 53P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T256023 QIMONDA-HYS72T256023 Datasheet
2Mb / 41P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
HYS72T256000ER QIMONDA-HYS72T256000ER Datasheet
1Mb / 33P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR-3S-B QIMONDA-HYS72T64000HR-3S-B Datasheet
2Mb / 52P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64301HP QIMONDA-HYS72T64301HP Datasheet
2Mb / 42P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512341HHP QIMONDA-HYS72T512341HHP Datasheet
1Mb / 32P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T32000HR QIMONDA-HYS72T32000HR Datasheet
4Mb / 67P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR QIMONDA-HYS72T64000HR Datasheet
4Mb / 74P
   240-Pin Registered DDR2 SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com