Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72T1G042ER-5-B Datasheet(PDF) 4 Page - Qimonda AG

Part # HYS72T1G042ER-5-B
Description  240-Pin Dual Die Registered DDR2 SDRAM Modules
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T1G042ER-5-B Datasheet(HTML) 4 Page - Qimonda AG

  HYS72T1G042ER-5-B Datasheet HTML 1Page - Qimonda AG HYS72T1G042ER-5-B Datasheet HTML 2Page - Qimonda AG HYS72T1G042ER-5-B Datasheet HTML 3Page - Qimonda AG HYS72T1G042ER-5-B Datasheet HTML 4Page - Qimonda AG HYS72T1G042ER-5-B Datasheet HTML 5Page - Qimonda AG HYS72T1G042ER-5-B Datasheet HTML 6Page - Qimonda AG HYS72T1G042ER-5-B Datasheet HTML 7Page - Qimonda AG HYS72T1G042ER-5-B Datasheet HTML 8Page - Qimonda AG HYS72T1G042ER-5-B Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Internet Data Sheet
Rev. 1.0, 2007-04
4
04242007-NQ2Z-YM3O
HYS72T1G042ER–5–B
Registerd DDR2 SDRAM Module
1.2
Description
The QIMONDA HYS72T1G042ER–5–B module family are
Registered DIMM modules “RDIMMs” with 42 mm height
based on DDR2 technology. DIMMs are available ECC
modules in 1024M
× 72 (8 GB) organization and density,
intended for mounting into 240-pin connector sockets.
The memory array is designed with stacked 1-Gbit Double-
Data-Rate-Two (DDR2) Synchronous DRAMs.
All control
and address signals are re-driven on the DIMM using
register devices and a PLL for the clock distribution.
This reduces capacitive loading to the system bus, but
adds one cycle to the SDRAM timing. Decoupling
capacitors are mounted on the PCB board. The DIMMs
feature serial presence detect based on a serial E2PROM
device using the 2-pin I2C protocol. The first 128 bytes are
programmed with configuration data and are write protected;
the second 128 bytes are available to the customer.
TABLE 2
Ordering Information for RoHS Compliant Products
TABLE 3
Address Format
TABLE 4
Components on Modules
Product Type1)
1) All Product Type numbers end with a place code, designating the silicon die revision. Example: HYS72T1G042ER–5–B, indicating Rev.
“B” dies are used for DDR2 SDRAM components. For all Qimonda DDR2 module and component nomenclature see Chapter 6 of this data
sheet.
Compliance Code2)
2) The Compliance Code is printed on the module label and describes the speed grade, for example “4R
×4 PC2–3200R–333–12–ZZ”, where
3200R means Registered DIMM modules with 3.2 GB/sec Module Bandwidth and “333-12” means Column Address Strobe (CAS) latency
= 4, Row Column Delay (RCD) latency = 4 and Row Precharge (RP) latency = 4 using the latest JEDEC SPD Revision 1.2 and produced
on the Raw Card “Z”.
Description
SDRAM
Technology
PC2–3200
HYS72T1G042ER–5–B
8 GB 4R
×4 PC2–3200R–333–12–ZZ
4 Ranks, ECC
2
× 256Mbit( × 4 )
DIMM
Density
Module
Organization
Memory
Ranks
ECC/
Non-ECC
# of SDRAMs # of row/bank/column
bits
Raw
Card
8 GByte
1024M
× 72
4
ECC
36
14/3/11
Z
Product Type1)
1) Green Product
DRAM Components1)
DRAM Density
DRAM Organisation
Note2)
2) For a detailed description of all functionalities of the DRAM components on these modules see the component data sheet.
HYS72T1G042ER
HYB18T2G402BF
1 Gbit
2
× 256M × 4


Similar Part No. - HYS72T1G042ER-5-B

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T1G242EP QIMONDA-HYS72T1G242EP Datasheet
2Mb / 43P
   240-Pin Dual Die Registered DDR2 SDRAM Modules
HYS72T1G242EP-2.5-C QIMONDA-HYS72T1G242EP-2.5-C Datasheet
2Mb / 43P
   240-Pin Dual Die Registered DDR2 SDRAM Modules
HYS72T1G242EP-25F-C QIMONDA-HYS72T1G242EP-25F-C Datasheet
2Mb / 43P
   240-Pin Dual Die Registered DDR2 SDRAM Modules
HYS72T1G242EP-3-C QIMONDA-HYS72T1G242EP-3-C Datasheet
2Mb / 43P
   240-Pin Dual Die Registered DDR2 SDRAM Modules
HYS72T1G242EP-3.7-C QIMONDA-HYS72T1G242EP-3.7-C Datasheet
2Mb / 43P
   240-Pin Dual Die Registered DDR2 SDRAM Modules
More results

Similar Description - HYS72T1G042ER-5-B

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T1G242EP QIMONDA-HYS72T1G242EP Datasheet
2Mb / 43P
   240-Pin Dual Die Registered DDR2 SDRAM Modules
HYS72T256322HP QIMONDA-HYS72T256322HP Datasheet
1Mb / 36P
   240-Pin Dual-Die Registered DDR2 SDRAM Modules
HYS72T512022EP QIMONDA-HYS72T512022EP Datasheet
1Mb / 36P
   240-Pin Dual Die Registered DDR2 SDRAM Modules
HYS72T32000HP QIMONDA-HYS72T32000HP Datasheet
1Mb / 53P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T256023 QIMONDA-HYS72T256023 Datasheet
2Mb / 41P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
HYS72T256000ER QIMONDA-HYS72T256000ER Datasheet
1Mb / 33P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR-3S-B QIMONDA-HYS72T64000HR-3S-B Datasheet
2Mb / 52P
   240-Pin Registered DDR2 SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com