Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72T64020HR-3-A Datasheet(PDF) 7 Page - Qimonda AG

Part # HYS72T64020HR-3-A
Description  240-Pin Registered DDR2 SDRAM Modules
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T64020HR-3-A Datasheet(HTML) 7 Page - Qimonda AG

Back Button HYS72T64020HR-3-A Datasheet HTML 3Page - Qimonda AG HYS72T64020HR-3-A Datasheet HTML 4Page - Qimonda AG HYS72T64020HR-3-A Datasheet HTML 5Page - Qimonda AG HYS72T64020HR-3-A Datasheet HTML 6Page - Qimonda AG HYS72T64020HR-3-A Datasheet HTML 7Page - Qimonda AG HYS72T64020HR-3-A Datasheet HTML 8Page - Qimonda AG HYS72T64020HR-3-A Datasheet HTML 9Page - Qimonda AG HYS72T64020HR-3-A Datasheet HTML 10Page - Qimonda AG HYS72T64020HR-3-A Datasheet HTML 11Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
Internet Data Sheet
Rev. 1.21, 2007-03
7
09152006-J5FK-C565
HYS72T[32/64]0xxHR–[2.5/3/3S/3.7/5]–A
Registered DDR2 SDRAM Modules
2
Pin Configuration
The pin configuration of the Registered DDR2 SDRAM DIMM
is listed by function in Table 6 (240 pins). The abbreviations
used in columns Pin and Buffer Type are explained in Table 7
and Table 8 respectively. The pin numbering is depicted in
Figure 1.
TABLE 6
Pin Configuration of RDIMM
Ball No.
Name
Pin
Type
Buffer
Type
Function
Clock Signals
185
CK0
I
SSTL
Clock Signal CK0, Complementary Clock Signal CK0
186
CK0
ISSTL
52
CKE0
I
SSTL
Clock Enables 1:0
Note: 2-Ranks module
171
CKE1
I
SSTL
NC
NC
Not Connected
Note: 1-Rank module
Control Signals
193
S0
ISSTL
Chip Select Rank 1:0
Note: 2-Ranks module
76
S1
ISSTL
NC
NC
Not Connected
Note: 1-Rank module
192
RAS
ISSTL
Row Address Strobe (RAS), Column Address Strobe (CAS), Write
Enable (WE)
74
CAS
ISSTL
73
WE
ISSTL
18
RESET
ICMOS
Register Reset
Address Signals
71
BA0
I
SSTL
Bank Address Bus 1:0
190
BA1
I
SSTL
54
BA2
I
SSTL
Bank Address Bus 2
Greater than 512Mb DDR2 SDRAMS
NC
I
SSTL
Not Connected
Less than 1Gb DDR2 SDRAMS


Similar Part No. - HYS72T64020HR-3-A

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T64020HU QIMONDA-HYS72T64020HU Datasheet
4Mb / 73P
   240-Pin Unbuffered DDR2 SDRAM Modules
HYS72T64020HU-2.5-A QIMONDA-HYS72T64020HU-2.5-A Datasheet
4Mb / 73P
   240-Pin Unbuffered DDR2 SDRAM Modules
HYS72T64020HU-25F-A QIMONDA-HYS72T64020HU-25F-A Datasheet
4Mb / 73P
   240-Pin Unbuffered DDR2 SDRAM Modules
HYS72T64020HU-3-A QIMONDA-HYS72T64020HU-3-A Datasheet
4Mb / 73P
   240-Pin Unbuffered DDR2 SDRAM Modules
HYS72T64020HU-3S-A QIMONDA-HYS72T64020HU-3S-A Datasheet
4Mb / 73P
   240-Pin Unbuffered DDR2 SDRAM Modules
More results

Similar Description - HYS72T64020HR-3-A

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T32000HP QIMONDA-HYS72T32000HP Datasheet
1Mb / 53P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T256023 QIMONDA-HYS72T256023 Datasheet
2Mb / 41P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
HYS72T256000ER QIMONDA-HYS72T256000ER Datasheet
1Mb / 33P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR-3S-B QIMONDA-HYS72T64000HR-3S-B Datasheet
2Mb / 52P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64301HP QIMONDA-HYS72T64301HP Datasheet
2Mb / 42P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512341HHP QIMONDA-HYS72T512341HHP Datasheet
1Mb / 32P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR QIMONDA-HYS72T64000HR Datasheet
4Mb / 74P
   240-Pin Registered DDR2 SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com