|
| HYS72T256322HP |
|
||
|
QIMONDA |
|
3 page
Internet Data Sheet Rev. 1.01, 2006-09 3 03062006-PK3L-ZYSE HYS72T256322HP–[3S/3.7]–A Registered DDR2 SDRAM Modules 1Overview This chapter gives an overview of the 240-pin Dual Die Registered Very Low Profile DDR2 SDRAM Modules with parity product family and describes its main characteristics. 1.1 Features • 240-pin PC2-5300 and PC2-4200 DDR2 SDRAM memory modules for PC, Workstation and Server main memory applications • Two ranks 256M x 72 module organization and 2 x 128M × 4 chip organization • 2 GByte module built with 512-Mbit DDR2 SDRAMs in P- TFBGA-63 chipsize packages. • Standard Double-Data-Rate-Two Synchronous DRAMs (DDR2 SDRAM) with a single + 1.8 V ( ± 0.1 V) power supply • All speed grades faster than DDR2-400 comply with DDR2-400 timing specifications as well. • VLP (Very Low Profile) Registered DIMM Parity bit for address and control bus • Programmable CAS Latencies (3, 4 & 5), Burst Length (4 & 8) and Burst Type • Auto Refresh (CBR) and Self Refresh • High Temperature Self Refresh • All inputs and outputs SSTL_18 compatible • Off-Chip Driver Impedance Adjustment (OCD) and On-Die Termination (ODT) • Serial Presence Detect with E2PROM • Based on standard reference layouts Raw Card “W” • RDIMM with parity Dimensions (nominal): 18.30 mm high, 133.35 mm wide • RoHS compliant products1) TABLE 1 Performance for –3S & –3.7 1) RoHS Compliant Product: Restriction of the use of certain hazardous substances (RoHS) in electrical and electronic equipment as defined in the directive 2002/95/EC issued by the European Parliament and of the Council of 27 January 2003. These substances include mercury, lead, cadmium, hexavalent chromium, polybrominated biphenyls and polybrominated biphenyl ethers. Product Type Speed Code –3S –3.7 Unit Speed Grade PC2–5300 5–5–5 PC2–4200 4–4–4 — max. Clock Frequency @CL5 f CK5 333 266 MHz @CL4 f CK4 266 266 MHz @CL3 f CK3 200 200 MHz min. RAS-CAS-Delay t RCD 15 15 ns min. Row Precharge Time t RP 15 15 ns min. Row Active Time t RAS 45 45 ns min. Row Cycle Time t RC 60 60 ns |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HYS72T512022EP | 240-Pin Dual Die Registered DDR2 SDRAM Modules | 1 2 3 4 5 More | Qimonda AG |
| HYS72T256000ER | 240-Pin Registered DDR2 SDRAM Modules | 1 2 3 4 5 More | Qimonda AG |
| HYS72T1G042ER | 240-Pin Dual Die Registered DDR2 SDRAM Modules | 1 2 3 4 5 More | Qimonda AG |
| HYS72T32000HR | 240-Pin Registered DDR2 SDRAM Modules | 1 2 3 4 5 More | Qimonda AG |
| HYS72T64000HR | 240-Pin Registered DDR2 SDRAM Modules | 1 2 3 4 5 More | Qimonda AG |
| HYS72T64000HR-3S-B | 240-Pin Registered DDR2 SDRAM Modules | 1 2 3 4 5 More | Qimonda AG |
| HYS72T64300HP-3S-A | 240-Pin Registered DDR2 SDRAM Modules | 1 2 3 4 5 More | Qimonda AG |
| HYS72T1G242EP | 240-Pin Dual Die Registered DDR2 SDRAM Modules | 1 2 3 4 5 More | Qimonda AG |
| HYS72T32000HP | 240-Pin Registered DDR2 SDRAM Modules | 1 2 3 4 5 More | Qimonda AG |
| HYS72T64301HP | 240-Pin Registered DDR2 SDRAM Modules | 1 2 3 4 5 More | Qimonda AG |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |