Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7915ACV Datasheet(PDF) 5 Page - STMicroelectronics

Part # L7915ACV
Description  2% NEGATIVE VOLTAGE REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7915ACV Datasheet(HTML) 5 Page - STMicroelectronics

  L7915ACV Datasheet HTML 1Page - STMicroelectronics L7915ACV Datasheet HTML 2Page - STMicroelectronics L7915ACV Datasheet HTML 3Page - STMicroelectronics L7915ACV Datasheet HTML 4Page - STMicroelectronics L7915ACV Datasheet HTML 5Page - STMicroelectronics L7915ACV Datasheet HTML 6Page - STMicroelectronics L7915ACV Datasheet HTML 7Page - STMicroelectronics L7915ACV Datasheet HTML 8Page - STMicroelectronics L7915ACV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
L7900AC SERIES
5/13
Table 7: Electrical Characteristics Of L7912A (refer to the test circuits, TJ = 0 to 125°C, VI = -19V,
IO = 500 mA, CI = 2.2 µF, CO = 1 µF unless otherwise specified).
(*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
Table 8: Electrical Characteristics Of L7915A (refer to the test circuits, TJ = 0 to 125°C, VI = -23V,
IO = 500 mA, CI = 2.2 µF, CO = 1 µF unless otherwise specified).
(*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
-11.75
-12
-12.25
V
VO
Output Voltage
IO = -5 mA to -1 A
PO ≤ 15W
VI = -15.5 to -27 V
-11.5
-12
-12.5
V
∆V
O(*)
Line Regulation
VI = -14.5 to -30 V
TJ = 25°C
240
mV
VI = -16 to -22 V
TJ = 25°C
120
∆V
O(*)
Load Regulation
IO = 5 mA to 1.5 A
TJ = 25°C
240
mV
IO = 250 to 750 mA
TJ = 25°C
120
Id
Quiescent Current
TJ = 25°C
3
mA
∆I
d
Quiescent Current Change
IO = 5 mA to 1 A
0.5
mA
VI = -15 to -25 V
1
∆V
O/∆T
Output Voltage Drift
IO = 5 mA
-0.8
mV/°C
eN
Output Noise Voltage
B = 10Hz to 100KHz
TJ = 25°C
200
µV
SVR
Supply Voltage Rejection
∆V
I = 10 V f = 120Hz
54
60
dB
Vd
Dropout Voltage
IO = 1 A
TJ = 25°C
∆V
O = 100
mV
1.1
V
Isc
Short Circuit Current
1.5
A
Iscp
Short Circuit Peak Current
TJ = 25°C
2.5
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
-14.7
-15
-15.3
V
VO
Output Voltage
IO = -5 mA to -1 A
PO ≤ 15W
VI = -18.5 to -30 V
-14.4
-15
-15.6
V
∆V
O(*)
Line Regulation
VI = -17.5 to -30 V
TJ = 25°C
300
mV
VI = -20 to -26 V
TJ = 25°C
150
∆V
O(*)
Load Regulation
IO = 5 mA to 1.5 A
TJ = 25°C
300
mV
IO = 250 to 750 mA
TJ = 25°C
150
Id
Quiescent Current
TJ = 25°C
3
mA
∆I
d
Quiescent Current Change
IO = 5 mA to 1 A
0.5
mA
VI = -18.5 to -30 V
1
∆V
O/∆T
Output Voltage Drift
IO = 5 mA
-0.9
mV/°C
eN
Output Noise Voltage
B = 10Hz to 100KHz
TJ = 25°C
250
µV
SVR
Supply Voltage Rejection
∆V
I = 10 V f = 120Hz
54
60
dB
Vd
Dropout Voltage
IO = 1 A
TJ = 25°C
∆V
O = 100
mV
1.1
V
Isc
Short Circuit Current
1.3
A
Iscp
Short Circuit Peak Current
TJ = 25°C
2.3
A


Similar Part No. - L7915ACV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7915ACV STMICROELECTRONICS-L7915ACV Datasheet
93Kb / 11P
   2% NEGATIVE VOLTAGE REGULATORS
L7915ACV STMICROELECTRONICS-L7915ACV Datasheet
748Kb / 20P
   2 % negative voltage regulators
L7915ACV STMICROELECTRONICS-L7915ACV Datasheet
748Kb / 20P
   2 % negative voltage regulatorsm
L7915ACV STMICROELECTRONICS-L7915ACV Datasheet
652Kb / 28P
   Negative voltage regulators
June 2014 Rev 22
L7915ACV-DG STMICROELECTRONICS-L7915ACV-DG Datasheet
652Kb / 28P
   Negative voltage regulators
June 2014 Rev 22
More results

Similar Description - L7915ACV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7900AC STMICROELECTRONICS-L7900AC Datasheet
93Kb / 11P
   2% NEGATIVE VOLTAGE REGULATORS
L7905AC STMICROELECTRONICS-L7905AC_08 Datasheet
748Kb / 20P
   2 % negative voltage regulators
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI-UA79M00 Datasheet
312Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
   Negative voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com