|
| LMBD2835LT1G |
|
||
|
LRC |
|
5 page
Shipment Specification 10 Reel 12 Inner Box/Carton 360KPCS/Carton Dim(Unit:mm) Dim(Unit:mm) 10Reel/Inner Box 30KPCS/Inner Box LABEL CPN LABEL LABEL LABEL 乐山无线电股份有限公司 Leshan Radio Company,Ltd. MARK 195mm*195mm*150mm 460mm*400mm*420mm 8000PCS/Reel (SOT-723,SOD-723) 3000PCS/Reel 80KPCS/Inner Box (SOT-723,SOD-723) 960KPCS/Carton (SOT-723,SOD-723) LESHAN RADIO COMPANY, LTD. |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MMBD2835LT1_05 | Monolithic Dual Switching Diodes | 1 2 3 4 | ON Semiconductor |
| MMBD2837LT1 | Monolithic Dual Switching Diodes | 1 2 3 4 | ON Semiconductor |
| BAV70LT1 | Monolithic Dual Switching Diode Common Cathode | 1 2 3 4 | ON Semiconductor |
| M1MA151WAT1 | Common Anode Silicon Dual Switching Diodes | 1 2 3 4 | ON Semiconductor |
| M1MA151WKT1 | Common Cathode Silicon Dual Switching Diodes | 1 2 3 | ON Semiconductor |
| MMBD6100LT1_06 | Monolithic Dual Switching Diode | 1 2 3 | ON Semiconductor |
| BA892V-04W | Band Switching Diodes - Dual Series in SOT-323 | 1 2 3 4 5 | Vishay Siliconix |
| BAV70DXV6T1 | Monolithic Dual Switching Diode Common Cathode | 1 2 3 4 5 More | ON Semiconductor |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| BAV74LT1 | Monolithic Dual Switching Diode | 1 2 3 | ON Semiconductor |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |