Part Name
         Description
LMBD2835LT1G

 Monolithic Dual Switching Diodes ( 5 Page)


LRC
100% 
Zoom Out Zoom In
   
 1 page
background image
LESHAN RADIO COMPANY, LTD.
1/3
MAXIMUM RATINGS
THERMAL CHARACTERISTICS
Characteristic
Symbol
M a x
Unit
Total Device Dissipation FR– 5 Board (1)
PD
225
mW
T A = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
R θ JA
556
°C/W
Total Device Dissipation
P D
300
mW
Alumina Substrate, (2) T A = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
R θ JA
417
°C/W
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
DEVICE MARKING
LMBD2835LT1G = A3X;LMBD2836LT1G=A2X
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted)( EACH DIODE )
Characteristic
Symbol
Min
Ma x
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage(I R = 100
µAdc) LMBD2835LT1
V (BR)
35
Vdc
LMBD2836LT1
75
Reverse Voltage Leakage Current
I R
nAdc
(V R = 30 Vdc)
LMBD2835LT1
100
(V R = 50 Vdc)
LMBD2836LT1
100
Diode Capacitance
C T
4.0
pF
(V R = 0, f = 1.0 MHz)
Forward Voltage(I F = 10 mAdc)
V F
1.0
Vdc
(I F = 50 mAdc)
1.0
(I F = 100 mAdc)
1.2
Reverse Recovery Time(I F = I R = 10 mAdc, I R(REC)= 1.0mAdc) (Figure 1)
t rr
4.0
ns
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
Monolithic Dual Switching Diodes
ORDERING INFORMATION
Device
Marking
Shipping
LMBD2835LT1G
A3X
3000/Tape&Reel
LMBD2835LT3G
A3X
10000/Tape&Reel
LMBD2836LT1G
A2X
3000/Tape&Reel
LMBD2836LT3G
A2X
10000/Tape&Reel
FETURE
2
CATHODE
CATHODE
1
ANODE
3
1
3
2
SOT– 23 (TO–236AB)
LMBD2835LT1G
LMBD2836LT1G
Rating
Symbol
Value
Unit
Peak Reverse Voltage
V RM
75
Vdc
D.C Reverse Voltage
LMBD2835LT1G
V R
35
Vdc
LMBD2836LT1G
75
Peak Forward Current
I FM
450
mAdc
300
Average Rectified Current
I O
150
mAdc
100
We declare that the material of product
compliance with RoHS requirements.
1  2  3  4  5 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MMBD2835LT1_05Monolithic Dual Switching Diodes 1 2 3 4 ON Semiconductor
MMBD2837LT1Monolithic Dual Switching Diodes 1 2 3 4 ON Semiconductor
BAV70LT1Monolithic Dual Switching Diode Common Cathode 1 2 3 4 ON Semiconductor
M1MA151WAT1Common Anode Silicon Dual Switching Diodes 1 2 3 4 ON Semiconductor
M1MA151WKT1Common Cathode Silicon Dual Switching Diodes 1 2 3 ON Semiconductor
MMBD6100LT1_06Monolithic Dual Switching Diode 1 2 3 ON Semiconductor
BA892V-04WBand Switching Diodes - Dual Series in SOT-323 1 2 3 4 5 Vishay Siliconix
BAV70DXV6T1Monolithic Dual Switching Diode Common Cathode 1 2 3 4 5 MoreON Semiconductor
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
BAV74LT1Monolithic Dual Switching Diode 1 2 3 ON Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl