Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72T128020HU-3-A Datasheet(PDF) 7 Page - Qimonda AG

Part # HYS72T128020HU-3-A
Description  240-Pin Unbuffered DDR2 SDRAM Modules
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T128020HU-3-A Datasheet(HTML) 7 Page - Qimonda AG

Back Button HYS72T128020HU-3-A Datasheet HTML 3Page - Qimonda AG HYS72T128020HU-3-A Datasheet HTML 4Page - Qimonda AG HYS72T128020HU-3-A Datasheet HTML 5Page - Qimonda AG HYS72T128020HU-3-A Datasheet HTML 6Page - Qimonda AG HYS72T128020HU-3-A Datasheet HTML 7Page - Qimonda AG HYS72T128020HU-3-A Datasheet HTML 8Page - Qimonda AG HYS72T128020HU-3-A Datasheet HTML 9Page - Qimonda AG HYS72T128020HU-3-A Datasheet HTML 10Page - Qimonda AG HYS72T128020HU-3-A Datasheet HTML 11Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
Internet Data Sheet
Rev. 1.41, 2007-05
7
03292006-EZUJ-JY4S
HYS[64/72]T[32/64/128]xx0HU–[3/3S/3.7/5]–A
Unbuffered DDR2 SDRAM Modules
2
Pin Configurations
This chapter contains information to the pin configuration of the modules as well as the block diagrams to the various module
organization
The pin configuration of the Unbuffered DDR2 SDRAM DIMM
is listed by function in Table 7 (240 pins). The abbreviations
used in columns Pin and Buffer Type are explained in Table 8
and Table 9 respectively. The pin numbering is depicted in
Figure 1 for non-ECC modules (
×64) and Figure 2 for ECC
modules
(×72).
TABLE 7
Pin Configuration of UDIMM
Ball No.
Name
Pin
Type
Buffer
Type
Function
Clock Signals
185
CK0
I
SSTL
Clock Signals 2:0, Complement Clock Signals 2:0
137
CK1
I
SSTL
220
CK2
I
SSTL
186
CK0
I
SSTL
138
CK1
I
SSTL
221
CK2
I
SSTL
52
CKE0
I
SSTL
Clock Enable Rank 1:0
171
CKE1
I
SSTL
NC
NC
Not Connected
Note: 1 Rank module
Control Signals
193
S0#
I
SSTL
Chip Select Rank 1:0
76
S1#
I
SSTL
NC
NC
Not Connected
Note: 1 Rank module
192
RAS
I
SSTL
Row Address Strobe
74
CAS
I
SSTL
Column Address Strobe
73
WE
I
SSTL
Write Enable
Address Signals
71
BA0
I
SSTL
Bank Address Bus 1:0
190
BA1
I
SSTL
54
BA2
I
SSTL
Bank Address Bus 2
NC
NC
Not Connected
Less than 1Gb DDR2 SDRAMS


Similar Part No. - HYS72T128020HU-3-A

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T128020HU-3-B QIMONDA-HYS72T128020HU-3-B Datasheet
5Mb / 87P
   240-Pin unbuffered DDR2 SDRAM Modules
More results

Similar Description - HYS72T128020HU-3-A

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T256020HU QIMONDA-HYS64T256020HU Datasheet
3Mb / 61P
   240-Pin Unbuffered DDR2 SDRAM Modules
logo
Infineon Technologies A...
HYS64T32000GU INFINEON-HYS64T32000GU Datasheet
1Mb / 67P
   240-Pin Unbuffered DDR2 SDRAM Modules
Rev. 0.87, June 2004
logo
Qimonda AG
HYS64T32000EU-25F-B2 QIMONDA-HYS64T32000EU-25F-B2 Datasheet
5Mb / 95P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS64T256020EU-25F-B QIMONDA-HYS64T256020EU-25F-B Datasheet
3Mb / 60P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS64T16000HU QIMONDA-HYS64T16000HU Datasheet
4Mb / 73P
   240-Pin Unbuffered DDR2 SDRAM Modules
HYS64T32000HU-25F-B QIMONDA-HYS64T32000HU-25F-B Datasheet
5Mb / 87P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS72T512022HFN-3.7-A QIMONDA-HYS72T512022HFN-3.7-A Datasheet
1Mb / 32P
   240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com