Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYS72T64000HU-3S-A Datasheet(PDF) 2 Page - Qimonda AG

Part # HYS72T64000HU-3S-A
Description  240-Pin Unbuffered DDR2 SDRAM Modules
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QIMONDA [Qimonda AG]
Direct Link  http://www.qimonda.com
Logo QIMONDA - Qimonda AG

HYS72T64000HU-3S-A Datasheet(HTML) 2 Page - Qimonda AG

  HYS72T64000HU-3S-A Datasheet HTML 1Page - Qimonda AG HYS72T64000HU-3S-A Datasheet HTML 2Page - Qimonda AG HYS72T64000HU-3S-A Datasheet HTML 3Page - Qimonda AG HYS72T64000HU-3S-A Datasheet HTML 4Page - Qimonda AG HYS72T64000HU-3S-A Datasheet HTML 5Page - Qimonda AG HYS72T64000HU-3S-A Datasheet HTML 6Page - Qimonda AG HYS72T64000HU-3S-A Datasheet HTML 7Page - Qimonda AG HYS72T64000HU-3S-A Datasheet HTML 8Page - Qimonda AG HYS72T64000HU-3S-A Datasheet HTML 9Page - Qimonda AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all?
Your feedback will help us to continuously improve the quality of this document.
Please send your proposal (including a reference to this document) to:
techdoc@qimonda.com
Internet Data Sheet
HYS[64/72]T[32/64/128]xx0HU–[3/3S/3.7/5]–A
Unbuffered DDR2 SDRAM Modules
qag_techdoc_rev400 / 3.2 QAG / 2006-08-07
2
03292006-EZUJ-JY4S
HYS64T32x00HU–[3/3S/3.7/5]–A, HYS[64/72]T64x00HU–[3/3S/3.7/5]–A, HYS[64/72]T128x20HU–[3/3S/3.7/5]–A
Revision History: 2007-01, Rev. 1.41
Page
Subjects (major changes since last revision)
All
Adapted internet edition
42, 43
Table 30 Footnote 4 updated.
Previous Revision: 2007-01, Rev. 1.40
All
Added Products HYS64T[32/64/128]9x0HU–[3S/3.7]–A
Previous Revision: 2006-09, Rev. 1.32
All
Qimonda update
Previous Revision: 2006-03, Rev. 1.31
43, 44, 45, 46
Editorial changes
29, 34, 37
Updated AC Timing Parameter table DQS DQ skew value is the max. value
48
Added 50 ohm data
Previous Revision: 2005-08, Rev. 1.3


Similar Part No. - HYS72T64000HU-3S-A

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS72T64000HU-3S-B QIMONDA-HYS72T64000HU-3S-B Datasheet
5Mb / 87P
   240-Pin unbuffered DDR2 SDRAM Modules
More results

Similar Description - HYS72T64000HU-3S-A

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYS64T256020HU QIMONDA-HYS64T256020HU Datasheet
3Mb / 61P
   240-Pin Unbuffered DDR2 SDRAM Modules
logo
Infineon Technologies A...
HYS64T32000GU INFINEON-HYS64T32000GU Datasheet
1Mb / 67P
   240-Pin Unbuffered DDR2 SDRAM Modules
Rev. 0.87, June 2004
logo
Qimonda AG
HYS64T32000EU-25F-B2 QIMONDA-HYS64T32000EU-25F-B2 Datasheet
5Mb / 95P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS64T256020EU-25F-B QIMONDA-HYS64T256020EU-25F-B Datasheet
3Mb / 60P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS64T16000HU QIMONDA-HYS64T16000HU Datasheet
4Mb / 73P
   240-Pin Unbuffered DDR2 SDRAM Modules
HYS64T32000HU-25F-B QIMONDA-HYS64T32000HU-25F-B Datasheet
5Mb / 87P
   240-Pin unbuffered DDR2 SDRAM Modules
HYS72T512022HFN-3.7-A QIMONDA-HYS72T512022HFN-3.7-A Datasheet
1Mb / 32P
   240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com