Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494CPWRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TL494CPWRG4
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL494CPWRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL494CPWRG4 Datasheet HTML 2Page - Texas Instruments TL494CPWRG4 Datasheet HTML 3Page - Texas Instruments TL494CPWRG4 Datasheet HTML 4Page - Texas Instruments TL494CPWRG4 Datasheet HTML 5Page - Texas Instruments TL494CPWRG4 Datasheet HTML 6Page - Texas Instruments TL494CPWRG4 Datasheet HTML 7Page - Texas Instruments TL494CPWRG4 Datasheet HTML 8Page - Texas Instruments TL494CPWRG4 Datasheet HTML 9Page - Texas Instruments TL494CPWRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Test
Inputs
DTC
FEEDBACK
RT
CT
GND
50 k
12 k
0.01
µF
VCC
REF
OUTPUT
CTRL
E2
C2
E1
C1
Output 1
Output 2
150
2 W
150
2 W
VCC = 15 V
TEST CIRCUIT
1IN+
VCC
VCC
0 V
0 V
Voltage
at C1
Voltage
at C2
Voltage
at CT
DTC
FEEDBACK
0 V
0.7 V
0%
MAX
0%
Threshold Voltage
Threshold Voltage
VOLTAGE WAVEFORMS
Duty Cycle
Error
Amplifiers
7
14
12
8
9
11
10
4
3
6
5
1
2
16
15
13
1IN−
2IN−
2IN+
TL494
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS074E – JANUARY 1983 – REVISED FEBRUARY 2005
Figure 1. Operational Test Circuit and Waveforms
6


Similar Part No. - TL494CPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL494CPWRG4 TI-TL494CPWRG4 Datasheet
449Kb / 17P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL494CPWRG4 TI-TL494CPWRG4 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL494CPWRG4 TI-TL494CPWRG4 Datasheet
614Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL494CPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com