Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494IDE4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TL494IDE4
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL494IDE4 Datasheet(HTML) 3 Page - Texas Instruments

  TL494IDE4 Datasheet HTML 1Page - Texas Instruments TL494IDE4 Datasheet HTML 2Page - Texas Instruments TL494IDE4 Datasheet HTML 3Page - Texas Instruments TL494IDE4 Datasheet HTML 4Page - Texas Instruments TL494IDE4 Datasheet HTML 5Page - Texas Instruments TL494IDE4 Datasheet HTML 6Page - Texas Instruments TL494IDE4 Datasheet HTML 7Page - Texas Instruments TL494IDE4 Datasheet HTML 8Page - Texas Instruments TL494IDE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
TL494
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS074E – JANUARY 1983 – REVISED FEBRUARY 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage(2)
41
V
VI
Amplifier input voltage
VCC + 0.3
V
VO
Collector output voltage
41
V
IO
Collector output current
250
mA
D package
73
DB package
82
θ
JA
Package thermal impedance(3)(4)
N package
67
°C/W
NS package
64
PW package
108
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the network ground terminal.
(3)
Maximum power disipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperatire is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC
Supply voltage
7
40
V
VI
Amplifier input voltage
–0.3
VCC – 2
V
VO
Collector output voltage
40
V
Collector output current (each transistor)
200
mA
Current into feedback terminal
0.3
mA
fOSC
Oscillator frequency
1
300
kHz
CT
Timing capacitor
0.47
10000
nF
RT
Timing resistor
1.8
500
k
TL494C
0
70
TA
Operating free-air temperature
°C
TL494I
–40
85
3


Similar Part No. - TL494IDE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL494IDE4 TI-TL494IDE4 Datasheet
449Kb / 17P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL494IDE4 TI-TL494IDE4 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL494IDE4 TI-TL494IDE4 Datasheet
614Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL494IDE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com