Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4050BEM3-4.1-T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # LM4050BEM3-4.1-T
Description  50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM4050BEM3-4.1-T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button LM4050BEM3-4.1-T Datasheet HTML 6Page - Maxim Integrated Products LM4050BEM3-4.1-T Datasheet HTML 7Page - Maxim Integrated Products LM4050BEM3-4.1-T Datasheet HTML 8Page - Maxim Integrated Products LM4050BEM3-4.1-T Datasheet HTML 9Page - Maxim Integrated Products LM4050BEM3-4.1-T Datasheet HTML 10Page - Maxim Integrated Products LM4050BEM3-4.1-T Datasheet HTML 11Page - Maxim Integrated Products LM4050BEM3-4.1-T Datasheet HTML 12Page - Maxim Integrated Products LM4050BEM3-4.1-T Datasheet HTML 13Page - Maxim Integrated Products LM4050BEM3-4.1-T Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
50ppm/°C Precision Micropower Shunt Voltage
References with Multiple Reverse Breakdown Voltages
10
______________________________________________________________________________________
LM4050-5.0V
STARTUP CHARACTERISTICS
LM4050 toc13
040
50
20 30
10
60
70 80 90
RESPONSE TIME (
µs)
5V
0
0
4V
2V
RS = 16k
SEE FIGURE 2.
0.1k
10k
1k
100k
1M
LM4050-2.5V
OUTPUT IMPEDANCE vs. FREQUENCY
FREQUENCY (Hz)
1000
0.1
1
10
100
IR = 150
µA
IR = 1mA
C1 = 1
µF
C1 = 0
Typical Operating Characteristics (continued)
(IR = 100µA, SC70-3 package, TA = +25°C, unless otherwise noted.)
LM4050-2.5V
STARTUP CHARACTERISTICS
LM4050 toc12
016
20
812
424
28 32 36
RESPONSE TIME (
µs)
5V
0
0
2V
1V
RS = 30k
SEE FIGURE 2.
1
100
10
1k
10k
LM4050-2.5V
NOISE vs. FREQUENCY
FREQUENCY (Hz)
10,000
100
1000
1
100
10
1k
10k
LM4050-5.0V
NOISE vs. FREQUENCY
FREQUENCY (Hz)
10,000
100
1000
0.1k
10k
1k
100k
1M
LM4050-5.0V
OUTPUT IMPEDANCE vs. FREQUENCY
FREQUENCY (Hz)
100
0.1
1
10
IR = 150
µA
IR = 1mA
C1 = 0
C1 = 1
µF
RS
VIN
1Hz RATE
50%
DUTY CYCLE
VR
Figure 2. Startup Characteristics Test Circuit


Similar Part No. - LM4050BEM3-4.1-T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4050BEM3-4.1 NSC-LM4050BEM3-4.1 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4050BEM3-4.1 TI1-LM4050BEM3-4.1 Datasheet
324Kb / 20P
[Old version datasheet]   LM4050/LM4050Q Precision Micropower Shunt Voltage Reference
LM4050BEM3-4.1 TI-LM4050BEM3-4.1 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050BEM3-4.1 TI-LM4050BEM3-4.1 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
logo
Maxim Integrated Produc...
LM4050BEM3-4.1+T MAXIM-LM4050BEM3-4.1+T Datasheet
251Kb / 13P
   50ppm/째C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 4; 5/09
More results

Similar Description - LM4050BEM3-4.1-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LM4050 MAXIM-LM4050_09 Datasheet
251Kb / 13P
   50ppm/째C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 4; 5/09
LM4050 MAXIM-LM4050_11 Datasheet
495Kb / 14P
   50ppmC Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown
Rev 5; 5/11
LM4040 MAXIM-LM4040 Datasheet
415Kb / 15P
   Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Rev 7; 11/11
LM4040 MAXIM-LM4040_V01 Datasheet
1Mb / 17P
   Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
2019
MAX6138 MAXIM-MAX6138_19 Datasheet
2Mb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
MAX6138 MAXIM-MAX6138 Datasheet
331Kb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Rev 2; 4/04
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com