Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT10GC-J57 Datasheet(PDF) 3 Page - Bookham, Inc.

Part # AT10GC-J57
Description  10Gb/s surface mount coplanar APD preamp receiver for low OSNR applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

AT10GC-J57 Datasheet(HTML) 3 Page - Bookham, Inc.

  AT10GC-J57 Datasheet HTML 1Page - Bookham, Inc. AT10GC-J57 Datasheet HTML 2Page - Bookham, Inc. AT10GC-J57 Datasheet HTML 3Page - Bookham, Inc. AT10GC-J57 Datasheet HTML 4Page - Bookham, Inc. AT10GC-J57 Datasheet HTML 5Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Data Sheet
3
Pin Out
Pin #
Symbol
Function
Pin #
Symbol
Function
1
NC
Case ground
10
Out_P
Positive output
2V
pd
APD bias voltage
11
GND
Case ground
3
NC
No connection
12
GND
Case ground
4
NC
Amplifier bias
13
FBIN
Offset feedback
5
NC
No connection
14
NC
No connection
6
GND
Case ground
15
NC
No connection
7
GND
Case RF ground
16
Rth
Thermistor
8
Out_N
Negative RF data output
17
GND
Case ground
9
GND
Case ground
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Amplifier bias voltage
V
ee
-6.0
0.5
V
Operating temperature
[1]
T
op
-40
+85
°C
Storage temperature
[2]
T
stg
-40
+85
°C
Input photocurrent
I
PD
3mA
APD bias voltage
V
APD
0
Vbr
V
Fiber bend radius
20
mm
Notes:
[1] The operating temperature is defined as the temperature of the module case.
[2] The rating is referred to the ambient temperature.
Class 2 ESD precautions must be observed when handling these devices.
The table below provides maximum and/or minimum values of
critical parameters which will not permanently damage the device,
but for which the operating specification may not hold.


Similar Part No. - AT10GC-J57

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
AT10 TOCOS-AT10 Datasheet
506Kb / 4P
   10mm Square, Single-Turn, Through-Hole Sealed Cermet Attenuators
logo
Knowles Electronics
AT10 KNOWLES-AT10 Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
Tyco Electronics
AT10-0009 MACOM-AT10-0009 Datasheet
236Kb / 3P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
AT10-0009 MACOM-AT10-0009 Datasheet
253Kb / 3P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AT10-0009 MA-COM-AT10-0009 Datasheet
79Kb / 4P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
More results

Similar Description - AT10GC-J57

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
AT10XGC BOOKHAM-AT10XGC Datasheet
624Kb / 6P
   High Sensitivity 10Gb/s surface mount coplanar APD preamp receiver
logo
List of Unclassifed Man...
ATV10GC ETC1-ATV10GC Datasheet
563Kb / 7P
   10Gb/s surface mount coplanar APD preamp receiver with integrated MEMS VOA
logo
Bookham, Inc.
ATV10GC BOOKHAM-ATV10GC Datasheet
1Mb / 7P
   10Gb/s surface mount coplanar APD preamp receiver with integrated MEMS VOA
PT10GC BOOKHAM-PT10GC Datasheet
762Kb / 6P
   10Gb/s Coplanar PIN Preamp Receiver
AT3SGCC BOOKHAM-AT3SGCC Datasheet
148Kb / 5P
   2.5Gb/s High Sensitivity coplanar APD preamp receiver
PT10XGC BOOKHAM-PT10XGC Datasheet
530Kb / 5P
   10Gb/s High Sensitivity Coplanar PIN Preamp Receiver
PTV10GC BOOKHAM-PTV10GC Datasheet
195Kb / 6P
   10Gb/s surface mount coplanar PIN preamp receiver with integrated MEMS VOA
logo
Eudyna Devices Inc
FRM5J141GT EUDYNA-FRM5J141GT Datasheet
304Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5N141GW EUDYNA-FRM5N141GW Datasheet
306Kb / 4P
   InGaAs-APD/Preamp Receiver
logo
List of Unclassifed Man...
FRM5N143DS ETC1-FRM5N143DS Datasheet
1Mb / 7P
   InGaAs-APD/Preamp Receiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com