Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT10XGC-J Datasheet(PDF) 6 Page - Bookham, Inc.

Part # AT10XGC-J
Description  High Sensitivity 10Gb/s surface mount coplanar APD preamp receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

AT10XGC-J Datasheet(HTML) 6 Page - Bookham, Inc.

  AT10XGC-J Datasheet HTML 1Page - Bookham, Inc. AT10XGC-J Datasheet HTML 2Page - Bookham, Inc. AT10XGC-J Datasheet HTML 3Page - Bookham, Inc. AT10XGC-J Datasheet HTML 4Page - Bookham, Inc. AT10XGC-J Datasheet HTML 5Page - Bookham, Inc. AT10XGC-J Datasheet HTML 6Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Data Sheet
6
BH12852 Rev 2.0 January 2007.
©Bookham 2006. Bookham is a registered trademark of Bookham Inc.
RoHS Compliance
Bookham is fully committed to environment
protection and sustainable development and has
set in place a comprehensive program for
removing polluting and hazardous substances from
all of its products. The relevant evidence of RoHS
compliance is held as part of our controlled
documentation for each of our compliant products.
RoHS compliance parts are available to order,
please refer to the ordering information section for
further details.
Ordering Information:
AT10XGC
- (Connector)
J = SC/PC
J57 = LC
e.g. AT10XGC-J is an AT10XGC with an SC/PC connector.
Other options available on request
Figure [5] Typical BER performance, measured with 9.95Gb/s 2^31-1 PRBS,
extinction ratio > 12dB, Q factor > 30, 50% crossing level, 1550nm at 25ºC.
Important Notice
Performance figures, data and any illustrative material
provided in this data sheet are typical and must be
specifically confirmed in writing by Bookham before
they become applicable to any particular order or
contract. In accordance with the Bookham policy of
continuous improvement specifications may change
without notice. The publication of information in this
data sheet does not imply freedom from patent or other
protective rights of Bookham or others. Further details
are available from any Bookham sales representative.
Contact Information
North America
Bookham Worldwide
Headquarters
2584 Junction Ave.
San Jose
CA 95134
USA
• Tel: +1 408 919 1500
• Fax: +1 408 919 6083
www.bookham.com
sales@bookham.com
Europe
Paignton Office
Brixham Road
Paignton
Devon
TQ4 7BE
United Kingdom
• Tel: +44 (0) 1803 66 2000
• Fax: +44 (0) 1803 66 2801
Asia
Shenzhen Office
2 Phoenix Road
Futian Free Trade Zone
Shenzhen 518038
China
• Tel: +86 755 33305888
• Fax: +86 755 33305805
+86 755 33305807
Typical Performance Characteristics (continued)
ISO14001:1996
EMS 504193
TL9000 Rev 3.0 (ISO9001:2000)
FM15040


Similar Part No. - AT10XGC-J

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
AT10 TOCOS-AT10 Datasheet
506Kb / 4P
   10mm Square, Single-Turn, Through-Hole Sealed Cermet Attenuators
logo
Knowles Electronics
AT10 KNOWLES-AT10 Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
Tyco Electronics
AT10-0009 MACOM-AT10-0009 Datasheet
236Kb / 3P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
AT10-0009 MACOM-AT10-0009 Datasheet
253Kb / 3P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AT10-0009 MA-COM-AT10-0009 Datasheet
79Kb / 4P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
More results

Similar Description - AT10XGC-J

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
AT3SGCC BOOKHAM-AT3SGCC Datasheet
148Kb / 5P
   2.5Gb/s High Sensitivity coplanar APD preamp receiver
PT10XGC BOOKHAM-PT10XGC Datasheet
530Kb / 5P
   10Gb/s High Sensitivity Coplanar PIN Preamp Receiver
AT10GC BOOKHAM-AT10GC Datasheet
155Kb / 5P
   10Gb/s surface mount coplanar APD preamp receiver for low OSNR applications
logo
List of Unclassifed Man...
ATV10GC ETC1-ATV10GC Datasheet
563Kb / 7P
   10Gb/s surface mount coplanar APD preamp receiver with integrated MEMS VOA
logo
Bookham, Inc.
ATV10GC BOOKHAM-ATV10GC Datasheet
1Mb / 7P
   10Gb/s surface mount coplanar APD preamp receiver with integrated MEMS VOA
PT10GC BOOKHAM-PT10GC Datasheet
762Kb / 6P
   10Gb/s Coplanar PIN Preamp Receiver
PTV10GC BOOKHAM-PTV10GC Datasheet
195Kb / 6P
   10Gb/s surface mount coplanar PIN preamp receiver with integrated MEMS VOA
logo
Eudyna Devices Inc
FRM5J141GT EUDYNA-FRM5J141GT Datasheet
304Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5N141GW EUDYNA-FRM5N141GW Datasheet
306Kb / 4P
   InGaAs-APD/Preamp Receiver
logo
List of Unclassifed Man...
FRM5N143DS ETC1-FRM5N143DS Datasheet
1Mb / 7P
   InGaAs-APD/Preamp Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com