Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1065BEUI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1065BEUI
Description  Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1065BEUI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1065BEUI Datasheet HTML 3Page - Maxim Integrated Products MAX1065BEUI Datasheet HTML 4Page - Maxim Integrated Products MAX1065BEUI Datasheet HTML 5Page - Maxim Integrated Products MAX1065BEUI Datasheet HTML 6Page - Maxim Integrated Products MAX1065BEUI Datasheet HTML 7Page - Maxim Integrated Products MAX1065BEUI Datasheet HTML 8Page - Maxim Integrated Products MAX1065BEUI Datasheet HTML 9Page - Maxim Integrated Products MAX1065BEUI Datasheet HTML 10Page - Maxim Integrated Products MAX1065BEUI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Low-Power, 14-Bit Analog-to-Digital Converters
with Parallel Interface
_______________________________________________________________________________________
7
Pin Description (continued)
PIN
NAME
MAX1065
MAX1066
MAX1065
MAX1066
FUNCTION
15
11
REFADJ
Reference Buffer Output. Bypass REFADJ with a 0.1µF capacitor to AGND for
internal reference mode. Connect REFADJ to AVDD to select external
reference mode.
16
12
REF
Reference Input/Output. Bypass REF with a 1µF capacitor to AGND for internal
reference mode. External reference input when in external reference mode.
17
RESET
Reset Input. Logic high resets the device.
13
HBEN
High Byte-Enable Input. Used to multiplex the 14-bit conversion result.
1: Most significant byte available on the data bus.
0: Least significant byte available on the data bus.
18
14
CS
Convert Start. The first falling edge of
CS powers up the device and enables
acquire mode when R/
C is low. The second falling edge of CS starts
conversion. The third falling edge of
CS loads the result onto the bus when R/C
is high.
19
15
DGND
Digital Ground
20
16
DVDD
Digital Supply Voltage. Bypass with a 0.1µF capacitor to DGND.
21
17
N.C.
D0/D8
No Connection. Do Not Connect (MAX1065).
Three-State Digital Data Output (MAX1066).
22
18
N.C.
D1/D9
No Connection. Do Not Connect (MAX1065).
Three-State Digital Data Output (MAX1066).
23
19
D0
D2/D10
Three-State Digital Data Output
24
20
D1
D3/D11
Three-State Digital Data Output
25
D2
Three-State Digital Data Output
26
D3
Three-State Digital Data Output
27
D4
Three-State Digital Data Output
28
D5
Three-State Digital Data Output
REFERENCE
OUTPUT
REGISTERS
CLOCK
SUCCESSIVE-
APPROXIMATION
REGISTER AND
CONTROL LOGIC
CAPACITIVE
DAC
MAX1065
MAX1066
14 OR 8*
14 OR 8*
REFADJ
REF
DGND
AGND
RESET**
AIN
AVDD
DVDD
R/C
CS
EOC
HBEN*
AGND
D0–D13
OR
D0/D8–D5/D13*
*BYTE WIDE (MAX1066 ONLY)
**16-BIT WIDE (MAX1065 ONLY)
5k
Functional Diagram


Similar Part No. - MAX1065BEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1065BEUI MAXIM-MAX1065BEUI Datasheet
371Kb / 14P
   Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface
Rev 1; 6/09
More results

Similar Description - MAX1065BEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1065 MAXIM-MAX1065_09 Datasheet
371Kb / 14P
   Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface
Rev 1; 6/09
MAX1165-MAX1166 MAXIM-MAX1165-MAX1166 Datasheet
278Kb / 15P
   Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface
MAX1165 MAXIM-MAX1165 Datasheet
182Kb / 15P
   Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface
Rev 2; 8/08
logo
Texas Instruments
ADS7279 TI1-ADS7279_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7279 TI-ADS7279 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI-TLC1550I_07 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI1-TLC1550I_15 Datasheet
863Kb / 18P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
logo
Intronics Power, Inc.
DAS1157 INTRONICS-DAS1157 Datasheet
904Kb / 4P
   Low Power 14-Bit, 15-Bit & 16-Bit Sampling Analog-to-Digital Converters
logo
Analog Devices
ADC1130 AD-ADC1130_15 Datasheet
1Mb / 4P
   14-Bit High Speed, Analog To-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com